Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4041-N Datasheet(PDF) 6 Page - Texas Instruments

Part # LM4041-N
Description  Precision Micropower Shunt Voltage Reference
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4041-N Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM4041-N_16 Datasheet HTML 2Page - Texas Instruments LM4041-N_16 Datasheet HTML 3Page - Texas Instruments LM4041-N_16 Datasheet HTML 4Page - Texas Instruments LM4041-N_16 Datasheet HTML 5Page - Texas Instruments LM4041-N_16 Datasheet HTML 6Page - Texas Instruments LM4041-N_16 Datasheet HTML 7Page - Texas Instruments LM4041-N_16 Datasheet HTML 8Page - Texas Instruments LM4041-N_16 Datasheet HTML 9Page - Texas Instruments LM4041-N_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
LM4041-N, LM4041-N-Q1
SNOS641G – OCTOBER 1999 – REVISED JANUARY 2016
www.ti.com
6.5 LM4041-N-xx 1.2 Electrical Characteristics (Industrial Temperature Range)
All limits TA = TJ = 25°C for the LM4041xAIM3, LM4041xBIM3, LM4041AIZ, LM4041BIZ and LM4041BIM7 devices, unless
otherwise specified. The grades A and B designate initial reverse breakdown voltage tolerances of ±0.1% and ±0.2%,
respectively.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
Reverse breakdown
IR = 100 μA
1.225
V
voltage
LM4041AIM3, LM4041QAIM3
±1.2
LM4041AIM3, LM4041AIZ
IR = 100 μA
LM4041BIM3, LM4041QBIM3
VR
±2.4
LM4041BIZ, LM4041BIM7
Reverse breakdown
mV
voltage tolerance(3)
LM4041AIM3, LM4041QAIM3
±9.2
LM4041AIM3, LM4041AIZ
TA = TJ = TMIN to TMAX
LM4041BIM3, LM4041QBIM3
±10.4
LM4041BIZ, LM4041BIM7
TA = TJ = 25°C
45
60
Minimum operating
IRMIN
μA
current
TA = TJ = TMIN to TMAX
65
IR= 10 mA
±20
Average reverse
TA = TJ = 25°C
±15
breakdown
ΔVR/ΔT
IR = 1 mA
ppm/°C
voltage temperature
TA = TJ = TMIN to TMAX
±100
Coefficient(3)
IR = 100 μA
±15
TA = TJ = 25°C
0.7
1.5
IRMIN ≤ IR ≤ 1 mA
Reverse breakdown
TA = TJ = TMIN to TMAX
2
voltage change with
ΔVR/ΔIR
mV
operating
TA = TJ = 25°C
4
6
current change(4)
1 mA
≤ IR ≤ 12 mA
TA = TJ = TMIN to TMAX
8
Reverse dynamic
IR = 1 mA, f = 120 Hz,
ZR
0.5
1.5
Ω
impedance
IAC= 0.1 IR
IR = 100 μA
eN
Wideband noise
20
μVrms
10 Hz
≤ f ≤ 10 kHz
Reverse breakdown
t = 1000 hrs
ΔVR
voltage long-term
T = 25°C ±0.1°C
120
ppm
stability
IR = 100 μA
VHYST
Thermal hysteresis(5)
ΔT = −40°C to +125°C
0.08%
(1)
Limits are 100% production tested at 25°C. Limits over temperature are ensured through correlation using Statistical Quality Control
(SQC) methods. The limits are used to calculate AOQL.
(2)
Typicals are at TJ = 25°C and represent most likely parametric norm.
(3)
The overtemperature limit for Reverse Breakdown Voltage Tolerance is defined as the room temperature Reverse Breakdown Voltage
Tolerance ±[(
ΔVR↱ΔT)(max ΔT)(VR)]. Where, ΔVR/ΔT is the VR temperature coefficient, maxΔT is the maximum difference in
temperature from the reference point of 25 °C to T MAX or TMIN, and VR is the reverse breakdown voltage. The total over-temperature
tolerance for the different grades in the industrial temperature range where max
ΔT = 65°C is shown below:
A-grade: ±0.75% = ±0.1% ±100 ppm/°C × 65°C
B-grade: ±0.85% = ±0.2% ±100 ppm/°C × 65°C
C-grade: ±1.15% = ±0.5% ±100 ppm/°C × 65°C
D-grade: ±1.98% = ±1.0% ±150 ppm/°C × 65°C
E-grade: ±2.98% = ±2.0% ±150 ppm/°C × 65°C
The total over-temperature tolerance for the different grades in the extended temperature range where max
ΔT = 100 °C is shown
below:
B-grade: ±1.2% = ±0.2% ±100 ppm/°C × 100°C
C-grade: ±1.5% = ±0.5% ±100 ppm/°C × 100°C
D-grade: ±2.5% = ±1.0% ±150 ppm/°C × 100°C
E-grade: ±4.5% = ±2.0% ±150 ppm/°C × 100°C
Therefore, as an example, the A-grade LM4041-N 1.2 has an over-temperature Reverse Breakdown Voltage tolerance of ±1.2 V ×
0.75% = ±9.2 mV.
(4)
Load regulation is measured on pulse basis from no load to the specified load current. Output changes due to die temperature change
must be taken into account separately.
(5)
Thermal hysteresis is defined as the difference in voltage measured at +25°C after cycling to temperature –40°C and the +25°C
measurement after cycling to temperature +125°C.
6
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Product Folder Links: LM4041-N LM4041-N-Q1


Similar Part No. - LM4041-N_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4041-N TI-LM4041-N_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4041-N_16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com