Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4040AIM3-2.0 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LM4040AIM3-2.0
Description  Precision Micropower Shunt Voltage Reference
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4040AIM3-2.0 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM4040AIM3-2.0 Datasheet HTML 26Page - Texas Instruments LM4040AIM3-2.0 Datasheet HTML 27Page - Texas Instruments LM4040AIM3-2.0 Datasheet HTML 28Page - Texas Instruments LM4040AIM3-2.0 Datasheet HTML 29Page - Texas Instruments LM4040AIM3-2.0 Datasheet HTML 30Page - Texas Instruments LM4040AIM3-2.0 Datasheet HTML 31Page - Texas Instruments LM4040AIM3-2.0 Datasheet HTML 32Page - Texas Instruments LM4040AIM3-2.0 Datasheet HTML 33Page - Texas Instruments LM4040AIM3-2.0 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 67 page
background image
LM4040-N, LM4040-N-Q1
SNOS633J – OCTOBER 2000 – REVISED AUGUST 2015
www.ti.com
6.22 Electrical Characteristics: 10-V LM4040-N VR Tolerance Grades 'C' And 'D'; Temperature
Grade 'I'
all other limits TA = TJ = 25°C. The grades C and D designate initial Reverse Breakdown Voltage tolerances of ±0.5% and
±1%, respectively.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
Reverse Breakdown
IR = 150 μA
10
V
Voltage
TA = TJ = 25°C
±50
LM4040CIM3
VR
LM4040CIZ
TA = TJ = TMIN to TMAX
±115
Reverse Breakdown
IR = 150 μA
mV
Voltage Tolerance(3)
TA = TJ = 25°C
±100
LM4040DIM3
LM4040DIZ
TA = TJ = TMIN to TMAX
±198
TA = TJ = 25°C
75
100
LM4040CIM3
LM4040CIZ
TA = TJ = TMIN to TMAX
103
Minimum Operating
IRMIN
μA
Current
TA = TJ = 25°C
75
110
LM4040DIM3
LM4040DIZ
TA = TJ = TMIN to TMAX
113
IR = 10 mA
±40
TA = TJ = 25°C
±20
LM4040CIM3
Average Reverse
LM4040CIZ
TA = TJ = TMIN to TMAX
±100
Breakdown Voltage
ΔVR/ΔT
IR = 1 mA
ppm/°C
Temperature
TA = TJ = 25°C
±20
LM4040DIM3
Coefficient(3)
LM4040DIZ
TA = TJ = TMIN to TMAX
±150
IR = 150 μA
±20
TA = TJ = 25°C
0.8
1.5
LM4040CIM3
LM4040CIZ
TA = TJ = TMIN to TMAX
3.5
IRMIN ≤ IR ≤ 1 mA
TA = TJ = 25°C
0.8
2
LM4040DIM3
Reverse Breakdown
LM4040DIZ
TA = TJ = TMIN to TMAX
4
ΔVR/ΔI
Voltage Change with
mV
R
Operating Current
TA = TJ = 25°C
8
12
LM4040CIM3
Change(4)
LM4040CIZ
TA = TJ = TMIN to TMAX
23
1 mA
≤ IR ≤ 15 mA
TA = TJ = 25°C
8
18
LM4040DIM3
LM4040DIZ
TA = TJ = TMIN to TMAX
29
LM4040CIM3
0.7
1.7
LM4040CIZ
Reverse Dynamic
IR = 1 mA, f = 120 Hz,
ZR
Ω
Impedance
IAC = 0.1 IR
LM4040DIM3
2.3
LM4040DIZ
IR = 150 μA
eN
Wideband Noise
180
μVrms
10 Hz
≤ f ≤ 10 kHz
Reverse Breakdown
t = 1000 hrs
ΔVR
Voltage Long Term
T = 25°C ±0.1°C
120
ppm
Stability
IR = 150 μA
VHYST
Thermal Hysteresis(5)
ΔT = −40°C to 125°C
0.08%
(1)
Limits are 100% production tested at 25°C. Limits over temperature are ensured through correlation using Statistical Quality Control
(SQC) methods. The limits are used to calculate AOQL.
(2)
Typicals are at TJ = 25°C and represent most likely parametric norm.
(3)
The (overtemperature) limit for Reverse Breakdown Voltage Tolerance is defined as the room temperature Reverse Breakdown Voltage
Tolerance ±[(
ΔVR/ΔT)(maxΔT)(VR)]. Where, ΔVR/ΔT is the VR temperature coefficient, maxΔT is the maximum difference in temperature
from the reference point of 25°C to T MIN or TMAX, and VR is the reverse breakdown voltage. The total overtemperature tolerance for the
different grades in the industrial temperature range where max
ΔT = 65°C is shown below:
A-grade: ±0.75% = ±0.1% ±100 ppm/°C × 65°C
B-grade: ±0.85% = ±0.2% ±100 ppm/°C × 65°C
C-grade: ±1.15% = ±0.5% ±100 ppm/°C × 65°C
D-grade: ±1.98% = ±1.0% ±150 ppm/°C × 65°C
E-grade: ±2.98% = ±2.0% ±150 ppm/°C × 65°C
The total overtemperature tolerance for the different grades in the extended temperature range where max
ΔT = 100 °C is shown below:
C-grade: ±1.5% = ±0.5% ±100 ppm/°C × 100°C
D-grade: ±2.5% = ±1.0% ±150 ppm/°C × 100°C
E-grade: ±3.5% = ±2.0% ±150 ppm/°C × 100°C
Therefore, as an example, the A-grade 2.5-V LM4040-N has an overtemperature Reverse Breakdown Voltage tolerance of ±2.5V ×
0.75% = ±19 mV.
(4)
Load regulation is measured on pulse basis from no load to the specified load current. Output changes due to die temperature change
must be taken into account separately.
(5)
Thermal hysteresis is defined as the difference in voltage measured at +25°C after cycling to temperature -40°C and the 25°C
measurement after cycling to temperature 125°C.
30
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LM4040-N LM4040-N-Q1


Similar Part No. - LM4040AIM3-2.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4040AIM3-2.0 NSC-LM4040AIM3-2.0 Datasheet
365Kb / 30P
   Precision Micropower Shunt Voltage Reference
LM4040AIM3-2.0 NSC-LM4040AIM3-2.0 Datasheet
745Kb / 31P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040AIM3-2.0 TI1-LM4040AIM3-2.0 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIM3-2.0 TI1-LM4040AIM3-2.0 Datasheet
1Mb / 51P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIM3-2.0 TI1-LM4040AIM3-2.0 Datasheet
1Mb / 67P
[Old version datasheet]   LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4040AIM3-2.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com