Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA826AIDRGR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA826AIDRGR
Description  Supply Instrumentation Amplifier
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA826AIDRGR Datasheet(HTML) 4 Page - Texas Instruments

  INA826AIDRGR Datasheet HTML 1Page - Texas Instruments INA826AIDRGR Datasheet HTML 2Page - Texas Instruments INA826AIDRGR Datasheet HTML 3Page - Texas Instruments INA826AIDRGR Datasheet HTML 4Page - Texas Instruments INA826AIDRGR Datasheet HTML 5Page - Texas Instruments INA826AIDRGR Datasheet HTML 6Page - Texas Instruments INA826AIDRGR Datasheet HTML 7Page - Texas Instruments INA826AIDRGR Datasheet HTML 8Page - Texas Instruments INA826AIDRGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
1+
49.4kW
R
G
INA826
SBOS562E – AUGUST 2011 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1, unless otherwise noted.
INA826
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GAIN
G
Gain equation
V/V
G
Range of gain
1
1000
V/V
G = 1, VO = ±10 V
±0.003
±0.015
%
G = 10, VO = ±10 V
±0.03
±0.15
%
GE
Gain error
G = 100, VO = ±10 V
±0.04
±0.15
%
G = 1000, VO = ±10 V
±0.04
±0.15
%
G = 1, TA = –40°C to +125°C
±0.1
±1
ppm/°C
Gain vs temperature(4)
G > 1, TA = –40°C to +125°C
±10
±35
ppm/°C
G = 1 to 100, VO = –10 V to +10 V
1
5
ppm
Gain nonlinearity
G = 1000, VO = –10 V to +10 V
5
20
ppm
OUTPUT
Voltage swing
RL = 10 kΩ
(V–) + 0.1
(V+) – 0.15
V
Load capacitance stability
1000
pF
Open loop output impedance
See Figure 56
Short-circuit current
Continuous to VS/2
±16
mA
FREQUENCY RESPONSE
G = 1
1
MHz
G = 10
500
kHz
BW
Bandwidth, –3 dB
G = 100
60
kHz
G = 1000
6
kHz
G = 1, VO = ±14.5 V
1
V/µs
SR
Slew rate
G = 100, VO = ±14.5 V
1
V/µs
G = 1, VSTEP = 10 V
12
µs
G = 10, VSTEP = 10 V
12
µs
tS
Settling time to 0.01%
G = 100, VSTEP = 10 V
24
µs
G = 1000, VSTEP = 10 V
224
µs
G = 1, VSTEP = 10 V
14
µs
G = 10, VSTEP = 10 V
14
µs
tS
Settling time to 0.001%
G = 100, VSTEP = 10 V
31
µs
G = 1000, VSTEP = 10 V
278
µs
(4)
The values specified for G > 1 do not include the effects of the external gain-setting resistor, RG.
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: INA826


Similar Part No. - INA826AIDRGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA826AIDRGR TI1-INA826AIDRGR Datasheet
1Mb / 39P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
SEPTEMBER2011
INA826AIDRGR TI1-INA826AIDRGR Datasheet
1Mb / 43P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply
More results

Similar Description - INA826AIDRGR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP04EPZ AD-AMP04EPZ Datasheet
327Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. B
AMP04 AD-AMP04_16 Datasheet
570Kb / 18P
   Precision Single Supply Instrumentation Amplifier
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122 Datasheet
223Kb / 9P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
AVAGO TECHNOLOGIES LIMI...
AMP04FSZ AVAGO-AMP04FSZ Datasheet
327Kb / 16P
   Precision Single Supply Instrumentation Amplifier
logo
Analog Devices
AMP04 AD-AMP04 Datasheet
511Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. A
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122_13 Datasheet
750Kb / 14P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AMP04FPZ AD-AMP04FPZ Datasheet
339Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. B
logo
Linear Technology
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
   Precision, Micropower, Single Supply Instrumentation Amplifier
logo
Burr-Brown (TI)
INA322 BURR-BROWN-INA322 Datasheet
303Kb / 10P
   microPower, Single-Supply, CMOS INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA321 TI-INA321 Datasheet
325Kb / 18P
[Old version datasheet]   microPower, Single-Supply, CMOS Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com