Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA827 Datasheet(PDF) 20 Page - Texas Instruments

Part # INA827
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA827 Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA827_13 Datasheet HTML 16Page - Texas Instruments INA827_13 Datasheet HTML 17Page - Texas Instruments INA827_13 Datasheet HTML 18Page - Texas Instruments INA827_13 Datasheet HTML 19Page - Texas Instruments INA827_13 Datasheet HTML 20Page - Texas Instruments INA827_13 Datasheet HTML 21Page - Texas Instruments INA827_13 Datasheet HTML 22Page - Texas Instruments INA827_13 Datasheet HTML 23Page - Texas Instruments INA827_13 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
OPA330
+5 V
+5 V
R
G
INA827
V
IN-
V
IN+
REF
V
OUT
+5 V
a) Level shifting using the OPA330 as a low-impedance buffer
b) Level shifting using the low-impedance output of the REF3225
+5 V
+5 V
R
G
INA827
V
IN-
V
IN+
REF
V
OUT
REF3225
+2.5 V
INA827
SBOS631A – JUNE 2012 – REVISED JULY 2013
www.ti.com
REFERENCE TERMINAL
The INA827 output voltage is developed with respect to the voltage on the reference terminal. Often, in dual-
supply operation, the reference pin (pin 6) is connected to the low-impedance system ground. Offsetting the
output signal to a precise mid-supply level (for example, 2.5 V in a 5-V supply environment) can be useful in
single-supply operation. The signal can be shifted by applying a voltage to the device REF pin, which can be
useful when driving a single-supply ADC.
For best performance, any source impedance to the REF terminal should be kept below 5
Ω. Referring to
Figure 54, the reference resistor is at one end of a 50-k
Ω resistor. Additional impedance at the REF pin adds to
this 50-k
Ω resistor. The imbalance in resistor ratios results in degraded common-mode rejection ratio (CMRR).
Figure 58 shows two different methods of driving the reference pin with low impedance. The OPA330 is a low-
power, chopper-stabilized amplifier and therefore offers excellent stability over temperature. The OPA330 is
available in the space-saving SC70 and even smaller chip-scale package. The REF3225 is a precision reference
in a small SOT23-6 package.
Figure 58. Options for Low-Impedance Level Shifting
DYNAMIC PERFORMANCE
Figure 19 illustrates that, despite having low quiescent current of only 200 µA, the INA827 achieves much wider
bandwidth than other instrumentation amplifiers (INAs) in its class. This achievement is a result of using TI’s
proprietary high-speed precision bipolar process technology. The current-feedback topology provides the INA827
with wide bandwidth even at high gains. Settling time also remains excellent at high gain because of a 1.5-V/µs
high slew rate.
20
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: INA827


Similar Part No. - INA827_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA827 TI-INA827_15 Datasheet
1Mb / 30P
[Old version datasheet]   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier with a Minimum Gain of 5
More results

Similar Description - INA827_13

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8226 AD-AD8226 Datasheet
547Kb / 16P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
AD8227 AD-AD8227 Datasheet
657Kb / 24P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. 0
AD8420 AD-AD8420 Datasheet
256Kb / 10P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8420 AD-AD8420_16 Datasheet
553Kb / 27P
   Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
logo
Texas Instruments
INA827 TI1-INA827 Datasheet
875Kb / 29P
[Old version datasheet]   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier with a Minimum Gain of 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com