Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA333AIDRGR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA333AIDRGR
Description  Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA333AIDRGR Datasheet(HTML) 1 Page - Texas Instruments

  INA333AIDRGR Datasheet HTML 1Page - Texas Instruments INA333AIDRGR Datasheet HTML 2Page - Texas Instruments INA333AIDRGR Datasheet HTML 3Page - Texas Instruments INA333AIDRGR Datasheet HTML 4Page - Texas Instruments INA333AIDRGR Datasheet HTML 5Page - Texas Instruments INA333AIDRGR Datasheet HTML 6Page - Texas Instruments INA333AIDRGR Datasheet HTML 7Page - Texas Instruments INA333AIDRGR Datasheet HTML 8Page - Texas Instruments INA333AIDRGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
50kW
150kW
150kW
A
1
A
3
V
OUT
V
IN-
6
REF
5
RFIFilteredInputs
2
V+
7
V-
4
1
8
150kW
150kW
50kW
A
2
V
IN+
RFIFilteredInputs
3
INA333
R
G
G=1+
100kW
R
G
RFIFilteredInputs
RFIFilteredInputs
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
INA333
SBOS445C – JULY 2008 – REVISED DECEMBER 2015
INA333 Micro-Power (50
μA), Zerø-Drift, Rail-to-Rail Out Instrumentation Amplifier
1 Features
3 Description
The
INA333
device
is
a
low-power,
precision
1
Low Offset Voltage: 25
μV (Maximum), G ≥ 100
instrumentation amplifier offering excellent accuracy.
Low Drift: 0.1
μV/°C, G ≥ 100
The versatile 3-operational amplifier design, small
Low Noise: 50 nV/
√Hz, G ≥ 100
size, and low power make it ideal for a wide range of
portable applications.
High CMRR: 100 dB (Minimum), G
≥ 10
Low Input Bias Current: 200 pA (Maximum)
A single external resistor sets any gain from 1 to
1000. The INA333 is designed to use an industry-
Supply Range: 1.8 V to 5.5 V
standard gain equation: G = 1 + (100 k
Ω / RG).
Input Voltage: (V–) +0.1 V to (V+) –0.1 V
The INA333 device provides very low offset voltage
Output Range: (V–) +0.05 V to (V+) –0.05 V
(25
μV, G ≥ 100), excellent offset voltage drift
Low Quiescent Current: 50
μA
(0.1
μV/°C, G ≥ 100), and high common-mode
Operating Temperature: –40°C to +125°C
rejection (100 dB at G
≥ 10). It operates with power
supplies as low as 1.8 V (±0.9 V) and quiescent
RFI Filtered Inputs
current is only 50
μA, making it ideal for battery-
8-Pin VSSOP and 8-Pin WSON Packages
operated systems. Using autocalibration techniques
to ensure excellent precision over the extended
2 Applications
industrial temperature range, the INA333 device also
offers exceptionally low noise density (50 nV/
√Hz)
Bridge Amplifiers
that extends down to DC.
ECG Amplifiers
The INA333 device is available in both 8-pin VSSOP
Pressure Sensors
and WSON surface-mount packages and is specified
Medical Instrumentation
over the TA = –40°C to +125°C temperature range.
Portable Instrumentation
Weigh Scales
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Thermocouple Amplifiers
VSSOP (8)
3.00 mm × 3.00 mm
RTD Sensor Amplifiers
INA333
WSON (8)
3.00 mm × 3.00 mm
Data Acquisition
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA333AIDRGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA333AIDRGR TI-INA333AIDRGR Datasheet
651Kb / 23P
[Old version datasheet]   Micro-Power (50uA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333AIDRGR TI-INA333AIDRGR Datasheet
652Kb / 23P
[Old version datasheet]   Micro-Power (50mA), Zero -Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333AIDRGR TI-INA333AIDRGR Datasheet
875Kb / 25P
[Old version datasheet]   Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333AIDRGR TI-INA333AIDRGR Datasheet
762Kb / 25P
[Old version datasheet]   Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333AIDRGR TI1-INA333AIDRGR Datasheet
860Kb / 26P
[Old version datasheet]   Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out
More results

Similar Description - INA333AIDRGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA333-HT TI1-INA333-HT Datasheet
514Kb / 26P
[Old version datasheet]   Micro-Power, Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333_1 Datasheet
652Kb / 23P
[Old version datasheet]   Micro-Power (50mA), Zero -Drift, Rail-to-Rail Out Instrumentation Amplifier
INA188 TI1-INA188 Datasheet
1Mb / 37P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA188 TI1-INA188_16 Datasheet
1Mb / 40P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA188 TI-INA188_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA188 Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA317 TI1-INA317 Datasheet
561Kb / 31P
[Old version datasheet]   Micro-Power (50-uA), Zero-Drift, Rail-to-Rail-Out Instrumentation Amplifier
logo
Analog Devices
AD8237 AD-AD8237_16 Datasheet
691Kb / 29P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
AD8237 AD-AD8237 Datasheet
648Kb / 28P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
REV. 0
logo
Texas Instruments
INA333-HT TI-INA333-HT_15 Datasheet
446Kb / 26P
[Old version datasheet]   Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
logo
Analog Devices
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com