Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA826 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA826
Description  Supply Instrumentation Amplifier
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA826 Datasheet(HTML) 1 Page - Texas Instruments

  INA826_13 Datasheet HTML 1Page - Texas Instruments INA826_13 Datasheet HTML 2Page - Texas Instruments INA826_13 Datasheet HTML 3Page - Texas Instruments INA826_13 Datasheet HTML 4Page - Texas Instruments INA826_13 Datasheet HTML 5Page - Texas Instruments INA826_13 Datasheet HTML 6Page - Texas Instruments INA826_13 Datasheet HTML 7Page - Texas Instruments INA826_13 Datasheet HTML 8Page - Texas Instruments INA826_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
R
G
R
G
+IN
+V
S
V
OUT
REF
1
2
3
4
8
7
6
5
-
IN
-
V
S
MSOP-8,SO-8
INA826
www.ti.com
SBOS562E – AUGUST 2011 – REVISED APRIL 2013
Precision, 200-µA Supply Current, 2.7-V to 36-V Supply
Instrumentation Amplifier with Rail-to-Rail Output
Check for Samples: INA826
1
FEATURES
DESCRIPTION
The INA826 is a low-cost instrumentation amplifier
234
Input Common-Mode Range: Includes V–
that offers extremely low power consumption and
Common-Mode Rejection:
operates over a very wide single or dual supply
104 dB, min (G = 10)
range. A single external resistor sets any gain from 1
to 1000. It offers excellent stability over temperature,
100 dB, min at 5 kHz (G = 10)
even at G > 1, as a result of the low gain drift of only
Power-Supply Rejection: 100 dB, min (G = 1)
35 ppm/°C (max).
Low Offset Voltage: 150 µV, max
The
INA826
is
optimized
to
provide
excellent
Gain Drift: 1 ppm/°C (G = 1), 35 ppm/°C (G > 1)
common-mode rejection ratio of over 100 dB (G = 10)
Noise: 18 nV/
√Hz, G ≥ 100
over frequencies up to 5 kHz. In G = 1, the common-
mode rejection ratio exceeds 84 dB across the full
Bandwidth: 1 MHz (G = 1), 60 kHz (G = 100)
input common-mode range from the negative supply
Inputs Protected up to ±40 V
all the way up to 1 V of the positive supply. Using a
Rail-to-Rail Output
rail-to-rail output, the INA826 is well-suited for low
voltage operation from a 2.7 V single supply as well
Supply Current: 200 µA
as dual supplies up to ±18 V.
Supply Range:
Additional
circuitry
protects
the
inputs
against
Single Supply: +2.7 V to +36 V
overvoltage of up to ±40 V beyond the power
Dual Supply: ±1.35 V to ±18 V
supplies by limiting the input currents to less than
Specified Temperature Range:
8 mA.
–40°C to +125°C
The INA826 is available in SO-8, MSOP-8, and tiny
Packages: MSOP-8, SO-8 and DFN-8
3-mm × 3-mm DFN-8 surface-mount packages. All
versions are specified for the –40°C to +125°C
APPLICATIONS
temperature range.
Industrial Process Controls
RELATED PRODUCTS
Circuit Breakers
DEVICE
DESCRIPTION
Battery Testers
25-µV VOS, 0.1 µV/°C VOS drift, 1.8-V to 5-V, RRO,
INA333
50-µA IQ, chopper-stabilized INA
ECG Amplifiers
20-mV to ±10-V programmable gain IA with 3-V or
Power Automation
PGA280
5-V differential output; analog supply up to ±18 V
Medical Instrumentation
G = 0.2 V differential amplifier for ±10-V to 3-V and
INA159
Portable Instrumentation
5-V conversion
Precision programmable gain op amp with SPI™
PGA112
interface
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola.
3
PhotoMOS is a registered trademark of Panasonic Electric Works Europe AG.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - INA826_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA826_1112 TI-INA826_1112 Datasheet
1Mb / 40P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
INA826 TI1-INA826_12 Datasheet
1Mb / 43P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply
More results

Similar Description - INA826_13

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP04EPZ AD-AMP04EPZ Datasheet
327Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. B
AMP04 AD-AMP04_16 Datasheet
570Kb / 18P
   Precision Single Supply Instrumentation Amplifier
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122 Datasheet
223Kb / 9P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
AVAGO TECHNOLOGIES LIMI...
AMP04FSZ AVAGO-AMP04FSZ Datasheet
327Kb / 16P
   Precision Single Supply Instrumentation Amplifier
logo
Analog Devices
AMP04 AD-AMP04 Datasheet
511Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. A
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122_13 Datasheet
750Kb / 14P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AMP04FPZ AD-AMP04FPZ Datasheet
339Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. B
logo
Linear Technology
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
   Precision, Micropower, Single Supply Instrumentation Amplifier
logo
Burr-Brown (TI)
INA322 BURR-BROWN-INA322 Datasheet
303Kb / 10P
   microPower, Single-Supply, CMOS INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA321 TI-INA321 Datasheet
325Kb / 18P
[Old version datasheet]   microPower, Single-Supply, CMOS Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com