Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA188 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # INA188
Description  Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA188 Datasheet(HTML) 27 Page - Texas Instruments

Back Button INA188 Datasheet HTML 23Page - Texas Instruments INA188 Datasheet HTML 24Page - Texas Instruments INA188 Datasheet HTML 25Page - Texas Instruments INA188 Datasheet HTML 26Page - Texas Instruments INA188 Datasheet HTML 27Page - Texas Instruments INA188 Datasheet HTML 28Page - Texas Instruments INA188 Datasheet HTML 29Page - Texas Instruments INA188 Datasheet HTML 30Page - Texas Instruments INA188 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
RG
12.4 k
-
+
INA188
15 V
15 V
REF
VOUT = 2.5 V ± 2.3 V
REF3225
5 V
100 k
4.87 k
20
±10 V
4 mA to 20 mA
±20 mA
2.5 V
10 F
INA188
www.ti.com
SBOS632 – SEPTEMBER 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The INA188 measures a small differential voltage with a high common-mode voltage developed between the
noninverting and inverting input. The low offset drift in conjunction with no 1/f noise makes the INA188 suitable
for a wide range of applications. The ability to set the reference pin to adjust the functionality of the output signal
offers additional flexibility that is practical for multiple configurations.
8.2 Typical Application
Figure 55 shows the basic connections required for operating the INA188. Applications with noisy or high-
impedance power supplies may require decoupling capacitors close to the device pins. The output is referred to
the output reference (REF) pin that is normally grounded. The reference pin must be a low-impedance
connection to assure good common-mode rejection.
Figure 55. PLC Input (±10 V, 4 mA to 20 mA)
8.2.1 Design Requirements
For this application, the design requirements are:
4-mA to 20-mA input with less than 20-
Ω burden
±20-mA input with less than 20-
Ω burden
±10-V input with impedance of approximately 100 k
Maximum 4-mA to 20-mA or ±20mA burden voltage equal to ±0.4 V
Output range within 0 V to 5 V
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: INA188


Similar Part No. - INA188

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA188 TI1-INA188 Datasheet
1Mb / 40P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA188ID TI1-INA188ID Datasheet
1Mb / 40P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA188IDR TI1-INA188IDR Datasheet
1Mb / 40P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA188IDRJR TI1-INA188IDRJR Datasheet
1Mb / 40P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA188 TI-INA188_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA188 Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
More results

Similar Description - INA188

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA188 TI1-INA188_16 Datasheet
1Mb / 40P
[Old version datasheet]   Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA188 TI-INA188_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA188 Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333-HT TI1-INA333-HT Datasheet
514Kb / 26P
[Old version datasheet]   Micro-Power, Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
logo
Analog Devices
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
AD8230 AD-AD8230_16 Datasheet
400Kb / 17P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
logo
Linear Technology
LTC2053 LINER-LTC2053_1 Datasheet
228Kb / 16P
   Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053 LINER-LTC2053_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053-SYNC LINER-LTC2053-SYNC_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Analog Devices
AD8230 AD-AD8230 Datasheet
400Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com