Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTCLE213E3104XXYY Datasheet(PDF) 2 Page - Vishay Siliconix

Part # NTCLE213E3104XXYY
Description  NTC Thermistor, Epoxy Coated Mini Sensor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCLE213E3104XXYY Datasheet(HTML) 2 Page - Vishay Siliconix

  NTCLE213E3104XXYY Datasheet HTML 1Page - Vishay Siliconix NTCLE213E3104XXYY Datasheet HTML 2Page - Vishay Siliconix NTCLE213E3104XXYY Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NTCLE213E3...
www.vishay.com
Vishay BCcomponents
Revision: 02-Feb-15
2
Document Number: 29154
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Non-dimensioned details do not affect the performance of the thermistors.
DIMENSIONS in millimeters
PARAMETER
VALUE
B
2.5 max.
T
2.5 max.
P
1.1 nominal
P1
2.54
d
0.4 ± 10 %
H1
5.5 max.
H2
10 max.
L
41 ± 1
2.5 mm
max.


Similar Part No. - NTCLE213E3104XXYY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE213E3104XXYY VISHAY-NTCLE213E3104XXYY Datasheet
91Kb / 3P
   NTC Thermistor, Epoxy Coated Mini Sensor
01-Jan-2022
More results

Similar Description - NTCLE213E3104XXYY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE213E3 VISHAY-NTCLE213E3_V01 Datasheet
91Kb / 3P
   NTC Thermistor, Epoxy Coated Mini Sensor
01-Jan-2022
logo
List of Unclassifed Man...
RL0703-624-73-MS ETC2-RL0703-624-73-MS Datasheet
113Kb / 1P
   EPOXY COATED THERMISTOR
logo
Amphenol Corporation
NDL102C2R1 AMPHENOL-NDL102C2R1 Datasheet
73Kb / 2P
   Thermometrics Epoxy-Coated Chip Thermistor
NK501 AMPHENOL-NK501 Datasheet
76Kb / 2P
   Thermometrics Epoxy-Coated Chip Thermistor
NDM102C2R1 AMPHENOL-NDM102C2R1 Datasheet
71Kb / 2P
   Thermometrics Epoxy-Coated Chip Thermistor
NDP102C2R1 AMPHENOL-NDP102C2R1 Datasheet
72Kb / 2P
   Thermometrics Epoxy-Coated Chip Thermistor
logo
TE Connectivity Ltd
44006RC TEC-44006RC Datasheet
97Kb / 3P
   44006RC Precision Epoxy NTC Thermistor
Rev A
logo
Eaton All Rights Reserv...
NRG EATON-NRG Datasheet
590Kb / 12P
   Epoxy sealed radial lead NTC thermistor
July 2022
logo
List of Unclassifed Man...
KS502J2 ETC2-KS502J2 Datasheet
70Kb / 1P
   NTC THERMISTOR
KT103G2 ETC2-KT103G2 Datasheet
70Kb / 1P
   NTC THERMISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com