Electronic Components Datasheet Search |
|
P4KE39A Datasheet(PDF) 1 Page - Digitron Semiconductors |
|
P4KE39A Datasheet(HTML) 1 Page - Digitron Semiconductors |
1 / 5 page High-reliability discrete products and engineering services since 1977 P4KE6.8-P4KE400A TRANISENTVOLTAGESUPPRESSOR Rev. 20120821 FEATURES Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number. Available as non-RoHS (Sn/Pb plating), standard, and as RoHS by adding “-PBF” suffix. For Bidirectional construction, indicate a C or CA suffix after part number, i.e. P4KE170CA. MAXIMUM RATINGS Peak Pulse Power Dissipation @ 25°C: 400 Watts Steady State Power: 2.5 Watts @ TL = 25°C at 3/8” (10mm) from body, or 1.13 Watt at TA = 25°C on FR4 PC board described for thermal resistance Forward Voltage @ 25°C: 3.5 V @ 30 A with 8.3 ms half-sine wave (unidirectional only) Operating and Storage Temperature: -65° to +175°C ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified) Breakdown Voltage V(BR) Type Number Rated Stand-Off Voltage VWM Min Max lT mA Maximum Clamping Voltage VC MAX. @ lpp Maximum Reverse Leakage Current lD @ VWM Maximum Peak Pulse Current lpp Maximum Temperature Coefficient Of ∞ V(BR) V VDC VDC V μADC A %/°C P4KE6.8 P4KE6.8A P4KE7.5 P4KE7.5A 5.50 5.80 6.05 6.40 6.12 6.45 6.75 7.13 7.48 7.14 8.25 7.88 10 10 10 10 10.8 10.5 11.7 11.3 500 500 200 200 37 38 34 35 .057 .057 .061 .061 P4KE8.2 P4KE8.2A P4KE9.1 P4KE9.1A 6.63 7.02 7.37 7.78 7.38 7.79 8.19 8.65 9.02 8.61 10.0 9.55 10 10 1 1 12.5 12.1 13.8 13.4 100 100 20 20 32 33 29 30 .065 .065 .068 .068 P4KE10 P4KE10A P4KE11 P4KE11A 8.10 8.55 8.92 9.40 9.00 9.50 9.90 10.5 11.0 10.5 12.1 11.6 1 1 1 1 15.0 14.5 16.2 15.6 5 5 2 2 27 28 25 26 .073 .073 .075 .075 P4KE12 P4KE12A P4KE13 P4KE13A 9.72 10.2 10.5 11.1 10.8 11.4 11.7 12.4 13.2 12.6 14.3 13.7 1 1 1 1 17.3 16.7 19.0 18.2 1 1 1 1 23 24 21 22 .078 .078 .081 .081 P4KE15 P4KE15A P4KE16 P4KE16A 12.1 12.8 12.9 13.6 13.5 14.3 14.4 15.2 16.5 15.8 17.6 16.8 1 1 1 1 22.0 21.2 23.5 22.5 1 1 1 1 18 19 17 18 .084 .084 .086 .086 P4KE18 P4KE18A P4KE20 P4KE20A 14.5 15.3 16.2 17.1 16.2 17.1 18.0 19.0 19.8 18.0 22.0 21.0 1 1 1 1 26.5 25.2 29.1 27.7 1 1 1 1 15 16 14 14.5 .088 .088 .090 .090 |
Similar Part No. - P4KE39A |
|
Similar Description - P4KE39A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |