Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF310-S Datasheet(PDF) 3 Page - LEM

Part # LF310-S
Description  Bipolar and insulated current measurement up to 500 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LF310-S Datasheet(HTML) 3 Page - LEM

  LF310-S Datasheet HTML 1Page - LEM LF310-S Datasheet HTML 2Page - LEM LF310-S Datasheet HTML 3Page - LEM LF310-S Datasheet HTML 4Page - LEM LF310-S Datasheet HTML 5Page - LEM LF310-S Datasheet HTML 6Page - LEM LF310-S Datasheet HTML 7Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3/7
27October2015/Version 5
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
LF 310-S
Insulation coordination
Parameter
Symbol
Unit
Value
Comment
Rms voltage for AC insulation test, 50 Hz, 1 min
U
d
kV
3.8
Impulse withstand voltage 1.2/50 µs
Û
W
kV
10
Insulation resistance
R
IS
MΩ
1000
measured at 3.8 kV AC
Comparative tracking index
CTI
600
Application example
300 V
CAT III, PD2
Reinforced insulation, non
uniform field according to
EN 50178, IEC 61010
Application example
1000 V
CAT III, PD2
Basic insulation, non
uniform field according to
EN 50178, IEC 61010
Case material
-
-
V0 according
to UL 94
Clearance and creepage
See dimensions drawing on page 7
Environmental and mechanical characteristics
Parameter
Symbol
Unit
Min
Typ
Max
Comment
Ambient operating temperature
T
A
°C
−40
85
Ambient storage temperature
T
S
°C
−50
90
Mass
m
g
107


Similar Part No. - LF310-S

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF311 NSC-LF311 Datasheet
190Kb / 4P
   Linear Intergrated Circuit
logo
MicroPower Direct, LLC
LF311RU MPD-LF311RU Datasheet
239Kb / 2P
   Very Wide Input, 3W SMT Single & Dual Output DC/DC Converters
LF311RW MPD-LF311RW Datasheet
221Kb / 2P
   Wide Input, 3W SMT Single & Dual Output DC/DC Converters
LF312RU MPD-LF312RU Datasheet
239Kb / 2P
   Very Wide Input, 3W SMT Single & Dual Output DC/DC Converters
LF312RW MPD-LF312RW Datasheet
221Kb / 2P
   Wide Input, 3W SMT Single & Dual Output DC/DC Converters
More results

Similar Description - LF310-S

ManufacturerPart #DatasheetDescription
logo
LEM
LF510-S LEM-LF510-S Datasheet
1Mb / 7P
   Bipolar and insulated current measurement up to 0.8 kA
LF1010-S LEM-LF1010-S Datasheet
1Mb / 7P
   Bipolar and insulated current measurement up to 2.7 kA
LF2010-S LEM-LF2010-S Datasheet
622Kb / 7P
   Bipolar and insulated current measurement up to 3 kA
logo
Interpoint Corporation ...
FMD28-461 INTERPOINT-FMD28-461_10 Datasheet
807Kb / 8P
   Attenuation to 50 dB at 500 kHz Up to 7 A throughput current
logo
PHOENIX CONTACT
100241 PHOENIX-100241 Datasheet
1Mb / 19P
   Current transducer up to 55 A, programmable and configurable
logo
Weidmuller
2716650000 WEIDMULLER-2716650000 Datasheet
143Kb / 4P
   Rated current : 16 A, Applications: Power and flow measurement
November 4, 2021
2716660000 WEIDMULLER-2716660000 Datasheet
149Kb / 4P
   Rated current : 32 A, Applications: Power and flow measurement
November 4, 2021
2716670000 WEIDMULLER-2716670000 Datasheet
169Kb / 4P
   Rated current : 63 A, Applications: Power and flow measurement
November 4, 2021
logo
XP Power Limited
DSF XPPOWER-DSF Datasheet
326Kb / 2P
   Up to 28 A Output Current
logo
List of Unclassifed Man...
1693 ETC2-1693 Datasheet
2Mb / 3P
   Up to 60 A output current
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com