Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSSMV01A Datasheet(PDF) 7 Page - NICHIA CORPORATION

Part # NSSMV01A
Description  Pb-free Reflow Soldering Application
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSMV01A Datasheet(HTML) 7 Page - NICHIA CORPORATION

Back Button NSSMV01A Datasheet HTML 3Page - NICHIA CORPORATION NSSMV01A Datasheet HTML 4Page - NICHIA CORPORATION NSSMV01A Datasheet HTML 5Page - NICHIA CORPORATION NSSMV01A Datasheet HTML 6Page - NICHIA CORPORATION NSSMV01A Datasheet HTML 7Page - NICHIA CORPORATION NSSMV01A Datasheet HTML 8Page - NICHIA CORPORATION NSSMV01A Datasheet HTML 9Page - NICHIA CORPORATION NSSMV01A Datasheet HTML 10Page - NICHIA CORPORATION NSSMV01A Datasheet HTML 11Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
NICHIA STS-DA1-3496A <Cat.No.150527>
6
TAPE AND REEL DIMENSIONS
NxxxV01x
STS-DA7-7070
数量は
1リールにつき 3000個入りです。
The tape packing method complies with JIS C 0806
(Packaging of Electronic Components on Continuous Tapes).
* JIS C 0806電子部品テーピングに準拠しています。
テーピング部
Tape
8±0.1
2±0.054±0.1
-0
Φ
1.5+0.1
リール部
Reel
*
17.5±1
13.5±1
330±2
ラベル
Label
Φ21
±0.8
(単位 Unit: mm)
管理番号
No.
トレーラ部
/リーダ部 Trailer and Leader
トップカバーテープ
引き出し方向
Embossed Carrier Tape
エンボスキャリアテープ
Top Cover Tape
Feed
Direction
リーダ部最小
400mm
Leader without Top Cover Tape 400mm MIN
トレーラ部最小
160mm(空部)
Trailer 160mm MIN(Empty Pockets)
LED装着部
Loaded Pockets
引き出し部最小
100mm(空部)
Leader with Top Cover Tape
100mm MIN(Empty Pocket)
Reel Size: 3000pcs
2.93±0.1
0.25±0.05
4.35±0.1
Pin-1 Mark
Φ
1.5+0.2
-0
* 実装作業の中断などでエンボスキャリアテープをリールに巻き取る場合、
エンボスキャリアテープを強く
(10N以上)締めないで下さい。
LEDがカバーテープに貼り付く可能性があります。
When the tape is rewound due to work interruptions,
no more than 10N should be applied to
the embossed carrier tape.
The LEDs may stick to the top cover tape.


Similar Part No. - NSSMV01A

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSM009B NICHIA-NSSM009B Datasheet
530Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE FULL COLOR LED
NSSM009BT NICHIA-NSSM009BT Datasheet
530Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE FULL COLOR LED
NSSM009XT NICHIA-NSSM009XT Datasheet
530Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE FULL COLOR LED
logo
List of Unclassifed Man...
NSSM016AT ETC-NSSM016AT Datasheet
288Kb / 13P
   NICHIA CHIP TYPE FULL COLOR LED
logo
NICHIA CORPORATION
NSSM016C NICHIA-NSSM016C Datasheet
519Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE FULL COLOR LED
More results

Similar Description - NSSMV01A

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NTSL757G NICHIA-NTSL757G Datasheet
658Kb / 25P
   Pb-free Reflow Soldering Application
NVSA219B-V1 NICHIA-NVSA219B-V1 Datasheet
444Kb / 18P
   Pb-free Reflow Soldering Application
NCSR119B-V1 NICHIA-NCSR119B-V1 Datasheet
434Kb / 18P
   Pb-free Reflow Soldering Application
NFSL172A NICHIA-NFSL172A Datasheet
450Kb / 17P
   Pb-free Reflow Soldering Application
logo
Seoul Semiconductor
STW8Q2PA SEOUL-STW8Q2PA Datasheet
576Kb / 21P
   Pb-Free Reflow soldering application
logo
Ningbo Foryard Optoelec...
FYLS-0605URUGC FORYARD-FYLS-0605URUGC Datasheet
493Kb / 8P
   Pb-free Reflow soldering application
logo
NICHIA CORPORATION
NSSM032A NICHIA-NSSM032A_15 Datasheet
535Kb / 17P
   Pb-free Reflow Soldering Application
NTSW757G NICHIA-NTSW757G Datasheet
591Kb / 23P
   Pb-free Reflow Soldering Application
NCSR119 NICHIA-NCSR119 Datasheet
324Kb / 18P
   Pb-free Reflow Soldering Application
NVSA119B-V1 NICHIA-NVSA119B-V1 Datasheet
443Kb / 18P
   Pb-free Reflow Soldering Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com