Electronic Components Datasheet Search |
|
EKZN350EXX152MK30S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
EKZN350EXX152MK30S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 3 page Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications. Low impedance, 105 ℃ KZN Series ・Adoption of innovative high stability electrolyte ・High ripple current and long endurance ・Rated voltage range : 6.3 to 100Vdc, Capacitance range : 8.2 to 22,000µF ・Endurance with ripple current : 6,000 to 10,000 hours at 105℃ ・Non solvent resistant type ・RoHS Compliant ◆SPECIFICATIONS Items Characteristics Category Temperature Range -40 to +105 ℃ Rated Voltage Range 6.3 to 100Vdc Capacitance Tolerance ±20% (M) (at 20 ℃, 120Hz) Leakage Current I=0.01CV or 3µA, whichever is greater. Where, I : Max. leakage current (µA), C : Nominal capacitance (µF), V : Rated voltage (V) (at 20 ℃ after 2 minutes) Dissipation Factor (tanδ) Rated voltage (Vdc) 6.3V 10V 16V 25V 35V 50V 63V 80V 100V tan δ (Max.) 0.22 0.19 0.16 0.14 0.12 0.10 0.09 0.09 0.08 When nominal capacitance exceeds 1,000µF, add 0.02 to the value above for each 1,000µF increase. (at 20 ℃, 120Hz) Low Temperature Characteristics Z(-25 ℃)/Z(+20℃) 2 max. Z(-40 ℃)/Z(+20℃) 3 max. (at 120Hz) Endurance The following specifications shall be satisfied when the capacitors are restored to 20 ℃ after subjected to DC voltage with the rated ripple current is applied (the peak voltage shall not exceed the rated voltage) for the specified period of time at 105 ℃. Time Case size φ5&φ6.3 φ8×11.5L φ10×12.5L φ8×15L, 20L φ 10 ×16L, 20L, 25L φ12.5 to φ18 6.3Vdc 6,000 hours 8,000 hours 9,000 hours 9,000 hours 10,000 hours 10 to 50Vdc 7,000 hours 9,000 hours 9,000 hours 10,000 hours 10,000 hours 63 to 100Vdc 6,000 hours 8,000 hours 9,000 hours 9,000 hours 10,000 hours Capacitance change ≦±25% of the initial value (6.3, 10Vdc : ≦±30%) D.F. (tan δ) ≦200% of the initial specified value Leakage current ≦The initial specified value Shelf Life The following specifications shall be satisfied when the capacitors are restored to 20 ℃ after exposing them for 500 hours at 105℃ without voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4. Capacitance change ≦±25% of the initial value (6.3, 10Vdc : ≦±30%) D.F. (tan δ) ≦200% of the initial specified value Leakage current ≦The initial specified value ◆DIMENSIONS [mm] Sleeve(PET : Brown) L' 15min. 4min. Vent (Except φ5 & φ6.3) ● Terminal Code : E ( φ5 to 10) ( φ12.5 to 18) Gas escape end seal φD φd F D' L' 8 0.6 3.5 6.3 0.5 2.5 5 0.5 2.0 10 0.6 5.0 12.5 0.6 5.0 16 0.8 7.5 18 0.8 7.5 φD+0.5max. L +1.5max. ◆PART NUMBERING SYSTEM Supplement code Size code Capacitance tolerance code Capacitance code (ex. 100 µF:101, 3,900µF:392) Lead forming·taping code Terminal code Voltage code (ex. 16V:160 50V:500) Series code Category E K Z N A A A E A A A A A A A A N M 1 3 4 2 6 7 8 9 10 13 12 5 18 17 16 11 15 14 Please refer to "Product code guide (radial lead type)" Higher ripple KZN KZM P152 149 CAT. No. E1001P MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS |
Similar Part No. - EKZN350EXX152MK30S |
|
Similar Description - EKZN350EXX152MK30S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |