Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCP52 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # BCP52
Description  PNP General-Purpose Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BCP52 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BCP52_14 Datasheet HTML 1Page - Fairchild Semiconductor BCP52_14 Datasheet HTML 2Page - Fairchild Semiconductor BCP52_14 Datasheet HTML 3Page - Fairchild Semiconductor BCP52_14 Datasheet HTML 4Page - Fairchild Semiconductor BCP52_14 Datasheet HTML 5Page - Fairchild Semiconductor BCP52_14 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BCP52 Rev. 1.1.0
1
March 2014
BCP52
PNP General-Purpose Amplifier
Ordering Information
Absolute Maximum Ratings(1),(2)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Notes:
1. These ratings are based on a maximum junction temperature of 150°C.
2. These are steady-state limits. Fairchild Semiconductor should be consulted on applications involving pulsed or
low-duty-cycle operation.
Part Number
Marking
Package
Packing Method
BCP52
BCP52
SOT-223 4L
Tape and Reel
Symbol
Parameter
Value
Unit
VCEO
Collector-Emitter Voltage
-60
V
VCBO
Collector-Base Voltage
-60
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current - Continuous
-1.2
A
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
Description
This device is designed for general-purpose medium-
power amplifiers and switching circuits for collector cur-
rents to 1.0 A. Sourced from process 78.
SOT-223
1
2
4
3
1. Base 2,4. Collector 3. Emitter


Similar Part No. - BCP52_14

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCP52-10 SIEMENS-BCP52-10 Datasheet
140Kb / 5P
   PNP Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Infineon Technologies A...
BCP52-10 INFINEON-BCP52-10 Datasheet
48Kb / 5P
   PNP Silicon AF Transistors
Nov-29-2001
logo
NXP Semiconductors
BCP52-10 NXP-BCP52-10 Datasheet
1Mb / 22P
   60 V, 1 A PNP medium power transistors
Rev. 9-18 October 2011
logo
Micro Commercial Compon...
BCP52-10 MCC-BCP52-10 Datasheet
455Kb / 5P
   PNP Plastic-Encapsulate Transistors
logo
Nexperia B.V. All right...
BCP52-10 NEXPERIA-BCP52-10 Datasheet
1Mb / 22P
   60 V, 1 A PNP medium power transistors
Rev. 9 - 18 October 2011
More results

Similar Description - BCP52_14

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com