Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5707.0801.312 Datasheet(PDF) 7 Page - Schurter Inc.

Part # 5707.0801.312
Description  Screw-on version from front or rear side, Screws with sealing are included
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5707.0801.312 Datasheet(HTML) 7 Page - Schurter Inc.

  5707.0801.312 Datasheet HTML 1Page - Schurter Inc. 5707.0801.312 Datasheet HTML 2Page - Schurter Inc. 5707.0801.312 Datasheet HTML 3Page - Schurter Inc. 5707.0801.312 Datasheet HTML 4Page - Schurter Inc. 5707.0801.312 Datasheet HTML 5Page - Schurter Inc. 5707.0801.312 Datasheet HTML 6Page - Schurter Inc. 5707.0801.312 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Power Entry Modules with Line Filter
5707
www.schurter.com/PG06
EMC Products
Category / Description
Power Cord Overview complete
Cord Sets 10 A, Interconnection, 2.0 m, IEC cord end:
6007.0204
Power Cord further types to 5707
Power Supply Cord Overview complete
Cord Sets 10 A, Europlug, 2.5 m, Connector IEC C13, cord end:
6004.0215
Cord Sets 10 A, Europlug, 2.5 m, Connector IEC C13, cord end:
6003.0215
Cord Sets 10 A, uninsulated wires, 2.0 m, Connector IEC C13, cord end:
6000.0224
Cord Sets 10 A, uninsulated wires, 2.0 m, Connector IEC C13, cord end:
6000.0214
Cord Sets 10 A, United Kingdom, 2.5 m, Connector IEC C13, cord end:
6044.0215
Power Supply Cord further types to 5707
...
Power Supply or Interconnection Cord Overview complete
Cord Sets 10 A, United Kingdom, 2.0 m, Connector IEC cord end:
6044.0204
Kabelverbindung 10 A, United Kingdom, 2.0 m, Connector IEC C13, cord end:
6045.0114
Kabelverbindung 10 A, diverse, diverse m, Connector IEC C13, cord end:
6003.0205
Kabelverbindung 10 A, diverse, diverse m, Connector IEC C13, cord end:
6026.0205
Kabelverbindung 10 A, diverse, diverse m, Connector IEC C13, cord end:
6049.0007
Power Supply or Interconnection Cord further types to 5707
Mating Outlets/Connectors shuttered
Power Cord Overview complete
VAC17KS, North America, V-Lock cord retaining, 2.0 m, Connector C17, cord end:
6051.2801
VAC17KS, North America, V-Lock cord retaining, 2.0 m, Connector C17, cord end:
6051.2811
VAC17KS, Europlug, V-Lock cord retaining, 2.0 m, Connector IEC C17, cord end:
6051.2803
VAC17KS, Europlug, V-Lock cord retaining, 2.0 m, Connector IEC C17, cord end:
6051.2813
VAC13KS, Overview, diverse Connector IEC C13, cord end:
VAC13KS
Power Cord further types to 5707
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 5707.0801.312

ManufacturerPart #DatasheetDescription
logo
Altech corporation
5707.2 ALTECH-5707.2 Datasheet
85Kb / 2P
   INTERFACES CONNECTOR-TO-WIRE Ribbon Cable Module 35 or 32mm DIN Rail
More results

Similar Description - 5707.0801.312

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6100.3200 SCHURTER-6100.3200 Datasheet
449Kb / 3P
   Screw-on mounting from front or rear-side
C22F SCHURTER-C22F Datasheet
796Kb / 4P
   Panel Mount Screw-on from front side
0183 SCHURTER-0183_14 Datasheet
172Kb / 2P
   IEC Appliance Inlet C16A, Screw-on Mounting, Front or Rear Side, Quick-connect or Screw-on Terminal
0183 SCHURTER-0183 Datasheet
291Kb / 2P
   IEC Appliance Inlet C16A, Screw-on Mounting, Front or Rear Side, Quick-connect or Screw-on Terminal
0163 SCHURTER-0163_13 Datasheet
309Kb / 2P
   IEC Appliance Inlet C16, Screw-on Mounting, Front or Rear Side, Quick-connect or Screw-on Terminal
0163 SCHURTER-0163 Datasheet
325Kb / 2P
   IEC Appliance Inlet C16, Screw-on Mounting, Front or Rear Side, Quick-connect or Screw-on Terminal
6049 SCHURTER-6049_V01 Datasheet
281Kb / 3P
   IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect or Screw-on Terminal
6049 SCHURTER-6049 Datasheet
375Kb / 3P
   IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect or Screw-on Terminal
6048 SCHURTER-6048 Datasheet
387Kb / 3P
   IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect or Screw-on Terminal
5082 SCHURTER-5082 Datasheet
315Kb / 2P
   IEC Appliance Outlet D, Screw-on Mounting, Front or Rear Side, Solder Terminal
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com