Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5707.0601.313 Datasheet(PDF) 5 Page - Schurter Inc.

Part # 5707.0601.313
Description  Screw-on version from front or rear side, Screws with sealing are included
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5707.0601.313 Datasheet(HTML) 5 Page - Schurter Inc.

  5707.0601.313 Datasheet HTML 1Page - Schurter Inc. 5707.0601.313 Datasheet HTML 2Page - Schurter Inc. 5707.0601.313 Datasheet HTML 3Page - Schurter Inc. 5707.0601.313 Datasheet HTML 4Page - Schurter Inc. 5707.0601.313 Datasheet HTML 5Page - Schurter Inc. 5707.0601.313 Datasheet HTML 6Page - Schurter Inc. 5707.0601.313 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Power Entry Modules with Line Filter
5707
www.schurter.com/PG06
EMC Products
All Variants
Rated Cur-
rent [A]
Filter-Type
Mounting side
Protection Class
Fuseholder
Color
Order Number
1
Standard Version
Front Side
I
1-pole
black
5707.0101.112
1
Standard Version
Rear Side
I
1-pole
black
5707.0101.113
2
Standard Version
Front Side
I
1-pole
black
5707.0201.112
2
Standard Version
Rear Side
I
1-pole
black
5707.0201.113
4
Standard Version
Front Side
I
1-pole
black
5707.0401.112
4
Standard Version
Rear Side
I
1-pole
black
5707.0401.113
6
Standard Version
Front Side
I
1-pole
black
5707.0601.112
6
Standard Version
Rear Side
I
1-pole
black
5707.0601.113
8
Standard Version
Front Side
I
1-pole
black
5707.0801.112
8
Standard Version
Rear Side
I
1-pole
black
5707.0801.113
1
Standard Version
Front Side
I
2-pole
black
5707.0101.312
1
Standard Version
Rear Side
I
2-pole
black
5707.0101.313
2
Standard Version
Front Side
I
2-pole
black
5707.0201.312
2
Standard Version
Rear Side
I
2-pole
black
5707.0201.313
4
Standard Version
Front Side
I
2-pole
black
5707.0401.312
4
Standard Version
Rear Side
I
2-pole
black
5707.0401.313
4
Standard Version
Rear Side
I
2-pole
black
5707.0401.313.22
6
Standard Version
Front Side
I
2-pole
black
5707.0601.312
6
Standard Version
Rear Side
I
2-pole
black
5707.0601.313
8
Standard Version
Front Side
I
2-pole
black
5707.0801.312
8
Standard Version
Front Side
I
2-pole
black
5707.0801.312.01
8
Standard Version
Rear Side
I
2-pole
black
5707.0801.313
8
Standard Version
Rear Side
I
2-pole
black
5707.0801.313.21
1
Medical Version (M5)
Front Side
I
2-pole
black
5707.0103.312
1
Medical Version (M5)
Rear Side
I
2-pole
black
5707.0103.313
1
Medical Version (M5)
Rear Side
I
2-pole
black
5707.0103.313.21
2
Medical Version (M5)
Front Side
I
2-pole
black
5707.0203.312
2
Medical Version (M5)
Rear Side
I
2-pole
black
5707.0203.313
2
Medical Version (M5)
Rear Side
I
2-pole
black
5707.0203.313.21
4
Medical Version (M5)
Front Side
I
2-pole
black
5707.0403.312
4
Medical Version (M5)
Rear Side
I
2-pole
black
5707.0403.313
4
Medical Version (M5)
Rear Side
I
2-pole
black
5707.0403.313.21
6
Medical Version (M5)
Front Side
I
2-pole
black
5707.0603.312
6
Medical Version (M5)
Rear Side
I
2-pole
black
5707.0603.313
6
Medical Version (M5)
Rear Side
I
2-pole
black
5707.0603.313.21
6
Medical Version (M5)
Front Side
I
2-pole
white
5707.0613.312
6
Medical Version (M5)
Front Side
I
2-pole
white
5707.0613.312.21
6
Medical Version (M5)
Rear Side
I
2-pole
white
5707.0613.313
6
Medical Version (M5)
Rear Side
I
2-pole
white
5707.0613.313.21
8
Medical Version (M5)
Front Side
I
2-pole
black
5707.0803.312
8
Medical Version (M5)
Front Side
I
2-pole
black
5707.0803.312.22
8
Medical Version (M5)
Rear Side
I
2-pole
black
5707.0803.313
8
Medical Version (M5)
Rear Side
I
2-pole
black
5707.0803.313.21
1
Medical Version (M5)
Front Side
II
2-pole
black
5707.0103.412
1
Medical Version (M5)
Rear Side
II
2-pole
black
5707.0103.413
2
Medical Version (M5)
Front Side
II
2-pole
black
5707.0203.412
2
Medical Version (M5)
Rear Side
II
2-pole
black
5707.0203.413
4
Medical Version (M5)
Front Side
II
2-pole
black
5707.0403.412
4
Medical Version (M5)
Rear Side
II
2-pole
black
5707.0403.413
6
Medical Version (M5)
Front Side
II
2-pole
black
5707.0603.412
6
Medical Version (M5)
Rear Side
II
2-pole
black
5707.0603.413
8
Medical Version (M5)
Front Side
II
2-pole
black
5707.0803.412
8
Medical Version (M5)
Rear Side
II
2-pole
black
5707.0803.413
2
Medical Version (M80)
Front Side
I
2-pole
black
5707.0205.312.01


Similar Part No. - 5707.0601.313

ManufacturerPart #DatasheetDescription
logo
Altech corporation
5707.2 ALTECH-5707.2 Datasheet
85Kb / 2P
   INTERFACES CONNECTOR-TO-WIRE Ribbon Cable Module 35 or 32mm DIN Rail
More results

Similar Description - 5707.0601.313

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6100.3200 SCHURTER-6100.3200 Datasheet
449Kb / 3P
   Screw-on mounting from front or rear-side
C22F SCHURTER-C22F Datasheet
796Kb / 4P
   Panel Mount Screw-on from front side
0183 SCHURTER-0183_14 Datasheet
172Kb / 2P
   IEC Appliance Inlet C16A, Screw-on Mounting, Front or Rear Side, Quick-connect or Screw-on Terminal
0183 SCHURTER-0183 Datasheet
291Kb / 2P
   IEC Appliance Inlet C16A, Screw-on Mounting, Front or Rear Side, Quick-connect or Screw-on Terminal
0163 SCHURTER-0163_13 Datasheet
309Kb / 2P
   IEC Appliance Inlet C16, Screw-on Mounting, Front or Rear Side, Quick-connect or Screw-on Terminal
0163 SCHURTER-0163 Datasheet
325Kb / 2P
   IEC Appliance Inlet C16, Screw-on Mounting, Front or Rear Side, Quick-connect or Screw-on Terminal
6049 SCHURTER-6049_V01 Datasheet
281Kb / 3P
   IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect or Screw-on Terminal
6049 SCHURTER-6049 Datasheet
375Kb / 3P
   IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect or Screw-on Terminal
6048 SCHURTER-6048 Datasheet
387Kb / 3P
   IEC Appliance Inlet C14, Screw-on Mounting, Front or Rear Side, Solder or Quick-connect or Screw-on Terminal
5082 SCHURTER-5082 Datasheet
315Kb / 2P
   IEC Appliance Outlet D, Screw-on Mounting, Front or Rear Side, Solder Terminal
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com