Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0853.1251 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 0853.1251
Description  Fuse inserter, extractor and cover in one component
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0853.1251 Datasheet(HTML) 2 Page - Schurter Inc.

  0853.1251 Datasheet HTML 1Page - Schurter Inc. 0853.1251 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Fuseholder Blocks & Clips
ESO 10.3x38
www.schurter.com/PG02b
Fuses
Packaging Unit
Bulk 128 x 91 x 60 mm (50 pcs.)
Required Accessory
Description
CSO
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
10.3 x 38 / 10.3 x 85 mm
0751.0500
10.3 x 38 / 10.3 x 85 mm
0751.0501
10.3 x 38 / 10.3 x 85 mm
0751.0505
10.3 x 38 / 10.3 x 85 mm
0751.0506
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 0853.1251

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0853.1251 SCHURTER-0853.1251 Datasheet
369Kb / 4P
   Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
01.10.2021
0853.1251 SCHURTER-0853.1251 Datasheet
238Kb / 2P
   Fuse Inserter/Extractor with Cover Function for 10.3x38 mm Fuses in Clips, Patent Pending
04.01.2022
More results

Similar Description - 0853.1251

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
R1001-062 RICHCO-R1001-062 Datasheet
39Kb / 1P
   INSERTER / EXTRACTOR
logo
Schurter Inc.
ESO10.3X38 SCHURTER-ESO10.3X38 Datasheet
238Kb / 2P
   Fuse Inserter/Extractor with Cover Function for 10.3x38 mm Fuses in Clips, Patent Pending
04.01.2022
logo
Richco, Inc.
R1107-062 RICHCO-R1107-062 Datasheet
72Kb / 1P
   INSERTER EXTRACTOR
logo
Schurter Inc.
ESO SCHURTER-ESO Datasheet
238Kb / 2P
   Fuse Inserter/Extractor with Cover Function for 10.3x38 mm Fuses in Clips, Patent Pending
15.09.2021
logo
EPCOS
B72728A0070M062 EPCOS-B72728A0070M062 Datasheet
102Kb / 5P
   Multiple elements in one component
logo
Lightel Technologies IN...
FF-280 LIGHTEL-FF-280 Datasheet
206Kb / 2P
   All-in-One Component Workstation
FRMD-13-A-B-0 LIGHTEL-FRMD-13-A-B-0 Datasheet
90Kb / 1P
   All-in-One Component Workstation
logo
EPCOS
B72500D90A60 EPCOS-B72500D90A60 Datasheet
510Kb / 22P
   Bidirectional ESD protection in one component
logo
List of Unclassifed Man...
3410VM ETC-3410VM Datasheet
154Kb / 2P
   U.V and/or Visible light and/or Heat Curable One Component Epoxy
12/2004
logo
Littelfuse
LFXV150601C LITTELFUSE-LFXV150601C Datasheet
704Kb / 3P
   LFXV15 SERIES FUSE BLOCK & COVER
Rev: 120721
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com