Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0751.0500 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 0751.0500
Description  Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0751.0500 Datasheet(HTML) 1 Page - Schurter Inc.

  0751.0500 Datasheet HTML 1Page - Schurter Inc. 0751.0500 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Fuseholder Blocks & Clips
CSO
www.schurter.com/PG02b
Fuses
Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
Solder THT version
Screw or rivet version
1500 V · 32A
Description
- Solder, screw or rivet mounting
- For photovoltaic and other DC applications
- Suitable gPV fuse link ASO 10.3x38
Unique Selling Proposition
- Unique 1500 VDC/VAC and 32 A
- Minimal power loss due to strong clamping force
Standards
- UL 4248-1
- CSA 22.2 no. 4248-1
Approvals
- UL File Number: E39328
Applications
- All photovoltaic applications
- Inverters
- Battery charge controllers
- String fuse holder
- DC applications
References
Fuseholder to ASO 10.3x38
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Approvals,
CE declaration of conformity, RoHS, CHINA-RoHS, REACH, e-Shop,
SCHURTER-Stock-Check, Distributor-Stock-Check, Accessories,
Detailed request for product
Technical Data
Fuse-Link
10.3 x 38 / 10.3 x 85 mm
Mounting
PCB
Terminal
Solder THT, screw or rivet
Rated Voltage
1500 V
Rated current
32 A
Admissible Ambient Air Temp. -40 °C to 155 °C ¹
Climatic Category
40/155/21 acc. to IEC 60068-1 ¹
Material
Copper alloy, silver-plated / tin plated ¹
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
, Type
Soldering Methods
Wave
Soldering Profile
Solderability
245 °C / 3 sec acc. to IEC 60068-2-20,
Test Ta, method 1
Resistance to Soldering Heat
260 °C / 10 sec acc. to IEC 60068-2-20,
Test Tb, method 1
Contact Resistance
≤ 1mΩ at 20 mV
1) Details see table of variants
Dimension
12 mm
12
15±0.2
13.8±0.1
Solder THT version
30
+0.4
0
(7.5)
(7.5)
15±0.2
15±0.2 15
+0.4
0
ø 3.4
Drilling diagram


Similar Part No. - 0751.0500

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0751.0500 SCHURTER-0751.0500 Datasheet
410Kb / 2P
   Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
0751.0500 SCHURTER-0751.0500 Datasheet
256Kb / 2P
   Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
0751.0500 SCHURTER-0751.0500 Datasheet
289Kb / 3P
   Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
0751.0500 SCHURTER-0751.0500 Datasheet
238Kb / 2P
   Fuse Inserter/Extractor with Cover Function for 10.3x38 mm Fuses in Clips, Patent Pending
15.09.2021
0751.0500 SCHURTER-0751.0500 Datasheet
329Kb / 3P
   Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
12.08.2022
More results

Similar Description - 0751.0500

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
CSO SCHURTER-CSO_V01 Datasheet
329Kb / 3P
   Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
12.08.2022
0751.0500 SCHURTER-0751.0500 Datasheet
410Kb / 2P
   Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
CSO SCHURTER-CSO Datasheet
256Kb / 2P
   Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
CSO SCHURTER-CSO_18 Datasheet
289Kb / 3P
   Heavy Duty Fuse Clip, 10.3 x 38 /10.3 x 85 mm, 1500 VAC/VDC, 32 A
231660 SCHURTER-231660_18 Datasheet
205Kb / 2P
   Clip, 10.3 x 38 mm, UR
231660 SCHURTER-231660 Datasheet
211Kb / 1P
   Clip, 10.3 x 38 mm, UR
A10GG SCHURTER-A10GG_V01 Datasheet
166Kb / 3P
   Miniature Fuse, 10.3 x 38 mm, gG, 500 VAC
A10AM SCHURTER-A10AM Datasheet
258Kb / 3P
   Miniature Fuse, 10.3 x 38 mm, aM, 500 VAC
A10GG SCHURTER-A10GG Datasheet
281Kb / 3P
   Miniature Fuse, 10.3 x 38 mm, gG, 500 VAC
ASO10.3X38 SCHURTER-ASO10.3X38_18 Datasheet
347Kb / 4P
   Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com