Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

205-MC2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 205-MC2
Description  THERMOCOUPLE MINIATURE PANEL THERMOMETER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

205-MC2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  205-MC2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 205-MC2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 205-MC2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 205-MC2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 205-MC2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 205-MC2 Datasheet HTML 6Page - List of Unclassifed Manufacturers 205-MC2 Datasheet HTML 7Page - List of Unclassifed Manufacturers 205-MC2 Datasheet HTML 8Page - List of Unclassifed Manufacturers 205-MC2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ii
PREFACE
Manual Objectives: This manual shows you how to set up and
use the Panel Thermometer.
This meter is an economical Miniature Temperature Panel
Thermometer featuring a large display with a linearized analog
output that is supplied as a standard feature.
Each of the models* can be converted by the user to display in
degrees Fahrenheit or Celsius. However, due to the internal
design of the meter, the input type and resolution CANNOT
be changed on any J, K, T, or E unit.
The meter is available in many different styles. All of the
Thermocouple models listed in Table 1-1 come standard with
red LEDs, and can be ordered with a green LED display as an
option. The part numbers would include a “G”.
Example: 205-JF1,G,C0
Also, these thermocouple meters can be ordered with different
power configurations. Refer to Table 1-3 for available choices.
*Refer to Table 1-1 for the complete listing of models available.
ii
PREFACE
Manual Objectives: This manual shows you how to set up and
use the Panel Thermometer.
This meter is an economical Miniature Temperature Panel
Thermometer featuring a large display with a linearized analog
output that is supplied as a standard feature.
Each of the models* can be converted by the user to display in
degrees Fahrenheit or Celsius. However, due to the internal
design of the meter, the input type and resolution CANNOT
be changed on any J, K, T, or E unit.
The meter is available in many different styles. All of the
Thermocouple models listed in Table 1-1 come standard with
red LEDs, and can be ordered with a green LED display as an
option. The part numbers would include a “G”.
Example: 205-JF1,G,C0
Also, these thermocouple meters can be ordered with different
power configurations. Refer to Table 1-3 for available choices.
*Refer to Table 1-1 for the complete listing of models available.


Similar Part No. - 205-MC2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
205-285 ETC2-205-285 Datasheet
176Kb / 2P
   Panel Mount Fixed Lamp LED
logo
Marl International Limi...
205-501-04-38 MARL-205-501-04-38 Datasheet
274Kb / 5P
   Direct replacement for T1 쩐 Midget Groove S5.7s
205-501-20-38 MARL-205-501-20-38 Datasheet
274Kb / 5P
   Direct replacement for T1 쩐 Midget Groove S5.7s
205-501-20-38 MARL-205-501-20-38 Datasheet
232Kb / 2P
   BULB REPLACEMENT LED
205-501-20-38 MARL-205-501-20-38_15 Datasheet
232Kb / 2P
   BULB REPLACEMENT LED
More results

Similar Description - 205-MC2

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EA15 EXTECH-EA15 Datasheet
303Kb / 8P
   Thermocouple Datalogging Thermometer
logo
List of Unclassifed Man...
DM-301 ETC2-DM-301 Datasheet
3Mb / 16P
   THERMOCOUPLE & RESISTANCE THERMOMETER SENSORS & PROBES
logo
Extech Instruments Corp...
RH101 EXTECH-RH101 Datasheet
155Kb / 8P
   Hygro-Thermometer InfraRed Thermometer
RH101 EXTECH-RH101_15 Datasheet
281Kb / 1P
   Hygro-Thermometer InfraRed Thermometer
logo
Holtek Semiconductor In...
HT46RB50 HOLTEK-HT46RB50 Datasheet
256Kb / 3P
   Thermometer
logo
SHENZHEN FUMAN ELECTRON...
SC8492E FUMAN-SC8492E Datasheet
412Kb / 11P
   thermometer
logo
ITT Industries
DPA ITT-DPA Datasheet
127Kb / 4P
   Miniature Rack and Panel
logo
Extech Instruments Corp...
39240 EXTECH-39240 Datasheet
134Kb / 1P
   Waterproof Thermometer
logo
Testo SE & Co. KGaA
TESTO104 TESTO-TESTO104 Datasheet
498Kb / 12P
   Food thermometer
logo
Fluke Corporation
572-2 FLUKE-572-2 Datasheet
981Kb / 28P
   Infrared Thermometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com