Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFCLL060B-V1M7 Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NFCLL060B-V1M7
Description  Built-in ESD Protection Device
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFCLL060B-V1M7 Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NFCLL060B-V1M7 Datasheet HTML 1Page - NICHIA CORPORATION NFCLL060B-V1M7 Datasheet HTML 2Page - NICHIA CORPORATION NFCLL060B-V1M7 Datasheet HTML 3Page - NICHIA CORPORATION NFCLL060B-V1M7 Datasheet HTML 4Page - NICHIA CORPORATION NFCLL060B-V1M7 Datasheet HTML 5Page - NICHIA CORPORATION NFCLL060B-V1M7 Datasheet HTML 6Page - NICHIA CORPORATION NFCLL060B-V1M7 Datasheet HTML 7Page - NICHIA CORPORATION NFCLL060B-V1M7 Datasheet HTML 8Page - NICHIA CORPORATION NFCLL060B-V1M7 Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
NICHIA STS-DA1-4067 <Cat.No.150929>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
33.6
36.8
V
Luminous Flux
Q0207
2070
2530
lm
Q0205
2050
2510
Q0202
2020
2480
Q0199
1990
2450
Color Ranks
Rank sm303j
Rank sm323j
Rank sm353j
Rank sm403j
Center Point
x
0.4286
0.4178
0.4033
0.3785
y
0.3919
0.3878
0.3813
0.3677
* Ranking at TC=25°C.
* Forward Voltage Tolerance: ±0.35V
* Luminous Flux Tolerance: ±7%
* Chromaticity Coordinate Tolerance: ±0.005
* The color rank has a chromaticity range within a 3-step MacAdam ellipse.
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.
Luminous Flux Ranks by Color Rank
Color Coordinates
Luminous Flux
sm303j
Q0199
sm323j
Q0202
sm353j
Q0205
sm403j
Q0207


Similar Part No. - NFCLL060B-V1M7

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NFCLL060B-V1M2 NICHIA-NFCLL060B-V1M2 Datasheet
479Kb / 18P
   Built-in ESD Protection Device
NFCLL060B-V1M3 NICHIA-NFCLL060B-V1M3 Datasheet
492Kb / 18P
   Built-in ESD Protection Device
More results

Similar Description - NFCLL060B-V1M7

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NFCLL036B-M3 NICHIA-NFCLL036B-M3 Datasheet
414Kb / 17P
   Built-in ESD Protection Device
NC2W170B NICHIA-NC2W170B Datasheet
346Kb / 18P
   Built-in ESD Protection Device
NTCWS024B-M2 NICHIA-NTCWS024B-M2 Datasheet
493Kb / 17P
   Built-in ESD Protection Device
NVCWL024Z NICHIA-NVCWL024Z Datasheet
495Kb / 26P
   Built-in ESD Protection Device
NVELJ048Z-M2 NICHIA-NVELJ048Z-M2 Datasheet
403Kb / 17P
   Built-in ESD Protection Device
NF2W385AR NICHIA-NF2W385AR Datasheet
518Kb / 24P
   Built-in ESD Protection Device
NFCLJ108B-V1M2 NICHIA-NFCLJ108B-V1M2 Datasheet
468Kb / 18P
   Built-in ESD Protection Device
NFCWL036B-V1 NICHIA-NFCWL036B-V1 Datasheet
659Kb / 27P
   Built-in ESD Protection Device
NCSE219B-V1 NICHIA-NCSE219B-V1 Datasheet
459Kb / 18P
   Built-in ESD Protection Device
NCSG219B-V1 NICHIA-NCSG219B-V1 Datasheet
450Kb / 18P
   Built-in ESD Protection Device
NFCWJ108B-V1M3 NICHIA-NFCWJ108B-V1M3 Datasheet
468Kb / 18P
   Built-in ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com