Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KSM-711TH5 Datasheet(PDF) 1 Page - KODENSHI KOREA CORP.

Part No. KSM-711TH5
Description  Optic receiver modules
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KODENSHI [KODENSHI KOREA CORP.]
Homepage  http://www.kodenshi.co.kr
Logo 

KSM-711TH5 Datasheet(HTML) 1 Page - KODENSHI KOREA CORP.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 1-
KSM-71
TH5
Optic receiver modules
KODENSHI
The KSM-71TH5 consist of a PIN Photodiode of
high speed and a preamplifier IC in the package as an
receiver for Infrared remote control systems
FEATURES
•One mold small package
•5 Volt supply voltage, low power consumption
•Shielded against electrical field disturbance
•High immunity against ambient light
•Easy interface with the main board
•TTL and CMOS compatibility
APPLICATIONS
•TV, VTR, Acoustic Devices, Air Conditioners, Car
Stereo Units, Computers, Interior controlling
appliances, and all appliances that require remote
controlling
DIMENSIONS
(Unit : mm)
PIN configuration
71 TH5
Vout
Vcc
GND
NOTE
Note : *1. It specifies the maximum distance between emitter and detector that the output waveform satisfies the standard under the conditions below against the standard
transmitter
1) Measuring place : Indoor without extreme reflection of light
2) Ambient light source : Detecting surface illumination shall be irradiate 200±50lx under ordinary white fluorescence lamp without high frequency lightning
3) Standard transmitter : Burst wave of standard transmitter shall be arranged to 50mVp-p under the measuring circuit
Rating
Symbol
Parameter
MAXIMUM RATINGS
Supply Voltage
Operating Temperature
Storage Temperature
Soldering Temperature
VCC
Topr.
Tstg.
Tsol.
5.5
-10~+60
-20~+75
260(Max 5 sec)
V
Unit
(Ta=25℃ Unless
otherwise noted)
(Ta=25℃), Vcc=5.0V
ELECTRO-OPTICAL CHARACTERISTICS
Input Signal=0
±30°
30cm over the ray
axis
Burst Wave=600μs
Period=1.2㎳
Parameter
Typ.
5.0
1.2
940
37.9
-
-
5.0
0.1
600
600
Supply Voltage
Current Consumption
Peak Wavelength *1
B.P.F Center Frequency
Transmission Distance *1
H Level Output Voltage *1
L Level Output Voltage *1
H Level Output Pulse Width *1
L Level Output Pulse Width *1
Output Form
VCC
ICC
λp
fo
L
VOH
VOL
TWH
TWL
4.5
-
-
-
10
7
4.5
-
500
500
5.5
2.5
-
-
-
-
-
0.5
700
700
V
mA
nm
kHz
m
m
V
V
μs
μs
Symbol
Conditions
Min.
Max.
Unit.
Active Low Output
200±50lx
B.P.F CENTER FREQUENCY
B.P.F Center Frequency(kHz)
Model NO.
40.0
36.7
37.9
32.7
56.9
KSM-◯◯1 TH5
KSM-◯◯2 TH5
KSM-◯◯3 TH5
KSM-◯◯4 TH5
KSM-◯◯5 TH5


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KSM-711TE5Optic receiver modules 1 2 KODENSHI KOREA CORP.
KSM-601LFOptic receiver modules 1 2 KODENSHI KOREA CORP.
KSM-801LMOptic receiver modules 1 2 KODENSHI KOREA CORP.
KSM-601LMOptic receiver modules 1 2 KODENSHI KOREA CORP.
KSM-601LNOptic receiver modules 1 2 KODENSHI KOREA CORP.
KSM-601LOOptic receiver modules 1 2 KODENSHI KOREA CORP.
KSM-601LUOptic receiver modules 1 2 KODENSHI KOREA CORP.
KSM-601SM2Optic receiver modules 1 2 KODENSHI KOREA CORP.
KSM-601SPOptic receiver modules 1 2 KODENSHI KOREA CORP.
KSM-601SROptic receiver modules 1 2 KODENSHI KOREA CORP.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn