Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R82EC2220-5 Datasheet(PDF) 4 Page - Kemet Corporation

Part # R82EC2220-5
Description  METALL IZED POLYE STER FILM CAPACITOR D.C. MUL TIPURPOSE APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R82EC2220-5 Datasheet(HTML) 4 Page - Kemet Corporation

  R82EC2220-5 Datasheet HTML 1Page - Kemet Corporation R82EC2220-5 Datasheet HTML 2Page - Kemet Corporation R82EC2220-5 Datasheet HTML 3Page - Kemet Corporation R82EC2220-5 Datasheet HTML 4Page - Kemet Corporation R82EC2220-5 Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
09/2008
29
R82
MKT Series
MeTAllIZeD POlyeSTeR FIlM CAPACITOR
D.C. MulTIPuRPOSe APPlICATIONS
p = 5 mm
PRoDUCT CoDe:
R82
MAX. VoLTAGe (Vr.m.s.) VeRSUS FReQUeNCY (sinusoidal wave-form / Th ≤ 40°C)


Similar Part No. - R82EC2220-5

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R82EC2220AA50K KEMET-R82EC2220AA50K Datasheet
54Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.022 uF, 10%, 100 V, 85C, Lead Spacing = 5mm
R82EC2220DQ50J KEMET-R82EC2220DQ50J Datasheet
59Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.022 uF, 5%, 100 V, 85C, Lead Spacing = 5mm
R82EC2220Z350J KEMET-R82EC2220Z350J Datasheet
54Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.022 uF, 5%, 100 V, 85C, Lead Spacing = 5mm
More results

Similar Description - R82EC2220-5

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MKT KEMET-MKT Datasheet
423Kb / 5P
   METALL IZED POLYE STER FILM CAPACITOR
PHE840MB5470KB04R17 KEMET-PHE840MB5470KB04R17 Datasheet
37Kb / 1P
   Capacitor, film
PHE840MD6220KD13R06L2 KEMET-PHE840MD6220KD13R06L2 Datasheet
37Kb / 1P
   Capacitor, film
R46KI315000P0M KEMET-R46KI315000P0M Datasheet
37Kb / 1P
   Capacitor, film
PHE850EA4100MA01R17 KEMET-PHE850EA4100MA01R17 Datasheet
37Kb / 1P
   Capacitor, film
F840BE104K300A KEMET-F840BE104K300A Datasheet
37Kb / 1P
   Capacitor, film
PHE840MB6220KB12R17 KEMET-PHE840MB6220KB12R17 Datasheet
37Kb / 1P
   Capacitor, film
PHE840MB6150KB10R17 KEMET-PHE840MB6150KB10R17 Datasheet
37Kb / 1P
   Capacitor, film
R46KI322000P0M KEMET-R46KI322000P0M Datasheet
36Kb / 1P
   Capacitor, film
MMK15105J100B04L4BULK KEMET-MMK15105J100B04L4BULK Datasheet
37Kb / 1P
   Capacitor, film
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com