Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R82EC2220-5 Datasheet(PDF) 2 Page - Kemet Corporation

Part # R82EC2220-5
Description  METALL IZED POLYE STER FILM CAPACITOR D.C. MUL TIPURPOSE APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R82EC2220-5 Datasheet(HTML) 2 Page - Kemet Corporation

  R82EC2220-5 Datasheet HTML 1Page - Kemet Corporation R82EC2220-5 Datasheet HTML 2Page - Kemet Corporation R82EC2220-5 Datasheet HTML 3Page - Kemet Corporation R82EC2220-5 Datasheet HTML 4Page - Kemet Corporation R82EC2220-5 Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
09/2008
27
R82
MKT Series
MeTAllIZeD POlyeSTeR FIlM CAPACITOR
D.C. MulTIPuRPOSe APPlICATIONS
p = 5 mm
PRoDUCT CoDe:
R82
Note: If the working voltage (V) is lower than the rated
voltage (V
R), the capacitor may work at higher dv/dt.
In this case the maximum value allowed is obtained
multiplying the above value (see table dv/dt) with the
ratio V
R /V.
The pulse characteristic K
0 depends on the voltage
wave-form and in any case it cannot overcome the
value given in the above table.
Rated
Cap.
250Vdc/160Vac
Std dimensions
Max
dv/dt
Max K
0
Part Number
B
H
L
p
(V/µs)
(V2/µs)
6800 pF 2.5 6.5 7.2 5.0
250
125 e3 R82IC 1680
--5-
0.010 µF 2.5 6.5 7.2 5.0
250
125 e3 R82IC 2100
--5--
0.015 µF 2.5 6.5 7.2 5.0
250
125 e3 R82IC 2150
--5--
0.022 µF 3.5 7.5 7.2 5.0
250
125 e3 R82IC 2220
--5--
0.033 µF 3.5 7.5 7.2 5.0
250
125 e3 R82IC 2330
--5--
0.047 µF 4.5 9.5 7.2 5.0
250
125 e3 R82IC 2470
--5--
0.068 µF 4.5 9.5 7.2 5.0
250
125 e3 R82IC 2680
--5--
0.10 µF 5.0 10.0 7.2 5.0
250
125 e3 R82IC 3100
--55-
0.15 µF 6.0 11.0 7.2 5.0
250
125 e3 R82IC 3150
--5--
a) STACKeD version
b) WOuND version
Rated
Cap.
50Vdc/30Vac
Std dimensions
Max
dv/dt
Max K
0
Part Number
B
H
L
p
(V/µs)
(V2/µs)
a) 2.2 µF 6.0 11.0 7.2 5.0
100
10.0 e3 R82CC4220
--7--
b) 3.3 µF 7.2 13.0 7.2 5.0
25
2.5 e3 R82CC4330
--3--
b) 4.7 µF 7.2 13.0 7.2 5.0
25
2.5 e3 R82CC4470
--3--
Rated
Cap.
63Vdc/40Vac
Std dimensions
Max
dv/dt
Max K
0
Part Number
B
H
L
p
(V/µs)
(V2µs)
0.10 µF 2.5 6.5 7.2 5.0
160
20 e3
R82DC3100
--5--
0.15 µF 2.5 6.5 7.2 5.0
160
20 e3
R82DC3150
--6--
0.22 µF 2.5 6.5 7.2 5.0
160
20 e3
R82DC3220
--6--
0.33 µF 3.5 7.5 7.2 5.0
160
20 e3
R82DC3330
--6--
0.47 µF 3.5 7.5 7.2 5.0
160
20 e3
R82DC3470
--6--
0.68 µF 4.5 9.5 7.2 5.0
160
20 e3
R82DC3680
--6--
1.0 µF 5.0 10.0 7.2 5.0
160
20 e3
R82DC4100
--6--
1.5 µF 6.0 11.0 7.2 5.0
160
20 e3
R82DC4150
--6--
Rated
Cap.
100Vdc/63Vac
Std dimensions
Max
dv/dt
Max K
0
Part Number
B
H
L
p
(V/µs)
(V2/µs)
1000 pF 2.5
6.5
7.2 5.0
200
40 e3
R82eC 1100
--5--
1500 pF 2.5
6.5
7.2 5.0
200
40 e3
R82eC 1150
--5--
2200 pF 2.5
6.5
7.2 5.0
200
40 e3
R82eC 1220
--5--
3300 pF 2.5
6.5
7.2 5.0
200
40 e3
R82eC 1330
--5--
4700 pF 2.5
6.5
7.2 5.0
200
40 e3
R82eC 1470
--5--
6800 pF 2.5
6.5
7.2 5.0
200
40 e3
R82eC 1680
--5--
0.010 µF 2.5
6.5
7.2 5.0
200
40 e3
R82eC 2100
--5--
0.015 µF 2.5
6.5
7.2 5.0
200
40 e3
R82eC 2150
--5--
0.022 µF 2.5
6.5
7.2 5.0
200
40 e3
R82eC 2220
--5--
0.033 µF 2.5
6.5
7.2 5.0
200
40 e3
R82eC 2330
--5--
0.047 µF 2.5
6.5
7.2 5.0
200
40 e3
R82eC 2470
--6--
0.068 µF 2.5
6.5
7.2 5.0
200
40 e3
R82eC 2680
--6--
0.10 µF 2.5
6.5
7.2 5.0
200
40 e3
R82eC 3100
--7--
0.15 µF 3.5
7.5
7.2 5.0
200
40 e3
R82eC 3150
--7--
0.22 µF 3.5
7.5
7.2 5.0
200
40 e3
R82eC 3220
--7--
0.33 µF 4.5
9.5
7.2 5.0
200
40 e3
R82eC 3330
--7--
0.47 µF 4.5
9.5
7.2 5.0
200
40 e3
R82eC 3470
--7--
0.68 µF 5.0 10.0
7.2 5.0
200
40 e3
R82eC 3680
--7--
1.0
µF 6.0 11.0
7.2 5.0
200
40 e3
R82eC 4100
--7--
STACKeD version
Mechanical version and packaging (Table1)
Internal use
Tolerance: J (±5%); K (±10%); M (±20%)
Mechanical version and packaging (Table1)
Internal use
Tolerance: J (±5%); K (±10%); M (±20%)
Rated
Cap.
250Vdc/140Vac
ReDuCeD SIZeS
Std dimensions
Max
dv/dt
Max K
0
Part Number
B
H
L
p
(V/µs)
(V2/µs)
0.022 µF 2.5 6.5 7.2 5.0
130
65 e3 R82IC 2220--6--
0.047 µF 3.5 7.5 7.2 5.0
130
65 e3 R82IC 2470--6--
0.068 µF 3.5 7.5 7.2 5.0
130
65 e3 R82IC 2680--6--
0.10 µF 4.5 9.5 7.2 5.0
130
65 e3 R82IC 3100--6--
0.15 µF 5.0 10.0 7.2 5.0
130
65 e3 R82IC 3150--6--
0.22 µF 6.0 11.0 7.2 5.0
130
65 e3 R82IC 3220--6--
Mechanical version and packaging (Table1)
Internal use
Tolerance: J (±5%); K (±10%); M (±20%)
Rated
Cap.
400Vdc/160Vac
ReDuCeD SIZeS
Std dimensions
Max
dv/dt
Max K
0
Part Number
B
H
L
p
(V/µs)
(V2µs)
6800 pF 2.5 6.5 7.2 5.0
200
160 e3 R82MC1680
--6--
0.015 µF 3.5 7.5 7.2 5.0
200
160 e3 R82MC2150
--6--
0.033 µF 4.5 9.5 7.2 5.0
200
160 e3 R82MC2330
--6--
0.047 µF 5.0 10.0 7.2 5.0
200
160 e3 R82MC2470
--6--
0.068 µF 6.0 11.0 7.2 5.0
200
160 e3 R82MC2680
--6--
Rated
Cap.
400Vdc/200Vac
Std dimensions
Max
dv/dt
Max K
0
Part Number
B
H
L
p
(V/µs)
(V2µs)
1000 pF 2.5 6.5 7.2 5.0
400
320 e3 R82MC1100
--5--
1500 pF 2.5 6.5 7.2 5.0
400
320 e3 R82MC1150
--5--
2200 pF 2.5 6.5 7.2 5.0
400
320 e3 R82MC1220
--5--
3300 pF 2.5 6.5 7.2 5.0
400
320 e3 R82MC1330
--5--
4700 pF 2.5 6.5 7.2 5.0
400
320 e3 R82MC1470
--5--
6800 pF 3.5 7.5 7.2 5.0
400
320 e3 R82MC1680
--5--
0.010 µF 3.5 7.5 7.2 5.0
400
320 e3 R82MC2100
--5--
0.015 µF 4.5 9.5 7.2 5.0
400
320 e3 R82MC2150
--5--
0.022 µF 4.5 9.5 7.2 5.0
400
320 e3 R82MC2220
--5--
0.033 µF 5.0 10.0 7.2 5.0
400
320 e3 R82MC2330
--5--
0.047 µF 6.0 11.0 7.2 5.0
400
320 e3 R82MC2470
--5--
All dimensions are in mm.


Similar Part No. - R82EC2220-5

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R82EC2220AA50K KEMET-R82EC2220AA50K Datasheet
54Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.022 uF, 10%, 100 V, 85C, Lead Spacing = 5mm
R82EC2220DQ50J KEMET-R82EC2220DQ50J Datasheet
59Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.022 uF, 5%, 100 V, 85C, Lead Spacing = 5mm
R82EC2220Z350J KEMET-R82EC2220Z350J Datasheet
54Kb / 1P
   Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.022 uF, 5%, 100 V, 85C, Lead Spacing = 5mm
More results

Similar Description - R82EC2220-5

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MKT KEMET-MKT Datasheet
423Kb / 5P
   METALL IZED POLYE STER FILM CAPACITOR
PHE840MB5470KB04R17 KEMET-PHE840MB5470KB04R17 Datasheet
37Kb / 1P
   Capacitor, film
PHE840MD6220KD13R06L2 KEMET-PHE840MD6220KD13R06L2 Datasheet
37Kb / 1P
   Capacitor, film
R46KI315000P0M KEMET-R46KI315000P0M Datasheet
37Kb / 1P
   Capacitor, film
PHE850EA4100MA01R17 KEMET-PHE850EA4100MA01R17 Datasheet
37Kb / 1P
   Capacitor, film
F840BE104K300A KEMET-F840BE104K300A Datasheet
37Kb / 1P
   Capacitor, film
PHE840MB6220KB12R17 KEMET-PHE840MB6220KB12R17 Datasheet
37Kb / 1P
   Capacitor, film
PHE840MB6150KB10R17 KEMET-PHE840MB6150KB10R17 Datasheet
37Kb / 1P
   Capacitor, film
R46KI322000P0M KEMET-R46KI322000P0M Datasheet
36Kb / 1P
   Capacitor, film
MMK15105J100B04L4BULK KEMET-MMK15105J100B04L4BULK Datasheet
37Kb / 1P
   Capacitor, film
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com