Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27524DSDR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27524DSDR
Description  Industry-Standard Pinout
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27524DSDR Datasheet(HTML) 5 Page - Texas Instruments

  UCC27524DSDR Datasheet HTML 1Page - Texas Instruments UCC27524DSDR Datasheet HTML 2Page - Texas Instruments UCC27524DSDR Datasheet HTML 3Page - Texas Instruments UCC27524DSDR Datasheet HTML 4Page - Texas Instruments UCC27524DSDR Datasheet HTML 5Page - Texas Instruments UCC27524DSDR Datasheet HTML 6Page - Texas Instruments UCC27524DSDR Datasheet HTML 7Page - Texas Instruments UCC27524DSDR Datasheet HTML 8Page - Texas Instruments UCC27524DSDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
UCC27523, UCC27524, UCC27525, UCC27526
www.ti.com
SLUSAQ3G – NOVEMBER 2011 – REVISED APRIL 2015
Pin Functions (UCC27523 / UCC27524 / UCC27525)
PIN
I/O
DESCRIPTION
NO.
NAME
Enable input for Channel A: ENA biased LOW Disables Channel A output regardless of INA state,
1
ENA
I
ENA biased HIGH or floating Enables Channel A output, ENA allowed to float hence the pin-to-pin
compatibility with UCC2732X N/C pin.
Input to Channel A: Inverting Input in UCC27523, Non-Inverting Input in UCC27524, Inverting
2
INA
I
Input in UCC27525, OUTA held LOW if INA is unbiased or floating.
3
GND
-
Ground: All signals referenced to this pin.
Input to Channel B: Inverting Input in UCC27523, Non-Inverting Input in UCC27524, Non-Inverting
4
INB
I
Input in UCC27525, OUTB held LOW if INB is unbiased or floating.
5
OUTB
O
Output of Channel B
6
VDD
I
Bias supply input
7
OUTA
O
Output of Channel A
Enable input for Channel B: ENB biased LOW Disables Channel B output regardless of INB state,
8
ENB
I
ENB biased HIGH or floating Enables Channel B output, ENB allowed to float hence the pin-to-pin
compatibility with UCC2732X N/C pin.
Pin Functions (UCC27526)
PIN
I/O
DESCRIPTION
NO.
NAME
Inverting Input to Channel A: When Channel A is used in Non-Inverting configuration, connect
1
INA–
I
INA– to GND in order to Enable Channel A output, OUTA held LOW if INA– is unbiased or floating.
Inverting Input to Channel B: When Channel B is used in Non-Inverting configuration, connect
2
INB–
I
INB– to GND in order to Enable Channel B output, OUTB held LOW if INB– is unbiased or floating.
3
GND
-
Ground: All signals referenced to this pin.
4
OUTB
I
Output of Channel B
5
VDD
O
Bias Supply Input
6
OUTA
I
Output of Channel A
Non-Inverting Input to Channel B: When Channel B is used in Inverting configuration, connect
7
INB+
O
INB+ to VDD in order to Enable Channel B output, OUTB held LOW if INB+ is unbiased or floating.
Non-Inverting Input to Channel A: When Channel A is used in Inverting configuration, connect
8
INA+
I
INA+ to VDD in order to Enable Channel A output, OUTA held LOW if INA+ is unbiased or floating.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: UCC27523 UCC27524 UCC27525 UCC27526


Similar Part No. - UCC27524DSDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27524DSDR TI1-UCC27524DSDR Datasheet
1Mb / 41P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
UCC27524DSDR TI1-UCC27524DSDR Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
More results

Similar Description - UCC27524DSDR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRLML0060TRPBF INFINEON-IRLML0060TRPBF Datasheet
297Kb / 10P
   Industry-Standard Pinout
2016-12-20
logo
Minmax Technology Co., ...
MA01-HI MINMAX-MA01-HI Datasheet
405Kb / 4P
   Industry Standard Pinout
logo
International Rectifier
IRLML0040PBF IRF-IRLML0040PBF_15 Datasheet
197Kb / 10P
   Industry-standard pinout
logo
XP Power Limited
ISQ XPPOWER-ISQ Datasheet
223Kb / 1P
   Industry Standard Pinout
logo
Recom International Pow...
ROL RECOM-ROL Datasheet
87Kb / 2P
   Industry Standard Pinout
logo
XP Power Limited
IST XPPOWER-IST Datasheet
210Kb / 1P
   Industry Standard Pinout
logo
International Rectifier
IRLML0060PBF IRF-IRLML0060PBF_15 Datasheet
205Kb / 10P
   Industry-standard pinout
logo
National Semiconductor ...
NMC6514 NSC-NMC6514 Datasheet
323Kb / 6P
   industry standard pinout
NMC6518 NSC-NMC6518 Datasheet
339Kb / 6P
   industry standard pinout
logo
Guangdong Youtai Semico...
IRLML9303 UMW-IRLML9303 Datasheet
470Kb / 8P
   Industry-standard pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com