Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC6B273DWG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC6B273DWG4
Description  Eight Power DMOS-Transistor Outputs of 150-mA Continuous Current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC6B273DWG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPIC6B273DWG4 Datasheet HTML 1Page - Texas Instruments TPIC6B273DWG4 Datasheet HTML 2Page - Texas Instruments TPIC6B273DWG4 Datasheet HTML 3Page - Texas Instruments TPIC6B273DWG4 Datasheet HTML 4Page - Texas Instruments TPIC6B273DWG4 Datasheet HTML 5Page - Texas Instruments TPIC6B273DWG4 Datasheet HTML 6Page - Texas Instruments TPIC6B273DWG4 Datasheet HTML 7Page - Texas Instruments TPIC6B273DWG4 Datasheet HTML 8Page - Texas Instruments TPIC6B273DWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TPIC6B273
POWER LOGIC OCTAL D-TYPE LATCH
SLIS031 – APRIL 1994 – REVISED JULY 1995
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Low rDS(on) ...5 Ω Typical
D Avalanche Energy ...30 mJ
D Eight Power DMOS-Transistor Outputs of
150-mA Continuous Current
D 500-mA Typical Current-Limiting Capability
D Output Clamp Voltage . . . 50 V
D Low Power Consumption
description
The TPIC6B273 is a monolithic, high-voltage,
medium-current, power logic octal D-type latch
with DMOS-transistor outputs designed for use in
systems that require relatively high load power.
The device contains a built-in voltage clamp on
the outputs for inductive transient protection.
Power driver applications include relays, sole-
noids, and other medium-current or high-voltage
loads.
The TPIC6B273 contains eight positive-edge-
triggered D-type flip-flops with a direct clear input.
Each flip-flop features an open-drain power
DMOS-transistor output.
When clear (CLR) is high, information at the D
inputs meeting the setup time requirements is
transferred to the DRAIN outputs on the positive-
going edge of the clock (CLK) pulse. Clock
triggering occurs at a particular voltage level and
is not directly related to the transition time of the
positive-going pulse. When the clock input (CLK)
is at either the high or low level, the D input signal
has no effect at the output. An asynchronous CLR
is provided to turn all eight DMOS-transistor
outputs off. When data is low for a given output,
the DMOS-transistor output is off. When data is
high, the DMOS-transistor output has sink-current
capability.
Outputs
are
low-side,
open-drain
DMOS
transistors with output ratings of 50 V and 150-mA
continuous sink-current capability. Each output
provides a 500-mA typical current limit at
TC = 25°C. The current limit decreases as the
junction temperature increases for additional
device protection.
The TPIC6B273 is characterized for operation over the operating case temperature range of – 40
°C to 125°C.
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CLR
D1
D2
DRAIN1
DRAIN2
DRAIN3
DRAIN4
D3
D4
GND
VCC
D8
D7
DRAIN8
DRAIN7
DRAIN6
DRAIN5
D6
D5
CLK
DW OR N PACKAGE
(TOP VIEW)
logic symbol
R
1
11
CLK
C1
DRAIN1
4
DRAIN2
5
DRAIN3
6
DRAIN4
7
DRAIN5
14
DRAIN6
15
DRAIN7
16
DRAIN8
17
CLR
† This symbol is in accordance with ANSI/IEEE Standard 91-1984
and IEC Publication 617-12.
INPUTS
OUTPUT
L
H
H
H
FUNCTION TABLE
(each channel)
CLK
D
X
L
X
H
L
X
H
L
H
Latched
CLR
DRAIN
H = high level, L = low level, X = irrelevant
1D
2
D1
3
D2
8
D3
9
D4
12
D5
13
D6
18
D7
19
D8
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TPIC6B273DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6B273DW TI-TPIC6B273DW Datasheet
130Kb / 9P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
More results

Similar Description - TPIC6B273DWG4

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GPM55 SLPOWER-GPM55 Datasheet
91Kb / 2P
   55 Watts Maximum Continuous Power - Total of all Outputs.
logo
STMicroelectronics
LDLN015 STMICROELECTRONICS-LDLN015 Datasheet
1Mb / 18P
   150 mA guaranteed output current
January 2015 Rev 3
LD39115J STMICROELECTRONICS-LD39115J Datasheet
429Kb / 21P
   150 mA guaranteed output current
January 2014 Rev 6
logo
Infineon Technologies A...
TLE94108ES INFINEON-TLE94108ES Datasheet
1Mb / 76P
   Eight half bridge power outputs
Data Sheet 1.0 2020-09-29
logo
Texas Instruments
LP3996-Q1 TI1-LP3996-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996-Q1 TI1-LP3996-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
logo
List of Unclassifed Man...
SM6525 ETC1-SM6525 Datasheet
27Kb / 1P
   25 mA - 150 mA Forward Current 70 ns Recovery Time
logo
Texas Instruments
LP3996 TI-LP3996_15 Datasheet
1Mb / 22P
[Old version datasheet]   LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996 TI1-LP3996 Datasheet
1Mb / 22P
[Old version datasheet]   LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
logo
ON Semiconductor
NCP4684EMX33TCG ONSEMI-NCP4684EMX33TCG Datasheet
336Kb / 18P
   150 mA, Ultra Low Quiescent Current, Low
February, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com