Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0402C100J8GACTU Datasheet(PDF) 9 Page - Kemet Corporation

Part # C0402C100J8GACTU
Description  High ripple current capability
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0402C100J8GACTU Datasheet(HTML) 9 Page - Kemet Corporation

Back Button C0402C100J8GACTU Datasheet HTML 5Page - Kemet Corporation C0402C100J8GACTU Datasheet HTML 6Page - Kemet Corporation C0402C100J8GACTU Datasheet HTML 7Page - Kemet Corporation C0402C100J8GACTU Datasheet HTML 8Page - Kemet Corporation C0402C100J8GACTU Datasheet HTML 9Page - Kemet Corporation C0402C100J8GACTU Datasheet HTML 10Page - Kemet Corporation C0402C100J8GACTU Datasheet HTML 11Page - Kemet Corporation C0402C100J8GACTU Datasheet HTML 12Page - Kemet Corporation C0402C100J8GACTU Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1003_C0G • 10/5/2015
9
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – C0G Dielectric, 10 – 250 VDC (Commercial Grade)
Table 2B – Bulk Packaging Quantities
Packaging Type
Loose Packaging
Bulk Bag (default)
Packaging C-Spec1
N/A2
Case Size
Packaging Quantities (pieces/unit packaging)
EIA (in)
Metric (mm)
Minimum
Maximum
0402
1005
1
50,000
0603
1608
0805
2012
1206
3216
1210
3225
1808
4520
20,000
1812
4532
1825
4564
2220
5650
2225
5664
1
The "Packaging C-Spec" is a 4 to 8 digit code which identifies the packaging type and/or product grade. When ordering, the proper code must be included in the 15th
through 22nd character positions of the ordering code. See "Ordering Information" section of this document for further details. Commercial Grade product ordered without
a packaging C-Spec will default to our standard "Bulk Bag" packaging. Contact KEMET if you require a bulk bag packaging option for Automotive Grade products.
2
A packaging C-Spec (see note 1 above) is not required for "Bulk Bag" packaging (excluding Anti-Static Bulk Bag and Automotive Grade products). The 15th through
22nd character positions of the ordering code should be left blank. All product ordered without a packaging C-Spec will default to out standard "Bulk Bag" packaging.


Similar Part No. - C0402C100J8GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C100J3GACAUTO KEMET-C0402C100J3GACAUTO Datasheet
60Kb / 1P
   SMD Auto C0G, Ceramic, 10 pF, 5%, 25 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0402
C0402C100J3GACTU KEMET-C0402C100J3GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 10 pF, 5%, 25 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0402C100J5GAC KEMET-C0402C100J5GAC Datasheet
795Kb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0402C100J5GACAUTO KEMET-C0402C100J5GACAUTO Datasheet
72Kb / 1P
   SMD Auto C0G, Ceramic, 10 pF, 5%, 50 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0402
C0402C100J5GACTU KEMET-C0402C100J5GACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) C0G Dielectric, 10 ??200 VDC (Commercial Grade)
More results

Similar Description - C0402C100J8GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C519C5GACTU KEMET-C0402C519C5GACTU Datasheet
1Mb / 21P
   High ripple current capability
logo
Cornell Dubilier Electr...
381LR CDE-381LR Datasheet
214Kb / 3P
   Ultra-High-Ripple Snap-in More Ripple Current Capability
logo
List of Unclassifed Man...
APSGXXXEXXXXXMXXXS ETC2-APSGXXXEXXXXXMXXXS Datasheet
86Kb / 2P
   Super low ESR, high ripple current capability
logo
Nippon Precision Circui...
APSG250ELL331MJB5S NPC-APSG250ELL331MJB5S Datasheet
342Kb / 2P
   Super low ESR, high ripple current capability
logo
jb Capacitors Company
JNC JBCAPACITORS-JNC Datasheet
607Kb / 3P
   High ripple current
logo
World Produts Inc.
PCPW225 WPI-PCPW225 Datasheet
256Kb / 8P
   High ripple current
logo
Surge Components
SGV SURGE-SGV Datasheet
331Kb / 3P
   High ripple current
logo
jb Capacitors Company
JNK JBCAPACITORS-JNK Datasheet
499Kb / 1P
   High ripple current
JNE JBCAPACITORS-JNE Datasheet
500Kb / 3P
   High ripple current
JNJ JBCAPACITORS-JNJ Datasheet
594Kb / 4P
   High ripple current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com