Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KSM-601LM Datasheet(PDF) 1 Page - KODENSHI KOREA CORP.

Part No. KSM-601LM
Description  Optic receiver modules
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KODENSHI [KODENSHI KOREA CORP.]
Homepage  http://www.kodenshi.co.kr
Logo 

KSM-601LM Datasheet(HTML) 1 Page - KODENSHI KOREA CORP.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PIN configuration
60 LM 70 LM
Vout
Vout
GND
Vcc
Vcc
GND
The KSM-60LM consist of a PIN Photodiode of high
speed and a preamplifier IC in the package as an
receiver for Infrared remote control systems
FEATURES
•One mold small package
•5 Volt supply voltage, low power consumption
•Shielded against electrical field disturbance
•High immunity against ambient light
•Easy interface with the main board
•TTL and CMOS compatibility
APPLICATIONS
•TV, VTR, Acoustic Devices, Air Conditioners, Car
Stereo Units, Computers, Interior controlling
appliances, and all appliances that require remote
controlling
Note : *1. It specifies the maximum distance between emitter and detector that the output waveform satisfies the standard under the conditions below against the standard
transmitter
1) Measuring place : Indoor without extreme reflection of light
2) Ambient light source : Detecting surface illumination shall be irradiate 200±50lx under ordinary white fluorescence lamp without high frequency lightning
3) Standard transmitter : Burst wave of standard transmitter shall be arranged to 50mVp-p under the measuring circuit
Rating
Symbol
Parameter
MAXIMUM RATINGS
Supply Voltage
Operating Temperature
Storage Temperature
Soldering Temperature
VCC
Topr.
Tstg.
Tsol.
5.5
-10~+60
-20~+75
260(Max 5 sec)
V
Unit
(Ta=25℃ Unless
otherwise noted)
(Ta=25℃), Vcc=5.0V
ELECTRO-OPTICAL CHARACTERISTICS
Input Signal=0
±30°
30cm over the ray
axis
Burst Wave=600μs
Period=1.2㎳
Parameter
Typ.
5.0
1.2
940
37.9
-
-
5.0
0.1
600
600
Supply Voltage
Current Consumption
Peak Wavelength *1
B.P.F Center Frequency
Transmission Distance *1
H Level Output Voltage *1
L Level Output Voltage *1
H Level Output Pulse Width *1
L Level Output Pulse Width *1
Output Form
VCC
ICC
λp
fo
L
VOH
VOL
TWH
TWL
4.5
-
-
-
10
7
4.5
-
500
500
5.5
2.5
-
-
-
-
-
0.5
700
700
V
mA
nm
kHz
m
m
V
V
μs
μs
Symbol
Conditions
Min.
Max.
Unit.
Active Low Output
DIMENSIONS
(Unit : mm)
NOTE
200±50lx
B.P.F CENTER FREQUENCY
B.P.F Center Frequency(kHz)
Model NO.
40.0
36.7
37.9
32.7
56.9
KSM-◯◯1 LM
KSM-◯◯2 LM
KSM-◯◯3 LM
KSM-◯◯4 LM
KSM-◯◯5 LM
- 1-
KSM-60
LM・KSM-70
LM
Optic receiver modules
KODENSHI


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KSM-711TH5Optic receiver modules 1 2 KODENSHI KOREA CORP.
KSM-601LFOptic receiver modules 1 2 KODENSHI KOREA CORP.
KSM-801LMOptic receiver modules 1 2 KODENSHI KOREA CORP.
KSM-601LNOptic receiver modules 1 2 KODENSHI KOREA CORP.
KSM-601LOOptic receiver modules 1 2 KODENSHI KOREA CORP.
KSM-601LUOptic receiver modules 1 2 KODENSHI KOREA CORP.
KSM-601SM2Optic receiver modules 1 2 KODENSHI KOREA CORP.
KSM-601SPOptic receiver modules 1 2 KODENSHI KOREA CORP.
KSM-601SROptic receiver modules 1 2 KODENSHI KOREA CORP.
KSM-601TE2Optic receiver modules 1 2 KODENSHI KOREA CORP.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn