Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA199C2RSWT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA199C2RSWT
Description  Voltage Output Current Shunt Monitor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA199C2RSWT Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA199C2RSWT Datasheet HTML 3Page - Texas Instruments INA199C2RSWT Datasheet HTML 4Page - Texas Instruments INA199C2RSWT Datasheet HTML 5Page - Texas Instruments INA199C2RSWT Datasheet HTML 6Page - Texas Instruments INA199C2RSWT Datasheet HTML 7Page - Texas Instruments INA199C2RSWT Datasheet HTML 8Page - Texas Instruments INA199C2RSWT Datasheet HTML 9Page - Texas Instruments INA199C2RSWT Datasheet HTML 10Page - Texas Instruments INA199C2RSWT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
INA199
www.ti.com
SBOS469E – APRIL 2009 – REVISED DECEMBER 2015
7.6 Electrical Characteristics, TA = –40°C to 105°C
At TA = 25°C, VS = 5 V, VIN+ = 12 V, VSENSE = VIN+ – VIN–, and VREF = VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
Version A
–0.3
26
V
VCM
Common-mode input range
Version B
–0.1
26
V
CMR
Common-mode rejection
VIN+ = 0 V to 26 V, VSENSE = 0 mV
100
120
dB
Offset voltage, RTI(1) vs
dVOS/dT
0.1
0.5
μV/°C
temperature
OUTPUT
Gain error
VSENSE = –5 mV to 5 m V
±0.03%
±1.5%
vs temperature
3
10
ppm/°C
Swing to V+ power-supply rail
RL = 10 kΩ to GND
(V+) – 0.05
(V+) – 0.2
V
Swing to GND
RL = 10 kΩ to GND
(VGND) + 0.005
(VGND) + 0.05
V
POWER SUPPLY
2.7
26
V
VS
Operating voltage range
–20°C to 85°C
2.5
V
Quiescent
IQ
over temperature
115
μA
current
(1)
RTI = Referred-to-input.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: INA199


Similar Part No. - INA199C2RSWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199C2QDCKRQ1 TI1-INA199C2QDCKRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   Current-Shunt Monitor
More results

Similar Description - INA199C2RSWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
[Old version datasheet]   VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
logo
Burr-Brown (TI)
INA270 BURR-BROWN-INA270 Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
INA270 BURR-BROWN-INA270_07 Datasheet
471Kb / 17P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
logo
Texas Instruments
INA270 TI-INA270_15 Datasheet
746Kb / 26P
[Old version datasheet]   INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor
logo
Analog Devices
AD8215 AD-AD8215_11 Datasheet
234Kb / 16P
   High Voltage, Current Shunt Monitor
REV. A
AD8212 AD-AD8212 Datasheet
178Kb / 8P
   High Voltage Current Shunt Monitor
Rev. PrA
AD8215 AD-AD8215_16 Datasheet
258Kb / 13P
   High Voltage, Current Shunt Monitor
AD8211 AD-AD8211_15 Datasheet
309Kb / 16P
   High Voltage Current Shunt Monitor
REV. A
AD8212 AD-AD8212_07 Datasheet
386Kb / 16P
   High Voltage Current Shunt Monitor
REV. 0
AD8211WYRJZ-RL AD-AD8211WYRJZ-RL Datasheet
309Kb / 16P
   High Voltage Current Shunt Monitor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com