Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP8480MM-T/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8480MM-T/NOPB
Description  High-Side Current Sense Amplifiers With Voltage Output
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8480MM-T/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMP8480MM-T/NOPB Datasheet HTML 3Page - Texas Instruments LMP8480MM-T/NOPB Datasheet HTML 4Page - Texas Instruments LMP8480MM-T/NOPB Datasheet HTML 5Page - Texas Instruments LMP8480MM-T/NOPB Datasheet HTML 6Page - Texas Instruments LMP8480MM-T/NOPB Datasheet HTML 7Page - Texas Instruments LMP8480MM-T/NOPB Datasheet HTML 8Page - Texas Instruments LMP8480MM-T/NOPB Datasheet HTML 9Page - Texas Instruments LMP8480MM-T/NOPB Datasheet HTML 10Page - Texas Instruments LMP8480MM-T/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
LMP8480, LMP8481
www.ti.com
SNVS829C – MARCH 1999 – REVISED SEPTEMBER 2015
7.6 Typical Characteristics
Unless otherwise specified, TA = 25°C, VCC = 4.5 V to 76 V, 4.5 V < VCM < 76 V, RL = 100k, VSENSE = (VRSP – VRSN ) = 0 V, for
all gain options.
Figure 1. Offset Voltage Histogram
Figure 2. Typical Offset Voltage vs Temperature
Figure 4. Typical Gain Accuracy vs Supply Voltage
Figure 3. Typical Gain Accuracy vs Temperature
Figure 6. AC Common-Mode Rejection Ratio vs Frequency
Figure 5. Typical Offset Voltage vs Supply Voltage
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMP8480 LMP8481


Similar Part No. - LMP8480MM-T/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8480MM-T/NOPB TI-LMP8480MM-T/NOPB Datasheet
992Kb / 24P
[Old version datasheet]   Precision 76V High-Side Current Sense Amplifiers with Voltage Output
More results

Similar Description - LMP8480MM-T/NOPB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4080 MAXIM-MAX4080_11 Datasheet
330Kb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 4; 7/11
MAX4080 MAXIM-MAX4080 Datasheet
410Kb / 15P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
19-2562; Rev 0; 10/02
MAX4080 MAXIM-MAX4080_08 Datasheet
398Kb / 16P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 1; 11/08
MAX4080 MAXIM-MAX4080_V01 Datasheet
1Mb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
2020
MAX4080 MAXIM-MAX4080_10 Datasheet
320Kb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 3; 5/10
logo
Texas Instruments
LMP8481 TI1-LMP8481 Datasheet
1Mb / 28P
[Old version datasheet]   Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8480 TI-LMP8480 Datasheet
992Kb / 24P
[Old version datasheet]   Precision 76V High-Side Current Sense Amplifiers with Voltage Output
INA180_017 TI1-INA180_017 Datasheet
1Mb / 38P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180_18 Datasheet
1Mb / 40P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181 TI1-INA181_18 Datasheet
1Mb / 46P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com