Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP8645HV Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8645HV
Description  Precision High Voltage Current Sense Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8645HV Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMP8645HV Datasheet HTML 5Page - Texas Instruments LMP8645HV Datasheet HTML 6Page - Texas Instruments LMP8645HV Datasheet HTML 7Page - Texas Instruments LMP8645HV Datasheet HTML 8Page - Texas Instruments LMP8645HV Datasheet HTML 9Page - Texas Instruments LMP8645HV Datasheet HTML 10Page - Texas Instruments LMP8645HV Datasheet HTML 11Page - Texas Instruments LMP8645HV Datasheet HTML 12Page - Texas Instruments LMP8645HV Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
TIME (800 ns/DIV)
Rg = 10 k
Ö
Rg = 25 k
Ö
Rg = 50 k
Ö
VSENSE
VS = 12V, VCM = 5V
TIME (800 ns/div)
Rg = 10 k
Ö
Rg = 25 k
Ö
Rg = 50 k
Ö
VSENSE
VS = 12V, VCM = 5V
TIME (4 é
s/div)
Rg = 10 kÖ
Rg = 25 kÖ
Rg = 50 kÖ
VSENSE
VS=12V, VCM=5V
TIME (4 é
s/div)
Rg = 10 kÖ
Rg = 25 kÖ
Rg = 50 kÖ
VSENSE
VS = 12V, VCM = 5V
VSENSE (mV)
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
0
100
200
300
400
500
600
Rg = 10 k:
Rg = 25 k:
Rg = 50 k:
VS = 5V, VCM = 12V
VSENSE (mV)
40
35
30
25
20
15
10
5
0
-5
0
5
10
15
20
Rg=10 k
Rg=25 k
Rg=50 k
VS = 5V, VCM = 12V
LMP8645, LMP8645HV
www.ti.com
SNOSB29G – NOVEMBER 2009 – REVISED SEPTEMBER 2015
Typical Characteristics (continued)
Unless otherwise specified: TA = 25°C, VS= V
+– V, V
SENSE= +IN – (–IN), RL = 10 MΩ.
Figure 8. Output Voltage vs. VSENSE (ZOOM Close to 0 V)
Figure 7. Output Voltage vs. VSENSE
Figure 9. Large Step Response
Figure 10. Small Step Response
Figure 11. Settling Time (Rise)
Figure 12. Settling Time (Fall)
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMP8645 LMP8645HV


Similar Part No. - LMP8645HV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8645HV NSC-LMP8645HV Datasheet
416Kb / 16P
   Precision High Voltage Current Sense Amplifier
LMP8645HVMK NSC-LMP8645HVMK Datasheet
416Kb / 16P
   Precision High Voltage Current Sense Amplifier
LMP8645HVMKE NSC-LMP8645HVMKE Datasheet
416Kb / 16P
   Precision High Voltage Current Sense Amplifier
LMP8645HVMKX NSC-LMP8645HVMKX Datasheet
416Kb / 16P
   Precision High Voltage Current Sense Amplifier
More results

Similar Description - LMP8645HV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8640 NSC-LMP8640 Datasheet
1Mb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640MK-T TI1-LMP8640MK-T Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
logo
National Semiconductor ...
LMP8645 NSC-LMP8645 Datasheet
416Kb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640HV TI1-LMP8640HV Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX40010 MAXIM-MAX40010_V01 Datasheet
528Kb / 13P
   76V Precision, High-Voltage, Current-Sense Amplifier
2020
MAX40010 MAXIM-MAX40010 Datasheet
508Kb / 13P
   76V Precision, High-Voltage, Current-Sense Amplifier
Rev 2; 1/18
logo
Texas Instruments
LMP8645 TI-LMP8645_15 Datasheet
1Mb / 30P
[Old version datasheet]   LMP8645, LMP8645HV Precision High Voltage Current Sense Amplifier
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
   Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX44285 MAXIM-MAX44285 Datasheet
839Kb / 12P
   Dual-Channel, High-Precision, High-Voltage, Current-Sense Amplifier
19-6910; Rev 4; 4/16
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
   Precision High-Side Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com