Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP8645MKE Datasheet(PDF) 7 Page - Texas Instruments

Part # LMP8645MKE
Description  Precision High Voltage Current Sense Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8645MKE Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMP8645MKE Datasheet HTML 3Page - Texas Instruments LMP8645MKE Datasheet HTML 4Page - Texas Instruments LMP8645MKE Datasheet HTML 5Page - Texas Instruments LMP8645MKE Datasheet HTML 6Page - Texas Instruments LMP8645MKE Datasheet HTML 7Page - Texas Instruments LMP8645MKE Datasheet HTML 8Page - Texas Instruments LMP8645MKE Datasheet HTML 9Page - Texas Instruments LMP8645MKE Datasheet HTML 10Page - Texas Instruments LMP8645MKE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LMP8645, LMP8645HV
www.ti.com
SNOSB29G – NOVEMBER 2009 – REVISED SEPTEMBER 2015
6.7 12-V Electrical Characteristics
Unless otherwise specified, all limits specified for at TA = 25°C, VS = V
+ – V-, V+ = 12 V, V= 0 V, −2 V < V
CM < 76 V, Rg= 25
k
Ω, RL = 10 MΩ.
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
–1
1
VOS
Input Offset Voltage
VCM = 2.1 V
mV
At the temperature extremes
–1.7
1.7
Input Offset Voltage
TCVOS
VCM = 2.1 V
7
μV/°C
Drift(4)(5)
IB
Input Bias Current(6)
VCM = 2.1 V
13
23
μA
eni
Input Voltage Noise(5)
f > 10 kHz, RG = 5 kΩ
120
nV/
√Hz
VSENSE(M
Max Input Sense Voltage(5)
VCM = 12 V, RG = 5 kΩ
600
mV
AX)
Gain AV
Adjustable Gain Setting(5)
VCM = 12 V
1
100
V/V
Transconductance
VCM = 2.1 V
200
µA/V
–2%
2%
Gm
Accuracy
VCM = 2.1 V
At the temperature extremes
–3.4%
3.4%
Gm drift(5)
−40°C to 125°C, VCM = 2.1 V
140 ppm /°C
Power Supply Rejection
PSRR
VCM = 2.1 V, 2.7 V <V
+ < 12 V
90
dB
Ratio
LMP8645HV 2.1 V < VCM < 76 V
95
Common-Mode Rejection
LMP8645 2.1 V < VCM< 42 V
CMRR
dB
Ratio
–2 V < VCM < 2 V
60
RG = 10 kΩ, CG = 4 pF, VSENSE = 400 mV,
860
CL = 30 pF, RL = 1 MΩ
RG = 25 kΩ, CG = 4 pF, VSENSE = 400 mV,
BW
−3-dB Bandwidth(5)
260
kHz
CL = 30 pF, RL = 1 MΩ
RG = 50 kΩ, CG = 4 pF, VSENSE = 400 mV,
140
CL = 30 pF, RL = 1 MΩ
VCM = 5 V, CG = 4 pF, VSENSE from 100 mV
SR
Slew Rate(7) (5)
0.6
V/µs
to 500 mV, CL = 30 pF, RL = 1 MΩ
555
765
VCM = 2.1 V
At the temperature extremes
920
IS
Supply Current
uA
2200
2900
VCM = −2 V
At the temperature extremes
3110
Maximum Output Voltage
VCM = 12 V, RG= 500 kΩ
10.2
V
VOUT
Minimum Output Voltage
VCM = 2.1 V
24
mV
Sourcing, VOUT = 5.25 V, Rg = 150 kΩ
5
IOUT
Output current(5)
mA
Sinking, VOUT = 5.25 V, Rg = 150 kΩ
5
Max Output Capacitance
CLOAD
30
pF
Load(5)
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA.
(2)
All limits are specified by testing, design, or statistical analysis.
(3)
Typical values represent the most likely parametric norm at the time of characterization. Actual typical values may vary over time and
will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped production
material.
(4)
Offset voltage temperature drift is determined by dividing the change in VOS at the temperature extremes by the total temperature
change.
(5)
This parameter is specified by design and/or characterization and is not tested in production.
(6)
Positive Bias Current corresponds to current flowing into the device.
(7)
The number specified is the average of rising and falling slew rates and measured at 90% to 10%.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMP8645 LMP8645HV


Similar Part No. - LMP8645MKE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8645MKE NSC-LMP8645MKE Datasheet
416Kb / 16P
   Precision High Voltage Current Sense Amplifier
More results

Similar Description - LMP8645MKE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8640 NSC-LMP8640 Datasheet
1Mb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640MK-T TI1-LMP8640MK-T Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
logo
National Semiconductor ...
LMP8645 NSC-LMP8645 Datasheet
416Kb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640HV TI1-LMP8640HV Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX40010 MAXIM-MAX40010_V01 Datasheet
528Kb / 13P
   76V Precision, High-Voltage, Current-Sense Amplifier
2020
MAX40010 MAXIM-MAX40010 Datasheet
508Kb / 13P
   76V Precision, High-Voltage, Current-Sense Amplifier
Rev 2; 1/18
logo
Texas Instruments
LMP8645 TI-LMP8645_15 Datasheet
1Mb / 30P
[Old version datasheet]   LMP8645, LMP8645HV Precision High Voltage Current Sense Amplifier
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
   Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX44285 MAXIM-MAX44285 Datasheet
839Kb / 12P
   Dual-Channel, High-Precision, High-Voltage, Current-Sense Amplifier
19-6910; Rev 4; 4/16
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
   Precision High-Side Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com