Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP92064SD Datasheet(PDF) 11 Page - Texas Instruments

Part # LMP92064SD
Description  Precision Low-Side, 125-kSps Simultaneous Sampling, Current Sensor and Voltage Monitor With SPI
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP92064SD Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMP92064SD Datasheet HTML 7Page - Texas Instruments LMP92064SD Datasheet HTML 8Page - Texas Instruments LMP92064SD Datasheet HTML 9Page - Texas Instruments LMP92064SD Datasheet HTML 10Page - Texas Instruments LMP92064SD Datasheet HTML 11Page - Texas Instruments LMP92064SD Datasheet HTML 12Page - Texas Instruments LMP92064SD Datasheet HTML 13Page - Texas Instruments LMP92064SD Datasheet HTML 14Page - Texas Instruments LMP92064SD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
LMP92064
www.ti.com
SNOSCX0A – JUNE 2013 – REVISED DECEMBER 2014
7.3.2 Current Sense Input Channel Common-Mode and Differential Voltage Range (Dynamic Range
Considerations)
The input voltage should be in the range of –0.2 V to 2 V. The input can withstand voltage up to VDD + 0.3 V
absolute maximum but the operational range is limited to 2 V. Operation below –0.2 V or above 2 V on either
input pin will introduce severe gain errors and nonlinearity.
The maximum differential voltage (defined as the voltage difference between INCP and INCN) for which the part
is designed to work is 75 mV. Larger differential or common mode input voltages will not damage the part (as
long as the input pins remain between GND – 0.3 V and VDD + 0.3 V), however, exposure for extended periods
may affect device reliability. The ADC output code will not roll over and will clip at minimum or maximum scale
when the maximum differential voltage is exceeded.
7.3.3 Voltage Sense Input Channel
The voltage sensing channel of the LMP92064 has a high impedance buffer amplifier followed by a 12-bit
analog-to-digital converter. The binary code result of a conversion is also stored as a right-justified 16-bit number
as shown in Table 2, where the 4 most significant bits are always 0.
The output data of the voltage sense channel is accessible on registers 0x0201 and 0x0200.
Table 2. Ideal Voltage Channel Input Voltages and Output Codes
DESCRIPTION
ANALOG VALUE
DIGITAL OUTPUT
Full scale range
V FS= 2.048 V
BINARY CODE
HEX CODE
[B15:B0]
Least significant bit (LSB)
VFS / 4096
Maximum Positive Input
VFS – 1 LSB
0000 1111 1111 1111
0x0FFF
Voltage
Zero Code Voltage
0 V
0000 0000 0000 0000
0x0000
7.3.4 Reference
The LMP92064 includes an internal 2.048-V band-gap reference for the ADCs, which eliminates the need of an
external reference and reduces component count and board space. The REFC pin is provided to allow bypassing
this internal reference for low noise operation. A 1-µF ceramic decoupling capacitor is required between the
REFC and REFG pins of the converter. The capacitor should be placed as close as possible to the pins of the
device.
7.3.5 Reset
There are two methods to reset the LMP92064. A soft reset is done by setting bit7=1 in the CONFIG_A register.
In a soft reset, the SPI state machine and the contents of registers 0x0000 and 0x0001 are unaffected.
A hardware reset is done by connecting the RESET pin of the LMP92064 to VDIG. If the pin is driven by a switch
or a GPIO, TI recommends adding an external RC filter to prevent reset glitches.
7.3.6 Device Power-Up Sequence
The sources providing power to the analog and digital supply pins of the LMP92064, VDD and VDIG, must ramp
up at the same time to have a proper power-on reset (POR) event. The easiest way to achieve it is to tie VDD
and VDIG to the same power source using a star configuration.
7.4 Device Functional Modes
7.4.1 ADC Operation
The LMP92064 includes two 12-bit ADCs that are continuously running in the background. The device is
configured, and data is read, using a four-wire SPI interface: CSB, SCLK, SDO and SDI. The device outputs its
data on SDO, and the data for both channels is synchronized such that all data read would be from the same
instant in time. New conversion data for both channels will only be made available after all registers are read in
descending sequential order (addresses 0x0203-0x0200). All registers must be read otherwise new conversion
data will not be available. Three different output data formats are available as detailed in Figure 20, Figure 21
and Figure 22.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMP92064


Similar Part No. - LMP92064SD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP92064 TI-LMP92064 Datasheet
519Kb / 23P
[Old version datasheet]   Precision Low-Side, 125 kSps Simultaneous Sampling,Current Sensor and Voltage Monitor with SPI
LMP92064 TI-LMP92064_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMP92064 Precision Low-Side, 125-kSps Simultaneous Sampling,Current Sensor and Voltage Monitor With SPI
More results

Similar Description - LMP92064SD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP92064 TI-LMP92064 Datasheet
519Kb / 23P
[Old version datasheet]   Precision Low-Side, 125 kSps Simultaneous Sampling,Current Sensor and Voltage Monitor with SPI
LMP92064 TI-LMP92064_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMP92064 Precision Low-Side, 125-kSps Simultaneous Sampling,Current Sensor and Voltage Monitor With SPI
logo
Analog Devices
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-10 AD-AD7862ARSZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
logo
Diodes Incorporated
ZXCT199 DIODES-ZXCT199 Datasheet
354Kb / 2P
   High-Precision and Bidirectional Current Monitor for Accurate High-/Low-Side Current Measurement
logo
Analog Devices
AD7862ARZ-10 AD-AD7862ARZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7863 AD-AD7863 Datasheet
1Mb / 24P
   Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
REV. B
logo
Unisonic Technologies
UCM101 UTC-UCM101_15 Datasheet
110Kb / 4P
   BIDIRECTIONAL PRECISION HIGH-SIDE CURRENT MONITOR
logo
Analog Devices
AD7862 AD-AD7862_17 Datasheet
449Kb / 17P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
logo
Zetex Semiconductors
ZXCT1041 ZETEX-ZXCT1041 Datasheet
151Kb / 8P
   Bidirectional precision high-side current monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com