Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA207AIPW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA207AIPW
Description  Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA207AIPW Datasheet(HTML) 3 Page - Texas Instruments

  INA207AIPW Datasheet HTML 1Page - Texas Instruments INA207AIPW Datasheet HTML 2Page - Texas Instruments INA207AIPW Datasheet HTML 3Page - Texas Instruments INA207AIPW Datasheet HTML 4Page - Texas Instruments INA207AIPW Datasheet HTML 5Page - Texas Instruments INA207AIPW Datasheet HTML 6Page - Texas Instruments INA207AIPW Datasheet HTML 7Page - Texas Instruments INA207AIPW Datasheet HTML 8Page - Texas Instruments INA207AIPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
V
IN+
V
IN-
CMP1 RESET
V
S
INA206 INA208
-
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1.2V REF OUT
CMP1 OUT
CMP2 OUT
CMP2 DELAY
OUT
CMP1 IN /0.6V REF
-
CMP1 IN+
CMP2 IN-
CMP2 IN+/0.6V REF
GND
SO-14, TSSOP-14
1.2V REF
INA206, INA207, INA208
www.ti.com
SBOS360F – JUNE 2006 – REVISED NOVEMBER 2015
5 Device Comparison Table
DEVICE
GAIN
INA206
20 V/V
INA207
50 V/V
INA208
100 V/V
6 Pin Configuration and Functions
D or PW Packages
14-Pin SOIC OR TSSOP
Top View
Pin Functions: SOIC and TSSOP
PIN
I/O
DESCRIPTION
NO.
NAME
1
Vs
I
Power Supply
2
OUT
O
Output voltage
CMP1 IN-
3
I
Comparator 1 negative input, can be used to override the internal 0.6-V reference
/0.6V Ref
4
CMP1 IN+
I
Comparator 1 positive input
5
CMP2 IN-
I
Comparator 2 negative input
CMP2
6
I
Comparator 2 positive input, can be used to override the internal 0.6-V reference
IN+/0.6V Ref
7
GND
I
Ground
CMP1
8
I
Comparator 1 ouput reset, active low
RESET
CMP2
9
I
Connect an optional capacitor to adjust comparator 2 delay
DELAY
10
CMP2 OUT
O
Comparator 2 output
11
CMP1 OUT
O
Comparator 1 output
1.2V REF
12
O
1.2-V reference output
OUT
13
VIN-
I
Connect to shunt low side
14
VIN+
I
Connect to shunt high side
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: INA206 INA207 INA208


Similar Part No. - INA207AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA207A TI-INA207A Datasheet
433Kb / 23P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Dual Comparators
More results

Similar Description - INA207AIPW

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA203 BURR-BROWN-INA203 Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
logo
Texas Instruments
INA203-Q1 TI-INA203-Q1_15 Datasheet
647Kb / 24P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203 TI1-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA206 TI-INA206_15 Datasheet
1Mb / 39P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203 TI-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor
INA206 TI-INA206 Datasheet
433Kb / 23P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Dual Comparators
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
[Old version datasheet]   VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
logo
Burr-Brown (TI)
INA270 BURR-BROWN-INA270 Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com