Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA199B2DCKT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA199B2DCKT
Description  Voltage Output Current Shunt Monitor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA199B2DCKT Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA199B2DCKT Datasheet HTML 5Page - Texas Instruments INA199B2DCKT Datasheet HTML 6Page - Texas Instruments INA199B2DCKT Datasheet HTML 7Page - Texas Instruments INA199B2DCKT Datasheet HTML 8Page - Texas Instruments INA199B2DCKT Datasheet HTML 9Page - Texas Instruments INA199B2DCKT Datasheet HTML 10Page - Texas Instruments INA199B2DCKT Datasheet HTML 11Page - Texas Instruments INA199B2DCKT Datasheet HTML 12Page - Texas Instruments INA199B2DCKT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Temperature( C)
°
70
68
66
64
62
60
-50
-25
125
0
25
50
75
100
Frequency (Hz)
100
10
1
10
100
1k
100k
10k
V = 2.5V
±
S
V
= 0V
REF
V
, V
= 0V
IN
IN+
-
G = 50
G = 100
G = 200
Common-Mode Voltage (V)
30
25
20
15
10
5
0
-5
0
5
30
10
15
20
25
I , V
= 2.5V
B+
REF
I , I , V
= 0V
and
I , V
= 2.5V
B+
B
REF
-
B
REF
-
Temperature( C)
°
30
29
28
27
26
25
-50
-25
125
0
25
50
75
100
V+
(V+)
0.25
-
(V+)
0.50
-
(V+)
0.75
-
(V+)
1.00
-
(V+)
1.25
-
(V+)
1.50
-
GND+1.50
GND+1.25
GND+1.00
GND+0.75
GND+0.50
GND+0.25
GND
0
2
4
5
8
OutputCurrent(mA)
10
12
14
18
16
+85 C
°
+25 C
°
-20 C
°
+85 C
°
-
°
20 C
+25 C
°
Common-ModeVoltage(V)
50
40
30
20
10
0
-
10
0
5
30
10
15
20
25
I ,I ,V
=2.5V
B+
B
REF
-
I ,I ,V
=0V
B+
B
REF
-
INA199
www.ti.com
SBOS469E – APRIL 2009 – REVISED DECEMBER 2015
Typical Characteristics (continued)
Performance measured with the INA199A3 at TA = 25°C, VS = 5 V, VIN+ = 12 V, and VREF = VS / 2, unless otherwise noted.
VS = 2.5 V
Figure 8. Input Bias Current vs Common-Mode Voltage With
Figure 7. Output Voltage Swing vs Output Current
Supply Voltage = 5 V
Figure 10. Input Bias Current vs Temperature
Figure 9. Input Bias Current vs Common-Mode Voltage With
Supply Voltage = 0 V (Shutdown)
Figure 12. Input-Referred Voltage Noise vs Frequency
Figure 11. Quiescent Current vs Temperature
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: INA199


Similar Part No. - INA199B2DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199B2DCKT TI-INA199B2DCKT Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
More results

Similar Description - INA199B2DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
[Old version datasheet]   VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
logo
Burr-Brown (TI)
INA270 BURR-BROWN-INA270 Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
INA270 BURR-BROWN-INA270_07 Datasheet
471Kb / 17P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
logo
Texas Instruments
INA270 TI-INA270_15 Datasheet
746Kb / 26P
[Old version datasheet]   INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor
logo
Analog Devices
AD8215 AD-AD8215_11 Datasheet
234Kb / 16P
   High Voltage, Current Shunt Monitor
REV. A
AD8212 AD-AD8212 Datasheet
178Kb / 8P
   High Voltage Current Shunt Monitor
Rev. PrA
AD8215 AD-AD8215_16 Datasheet
258Kb / 13P
   High Voltage, Current Shunt Monitor
AD8211 AD-AD8211_15 Datasheet
309Kb / 16P
   High Voltage Current Shunt Monitor
REV. A
AD8212 AD-AD8212_07 Datasheet
386Kb / 16P
   High Voltage Current Shunt Monitor
REV. 0
AD8211WYRJZ-RL AD-AD8211WYRJZ-RL Datasheet
309Kb / 16P
   High Voltage Current Shunt Monitor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com