Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA271AIDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA271AIDR
Description  Unidirectional Measurement Current-Shunt Monitor
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA271AIDR Datasheet(HTML) 1 Page - Texas Instruments

  INA271AIDR Datasheet HTML 1Page - Texas Instruments INA271AIDR Datasheet HTML 2Page - Texas Instruments INA271AIDR Datasheet HTML 3Page - Texas Instruments INA271AIDR Datasheet HTML 4Page - Texas Instruments INA271AIDR Datasheet HTML 5Page - Texas Instruments INA271AIDR Datasheet HTML 6Page - Texas Instruments INA271AIDR Datasheet HTML 7Page - Texas Instruments INA271AIDR Datasheet HTML 8Page - Texas Instruments INA271AIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
A1
A2
Single-PoleFilter
Capacitor
+2.7Vto+18V
5kW
5kW
96kW
R
L
PREOUT
BUFIN
GND
OUT
IN-
IN+
V+
Load
-16Vto+80V
Supply
R
S
INA270
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
INA270, INA271
SBOS381D – FEBRUARY 2007 – REVISED NOVEMBER 2014
INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor
1 Features
3 Description
The INA270 and INA271 family of voltage-output,
1
Wide Common-Mode Range: –16 V to +80 V
current-sense amplifiers can sense drops across
CMRR: 120 dB
shunt resistors at common-mode voltages from –16 V
Accuracy:
to +80 V, independent of the supply voltage. The
±0.5-mV Offset (typ)
INA270 and INA271 pinouts readily enable filtering.
±0.2% Gain Error (typ)
The INA270 and INA271 are available with two gain
2.5
μV/°C Offset Drift (typ)
options: 14 V/V and 20 V/V. The 130-kHz bandwidth
50 ppm/°C Gain Drift (max)
simplifies use in current-control loops.
Bandwidth: Up to 130 kHz
The INA270 and INA271 operate from a single +2.7-V
Two Gain Options Available:
to +18-V supply, drawing 700
μA (typical) of supply
14 V/V (INA270)
current. The devices are specified over the extended
20 V/V (INA271)
operating temperature range of –40°C to +125°C and
are offered in an SOIC-8 package.
Quiescent Current: 700
μA (typ)
Power Supply: +2.7 V to +18 V
Device Information(1)
Provision for Filtering
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA27x
SOIC (8)
4.90 mm × 3.91 mm
2 Applications
(1) For all available packages, see the orderable addendum at
Power Management
the end of the datasheet.
Automotive
Telecom Equipment
Notebook Computers
Battery Chargers
Cell Phones
Welding Equipment
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA271AIDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA271AIDR BURR-BROWN-INA271AIDR Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
INA271AIDR BURR-BROWN-INA271AIDR Datasheet
471Kb / 17P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
INA271AIDRG4 BURR-BROWN-INA271AIDRG4 Datasheet
471Kb / 17P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
More results

Similar Description - INA271AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
[Old version datasheet]   VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
logo
Burr-Brown (TI)
INA270 BURR-BROWN-INA270 Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
INA270 BURR-BROWN-INA270_07 Datasheet
471Kb / 17P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
INA203 BURR-BROWN-INA203 Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
logo
Texas Instruments
INA203-Q1 TI-INA203-Q1_15 Datasheet
647Kb / 24P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA270 TI-INA270_15 Datasheet
746Kb / 26P
[Old version datasheet]   INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor
INA206 TI1-INA206 Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203 TI1-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA206 TI-INA206_15 Datasheet
1Mb / 39P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com