Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA282AQDRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA282AQDRQ1
Description  Current Shunt Monitor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA282AQDRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  INA282AQDRQ1 Datasheet HTML 1Page - Texas Instruments INA282AQDRQ1 Datasheet HTML 2Page - Texas Instruments INA282AQDRQ1 Datasheet HTML 3Page - Texas Instruments INA282AQDRQ1 Datasheet HTML 4Page - Texas Instruments INA282AQDRQ1 Datasheet HTML 5Page - Texas Instruments INA282AQDRQ1 Datasheet HTML 6Page - Texas Instruments INA282AQDRQ1 Datasheet HTML 7Page - Texas Instruments INA282AQDRQ1 Datasheet HTML 8Page - Texas Instruments INA282AQDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
INA282-Q1, INA283-Q1, INA284-Q1, INA285-Q1, INA286-Q1
www.ti.com
SBOS554B – MARCH 2012 – REVISED DECEMBER 2015
6.5 Electrical Characteristics
at TA = 25°C, V+ = 5 V, V+IN = 12 V, VREF1 = VREF2 = 2.048 V referenced to GND, and VSENSE = V+IN – V–IN, unless otherwise
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VOS
Offset Voltage, RTI(1)
VSENSE = 0 mV
±20
±70
μV
dVOS/dT
vs Temperature
TA = –40°C to 125°C
±0.3
±1.5
μV/°C
PSRR
vs Power Supply
VS = 2.7 V to 18 V, VSENSE = 0 mV
3
μV/V
VCM
Common-Mode Input Range
TA = –40°C to 125°C
–14
+80
V
V+IN = –14 V to 80 V, VSENSE = 0 mV
CMRR
Common-Mode Rejection
120
140
dB
TA = –40°C to 125°C
IB
Input Bias Current per Pin(2)
VSENSE = 0 mV
25
μA
IOS
Input Offset Current
VSENSE = 0 mV
1
μA
Differential Input Impedance
6
k
REFERENCE INPUTS
Reference Input Gain
1
V/V
Reference Input Voltage Range(3)
0
VGND + 9
V
Divider Accuracy(4)
±0.2%
±0.5%
±25
±75
μV/V
INA282-Q1
TA = –40°C to 125°C
0.055
μV/V/°C
±13
±30
μV/V
INA283-Q1
TA = –40°C to 125°C
0.040
μV/V/°C
Reference Voltage Rejection Ratio
±6
±25
μV/V
RVRR
(VREF1 = VREF2 = 40 mV to 9 V,
INA284-Q1
TA = –40°C to 125°C
0.015
μV/V/°C
V+ = 18 V)
±4
±10
μV/V
INA285-Q1
TA = –40°C to 125°C
0.010
μV/V/°C
±17
±45
μV/V
INA286-Q1
TA = –40°C to 125°C
0.040
μV/V/°C
GAIN(5) (GND + 0.5 V
≤ VOUT ≤ (V+) – 0.5 V; VREF1 = VREF2 = (V+) / 2 for all devices)
INA282-Q1, V+ = 5 V
50
V/V
INA283-Q1, V+ = 5 V
200
V/V
G
Gain
INA284-Q1, V+ = 5 V
500
V/V
INA285-Q1, V+ = 5 V
1000
V/V
INA286-Q1, V+ = 5 V
100
V/V
INA282-Q1, INA283-Q1, INA286-Q1
±0.4%
±1.4%
Gain Error
INA284-Q1, INA285-Q1
±0.4%
±1.6%
TA = –40°C to 125°C
0.0008
0.005
%/°C
(1)
RTI = referred-to-input.
(2)
See typical characteristic graph Figure 7 .
(3)
The average of the voltage on pins REF1 and REF2 must be between VGND and the lesser of (VGND+9 V) and V+.
(4)
Reference divider accuracy specifies the match between the reference divider resistors using the configuration in Figure 36.
(5)
See typical characteristic graph Figure 12.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: INA282-Q1 INA283-Q1 INA284-Q1 INA285-Q1 INA286-Q1


Similar Part No. - INA282AQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA282AQDRQ1 TI1-INA282AQDRQ1 Datasheet
847Kb / 30P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional
More results

Similar Description - INA282AQDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199-Q1 TI1-INA199-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Current-Shunt Monitor
logo
Burr-Brown (TI)
INA193 BURR-BROWN-INA193 Datasheet
226Kb / 15P
   CURRENT SHUNT MONITOR
logo
Analog Devices
AD8215 AD-AD8215_11 Datasheet
234Kb / 16P
   High Voltage, Current Shunt Monitor
REV. A
logo
Texas Instruments
INA199 TI1-INA199 Datasheet
1Mb / 34P
[Old version datasheet]   Voltage Output Current Shunt Monitor
INA301 TI1-INA301 Datasheet
153Kb / 7P
[Old version datasheet]   Current-Shunt Monitor Overcurrent Comparator
logo
Analog Devices
AD8212 AD-AD8212 Datasheet
178Kb / 8P
   High Voltage Current Shunt Monitor
Rev. PrA
AD8215 AD-AD8215_16 Datasheet
258Kb / 13P
   High Voltage, Current Shunt Monitor
AD8212WYRMZ AD-AD8212WYRMZ Datasheet
335Kb / 16P
   High Voltage Current Shunt Monitor
REV. B
AD8212 AD-AD8212_17 Datasheet
371Kb / 13P
   High Voltage Current Shunt Monitor
AD8211 AD-AD8211_15 Datasheet
309Kb / 16P
   High Voltage Current Shunt Monitor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com