Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA203AIPW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA203AIPW
Description  Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA203AIPW Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA203AIPW Datasheet HTML 4Page - Texas Instruments INA203AIPW Datasheet HTML 5Page - Texas Instruments INA203AIPW Datasheet HTML 6Page - Texas Instruments INA203AIPW Datasheet HTML 7Page - Texas Instruments INA203AIPW Datasheet HTML 8Page - Texas Instruments INA203AIPW Datasheet HTML 9Page - Texas Instruments INA203AIPW Datasheet HTML 10Page - Texas Instruments INA203AIPW Datasheet HTML 11Page - Texas Instruments INA203AIPW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Hysteresis=V
THRESHOLD - 8mV
V
THRESHOLD
InputVoltage
0.592
0.6
a)
CMP1
Hysteresis=V
THRESHOLD - 8mV
V
THRESHOLD
InputVoltage
0.608
0.6
b)
CMP2
INA203, INA204, INA205
SBOS393E – MARCH 2007 – REVISED NOVEMBER 2015
www.ti.com
Electrical Characteristics: Comparator (continued)
At TA = 25°C, VS = 12 V, VCM = 12 V, VSENSE = 100 mV, RL = 10 kΩ to GND, and Rpullup = 5.1 kΩ each connected from CMP1
OUT and CMP2 OUT to VS, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL to 5 V, CL = 15 pF, 100-mV Input Step with
Comparator 1
1.3
μs
5-mV Overdrive
RL to 5 V, CL = 15 pF, 100-mV Input Step with
Comparator 2
1.3
μs
5-mV Overdrive, CDELAY Pin Open
RESET
RESET Threshold (5)
1.1
V
Logic Input Impedance
2
M
Minimum RESET Pulse Width
1.5
μs
RESET Propagation Delay
3
μs
Comparator 2 Delay Equation (6)
CDELAY = tD/5
μF
Comparator 2 Delay
tD
CDELAY = 0.1 μF
0.5
s
(5)
The CMP1 RESET input has an internal 2-M
Ω (typical) pulldown. Leaving the CMP1 RESET open results in a LOW state, with
transparent comparator operation.
(6)
The Comparator 2 delay applies to both rising and falling edges of the comparator output.
Figure 1. Comparator Hysteresis
8
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: INA203 INA204 INA205


Similar Part No. - INA203AIPW

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA203AIDGSR BURR-BROWN-INA203AIDGSR Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203AIDGSRG4 BURR-BROWN-INA203AIDGSRG4 Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203AIDGST BURR-BROWN-INA203AIDGST Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203AIDGSTG4 BURR-BROWN-INA203AIDGSTG4 Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
More results

Similar Description - INA203AIPW

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA203 BURR-BROWN-INA203 Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
logo
Texas Instruments
INA203-Q1 TI-INA203-Q1_15 Datasheet
647Kb / 24P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA206 TI1-INA206 Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA206 TI-INA206_15 Datasheet
1Mb / 39P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203 TI-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor
INA206 TI-INA206 Datasheet
433Kb / 23P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Dual Comparators
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
[Old version datasheet]   VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
logo
Burr-Brown (TI)
INA270 BURR-BROWN-INA270 Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com