Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA203AIDR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA203AIDR
Description  Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA203AIDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA203AIDR Datasheet HTML 5Page - Texas Instruments INA203AIDR Datasheet HTML 6Page - Texas Instruments INA203AIDR Datasheet HTML 7Page - Texas Instruments INA203AIDR Datasheet HTML 8Page - Texas Instruments INA203AIDR Datasheet HTML 9Page - Texas Instruments INA203AIDR Datasheet HTML 10Page - Texas Instruments INA203AIDR Datasheet HTML 11Page - Texas Instruments INA203AIDR Datasheet HTML 12Page - Texas Instruments INA203AIDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
INA203, INA204, INA205
www.ti.com
SBOS393E – MARCH 2007 – REVISED NOVEMBER 2015
7.7 Electrical Characteristics: Reference
At TA = 25°C, VS = 12 V, VCM = 12 V, VSENSE = 100 mV, RL = 10 kΩ to GND, and Rpullup = 5.1 kΩ each connected from CMP1
OUT and CMP2 OUT to VS, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE VOLTAGE
1.2-VREFOUT Output Voltage
1.188
1.2
1.212
V
Reference Drift
dVOUT/dT
TA = –40°C to 85°C
40
100 ppm/°C
0.6-VREF Output Voltage (Pins 3 and 6 of 14-
0.6
v
pin packages only)
Reference Drift
dVOUT/dT
TA = –40°C to 85°C
40
100 ppm/°C
LOAD REGULATION
dVOUT/dILOAD
Sourcing
0mA < ISOURCE < 0.5mA
0.4
2
mV/mA
Sinking
0mA < ISINK < 0.5mA
0.4
mV/mA
Load Current
ILOAD
1
mA
Line Regulation
dVOUT/dVS
2.7 V < VS < 18 V
30
μV/V
CAPACITIVE LOAD
Reference Output Maximum Capacitive Load
No Sustained Oscillations
10
nF
OUTPUT IMPEDANCE
Pins 3 and 6 of 14-Pin Packages Only
10
k
7.8 Electrical Characteristics: General
All specifications at TA = 25°C, VS = 12 V, VCM = 12 V, VSENSE = 100 mV, RL = 10 kΩ to GND, Rpullup = 5.1 kΩ each connected
from CMP1 OUT and CMP2 OUT to VS, and CMP1 IN+ = 1 V and CMP2 IN– = GND, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
Operating power supply
VS
TA = –40°C to 125°C
2.7
18
V
Quiescent current
IQ
VOUT = 2 V
1.8
2.2
mA
Over temperature
VSENSE = 0 mV
2.8
mA
Comparator power-on reset threshold (1)
1.5
V
TEMPERATURE
Specified temperature
–40
125
°C
Operating temperature
–55
150
°C
(1)
The INA203, INA204, and INA205 are designed to power-up with the comparator in a defined reset state as long as CMP1 RESET is
open or grounded. The comparator will be in reset as long as the power supply is below the voltage shown here. The comparator
assumes a state based on the comparator input above this supply voltage. If CMP1 RESET is high at power-up, the comparator output
comes up high and requires a reset to assume a low state, if appropriate.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: INA203 INA204 INA205


Similar Part No. - INA203AIDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA203AIDGSR BURR-BROWN-INA203AIDGSR Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203AIDGSRG4 BURR-BROWN-INA203AIDGSRG4 Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203AIDGST BURR-BROWN-INA203AIDGST Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203AIDGSTG4 BURR-BROWN-INA203AIDGSTG4 Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
More results

Similar Description - INA203AIDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA203 BURR-BROWN-INA203 Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
logo
Texas Instruments
INA203-Q1 TI-INA203-Q1_15 Datasheet
647Kb / 24P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA206 TI1-INA206 Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA206 TI-INA206_15 Datasheet
1Mb / 39P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203 TI-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor
INA206 TI-INA206 Datasheet
433Kb / 23P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Dual Comparators
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
[Old version datasheet]   VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
logo
Burr-Brown (TI)
INA270 BURR-BROWN-INA270 Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com