Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA203AIDR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA203AIDR
Description  Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA203AIDR Datasheet(HTML) 5 Page - Texas Instruments

  INA203AIDR Datasheet HTML 1Page - Texas Instruments INA203AIDR Datasheet HTML 2Page - Texas Instruments INA203AIDR Datasheet HTML 3Page - Texas Instruments INA203AIDR Datasheet HTML 4Page - Texas Instruments INA203AIDR Datasheet HTML 5Page - Texas Instruments INA203AIDR Datasheet HTML 6Page - Texas Instruments INA203AIDR Datasheet HTML 7Page - Texas Instruments INA203AIDR Datasheet HTML 8Page - Texas Instruments INA203AIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
INA203, INA204, INA205
www.ti.com
SBOS393E – MARCH 2007 – REVISED NOVEMBER 2015
7 Specifications
7.1 Absolute Maximum Ratings
See
(1)
MIN
MAX
UNIT
Supply Voltage, Vs
18
V
Differential (VIN+) – (VIN–)
–18
18
V
Current-Shunt Monitor Analog
Inputs, VIN+ and VIN–
Common-Mode
–16
80
V
Comparator Analog Input and Reset Pins
GND – 0.3
(Vs) + 0.3
V
Analog Output, Out Pin
GND – 0.3
(Vs) + 0.3
V
Comparator Output, Out Pin
GND – 0.3
18
V
VREF and CMP2 Delay Pin
GND – 0.3
10
V
Input Current Into Any Pin
5
mA
Operating Temperature
–55
150
°C
Junction Temperature
–65
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins (1)
±4000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all
±500
pins (2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Vcm Common-mode input voltage
–16
12
80
V
Vs Operating supply voltage
2.7
12
18
V
TA Operating free-air temperature
–40
25
125
ºC
7.4 Thermal Information
INA20x
THERMAL METRIC (1)
D (SOIC)
DGS (VSSOP)
PW (TSSOP)
UNIT
14 PINS
10 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
84.9
161.3
112.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
44
36.8
37.2
°C/W
RθJB
Junction-to-board thermal resistance
39.4
82.3
55.4
°C/W
ψJT
Junction-to-top characterization parameter
10.3
1.3
2.7
°C/W
ψJB
Junction-to-board characterization parameter
39.1
80.8
54.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
150
200
150
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: INA203 INA204 INA205


Similar Part No. - INA203AIDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA203AIDGSR BURR-BROWN-INA203AIDGSR Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203AIDGSRG4 BURR-BROWN-INA203AIDGSRG4 Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203AIDGST BURR-BROWN-INA203AIDGST Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203AIDGSTG4 BURR-BROWN-INA203AIDGSTG4 Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
More results

Similar Description - INA203AIDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA203 BURR-BROWN-INA203 Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
logo
Texas Instruments
INA203-Q1 TI-INA203-Q1_15 Datasheet
647Kb / 24P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA206 TI1-INA206 Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA206 TI-INA206_15 Datasheet
1Mb / 39P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203 TI-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor
INA206 TI-INA206 Datasheet
433Kb / 23P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Dual Comparators
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
[Old version datasheet]   VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
logo
Burr-Brown (TI)
INA270 BURR-BROWN-INA270 Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com