Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA199A1RSWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA199A1RSWR
Description  Voltage Output Current Shunt Monitor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA199A1RSWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA199A1RSWR Datasheet HTML 4Page - Texas Instruments INA199A1RSWR Datasheet HTML 5Page - Texas Instruments INA199A1RSWR Datasheet HTML 6Page - Texas Instruments INA199A1RSWR Datasheet HTML 7Page - Texas Instruments INA199A1RSWR Datasheet HTML 8Page - Texas Instruments INA199A1RSWR Datasheet HTML 9Page - Texas Instruments INA199A1RSWR Datasheet HTML 10Page - Texas Instruments INA199A1RSWR Datasheet HTML 11Page - Texas Instruments INA199A1RSWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
V+
(V+)
0.5
-
(V+)
1.0
-
(V+)
1.5
-
(V+)
2.0
-
(V+)
2.5
-
(V+)
3.0
-
GND+3.0
GND+2.5
GND+2.0
GND+1.5
GND+1.0
GND+0.5
GND
0
5
10
15
20
OutputCurrent(mA)
25
30
35
40
V =2.7V
S
to26V
V =2.7Vto26V
S
V =5Vto26V
S
V =2.7V
S
T = 40 C
-
°
A
T =+25 C
°
A
T =+105 C
°
A
Frequency(Hz)
160
140
120
100
80
60
40
20
0
1
10
1M
100
1k
10k
100k
V =+5V
V
=1VSine
V
=Shorted
V
=2.5V
S
CM
DIF
REF
Frequency(Hz)
160
140
120
100
80
60
40
20
0
1
10
100k
V =+5V+250mVSineDisturbance
S
V
=0V
CM
V
=Shorted
DIF
V
=2.5V
REF
100
1k
10k
Frequency (Hz)
70
60
50
40
30
20
10
0
10
-
10
100
10M
1k
10k
100k
1M
V
= 0V
V
= 15mV
Sine
CM
DIF
PP
G = 50
G = 200
G = 100
Temperature( C)
°
20
15
10
5
0
5
10
15
20
-
-
-
-
-
50
-
25
125
0
25
50
75
100
Temperature( C)
°
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1.0
-
-
-
-
-
-50
-25
125
0
25
50
75
100
INA199
SBOS469E – APRIL 2009 – REVISED DECEMBER 2015
www.ti.com
7.7 Typical Characteristics
Performance measured with the INA199A3 at TA = 25°C, VS = 5 V, VIN+ = 12 V, and VREF = VS / 2, unless otherwise noted.
Figure 1. Offset Voltage vs Temperature
Figure 2. Common-Mode Rejection Ratio vs Temperature
Figure 3. Gain vs Frequency
Figure 4. Power-Supply Rejection Ratio vs Frequency
Figure 5. Common-Mode Rejection Ratio vs Frequency
Figure 6. Output Voltage Swing vs Output Current
8
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: INA199


Similar Part No. - INA199A1RSWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199A1RSWR TI-INA199A1RSWR Datasheet
797Kb / 22P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199A1RSWR TI-INA199A1RSWR Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
More results

Similar Description - INA199A1RSWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
[Old version datasheet]   VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
logo
Burr-Brown (TI)
INA270 BURR-BROWN-INA270 Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
INA270 BURR-BROWN-INA270_07 Datasheet
471Kb / 17P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
logo
Texas Instruments
INA270 TI-INA270_15 Datasheet
746Kb / 26P
[Old version datasheet]   INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor
logo
Analog Devices
AD8215 AD-AD8215_11 Datasheet
234Kb / 16P
   High Voltage, Current Shunt Monitor
REV. A
AD8212 AD-AD8212 Datasheet
178Kb / 8P
   High Voltage Current Shunt Monitor
Rev. PrA
AD8215 AD-AD8215_16 Datasheet
258Kb / 13P
   High Voltage, Current Shunt Monitor
AD8211 AD-AD8211_15 Datasheet
309Kb / 16P
   High Voltage Current Shunt Monitor
REV. A
AD8212 AD-AD8212_07 Datasheet
386Kb / 16P
   High Voltage Current Shunt Monitor
REV. 0
AD8211WYRJZ-RL AD-AD8211WYRJZ-RL Datasheet
309Kb / 16P
   High Voltage Current Shunt Monitor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com