Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA193AIDBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA193AIDBVT
Description  Current Shunt Monitor ??6 V to 80 V Common-Mode Range
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA193AIDBVT Datasheet(HTML) 3 Page - Texas Instruments

  INA193AIDBVT Datasheet HTML 1Page - Texas Instruments INA193AIDBVT Datasheet HTML 2Page - Texas Instruments INA193AIDBVT Datasheet HTML 3Page - Texas Instruments INA193AIDBVT Datasheet HTML 4Page - Texas Instruments INA193AIDBVT Datasheet HTML 5Page - Texas Instruments INA193AIDBVT Datasheet HTML 6Page - Texas Instruments INA193AIDBVT Datasheet HTML 7Page - Texas Instruments INA193AIDBVT Datasheet HTML 8Page - Texas Instruments INA193AIDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
OUT
GND
V+
V
IN
-
V
IN+
1
2
3
5
4
Pinout#2
OUT
GND
V
IN+
V+
V
IN
-
1
2
3
5
4
Pinout#1
INA193, INA194, INA195
INA196, INA197, INA198
www.ti.com
SBOS307G – MAY 2004 – REVISED JANUARY 2015
5 Device Comparison Table
PART NUMBER
GAIN
PINOUT(1)
INA193
20 V/V
Pinout #1
INA194
50 V/V
Pinout #1
INA195
100 V/V
Pinout #1
INA196
20 V/V
Pinout #2
INA197
50 V/V
Pinout #2
INA198
100 V/V
Pinout #2
(1) See Pin Configuration and Functions for Pinout #1 and Pinout #2.
6 Pin Configuration and Functions
DBV Package
DBV Package
5-Pin SOT-23
5-Pin SOT-23
INA193, INA194, INA195 Top View
INA196, INA197, INA198 Top View
Pin Functions
PIN
INA193,
INA196,
INA194,
INA197,
TYPE
DESCRIPTION
NAME
INA195
INA198
DBV
DBV
GND
2
2
GND
Ground
OUT
1
1
O
Output voltage
V+
5
3
Analog
Power supply, 2.7 V to 18 V
VIN+
3
4
I
Connect to supply side of shunt resistor
VIN–
4
5
I
Connect to load side of shunt resistor
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: INA193 INA194 INA195 INA196 INA197 INA198


Similar Part No. - INA193AIDBVT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA193AIDBVT BURR-BROWN-INA193AIDBVT Datasheet
226Kb / 15P
   CURRENT SHUNT MONITOR
logo
Texas Instruments
INA193AIDBVT TI1-INA193AIDBVT Datasheet
513Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA193AIDBVT TI1-INA193AIDBVT Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA193AIDBVTG4 TI1-INA193AIDBVTG4 Datasheet
513Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA193AIDBVTG4 TI1-INA193AIDBVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
More results

Similar Description - INA193AIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA193 TI1-INA193_17 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA195 TI-INA195_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA19x Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA193A-Q1 TI1-INA193A-Q1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Current Shunt Monitors ??6-V to 80-V Common-Mode Range
INA193A-Q1 TI1-INA193A-Q1 Datasheet
464Kb / 22P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V Common-Mode Range
INA193A-EP TI1-INA193A-EP Datasheet
465Kb / 20P
[Old version datasheet]   CURRENT SHUNT MONITORS??6 V to 80 V Common Mode Range
INA193A-EP TI-INA193A-EP_15 Datasheet
918Kb / 23P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V COMMON MODE RANGE
INA193A-Q1 TI-INA193A-Q1_15 Datasheet
945Kb / 30P
[Old version datasheet]   INA19xA-Q1 Current Shunt Monitors ??6-V to 80-V Common-Mode Range
INA193AIDBVRG4 TI1-INA193AIDBVRG4 Datasheet
627Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA194AIDBVTG4 TI1-INA194AIDBVTG4 Datasheet
513Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA901-SP TI-INA901-SP Datasheet
498Kb / 25P
[Old version datasheet]   INA901-SP Radiation Hardened, ??5-V to 65-V Common Mode, Unidirectional Current-Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com