Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54AC169L Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC169L
Description  4-Stage Synchronous Bidirectional Counter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC169L Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button 54AC169L Datasheet HTML 2Page - National Semiconductor (TI) 54AC169L Datasheet HTML 3Page - National Semiconductor (TI) 54AC169L Datasheet HTML 4Page - National Semiconductor (TI) 54AC169L Datasheet HTML 5Page - National Semiconductor (TI) 54AC169L Datasheet HTML 6Page - National Semiconductor (TI) 54AC169L Datasheet HTML 7Page - National Semiconductor (TI) 54AC169L Datasheet HTML 8Page - National Semiconductor (TI) 54AC169L Datasheet HTML 9Page - National Semiconductor (TI) 54AC169L Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AC Operating Requirements (Continued)
54AC
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 9)
C
L = 50 pF
Guaranteed
Minimum
t
h
Hold Time, HIGH or LOW
3.3
0.5
ns
CET to CP
5.0
2.5
t
s
Setup Time,
3.3
8.5
HIGH or LOW
5.0
6.5
ns
PE to CP
t
h
Hold Time, HIGH or LOW
3.3
0.5
ns
PE to CP
5.0
2.0
t
s
Setup Time,
3.3
13.0
HIGH or LOW
5.0
9.0
ns
U/D to CP
t
h
Hold Time, HIGH or LOW
3.3
0.5
ns
U/D to CP
5.0
2.0
t
w
CP Pulse Width,
3.3
5.0
ns
HIGH or LOW
5.0
5.0
Note 9: Voltage Range 3.3 is 3.3V ±0.3V
Voltage Range 5.0 is 5.0V ±0.5V
AC Electrical Characteristics
54ACT
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 10)
C
L = 50 pF
Min
Max
f
max
Maximum Clock
5.0
75
MHz
Frequency
t
PLH
Propagation Delay
CP to Q
n
5.0
1.5
12.5
ns
(PE HIGH or LOW)
t
PHL
Propagation Delay
CP to Q
n
5.0
1.5
12.5
ns
(PE HIGH or LOW)
t
PLH
Propagation Delay
5.0
1.5
16.5
ns
CP to TC
t
PHL
Propagation Delay
5.0
1.5
16.5
ns
CP to TC
t
PLH
Propagation Delay
5.0
1.5
13.5
ns
CET to TC
t
PHL
Propagation Delay
5.0
1.5
13.5
ns
CET to TC
t
PLH
Propagation Delay
5.0
1.5
14.5
ns
U/D to TC
t
PHL
Propagation Delay
5.0
1.5
14.5
ns
U/D to TC
7
www.national.com


Similar Part No. - 54AC169L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC169 TI1-54AC169 Datasheet
213Kb / 11P
[Old version datasheet]   4-Stage Synchronous Bidirectional Counter
More results

Similar Description - 54AC169L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F169 FAIRCHILD-74F169 Datasheet
89Kb / 8P
   4-Stage Synchronous Bidirectional Counter
logo
National Semiconductor ...
54F169DM NSC-54F169DM Datasheet
160Kb / 8P
   4-Stage Synchronous Bidirectional Counter
logo
Fairchild Semiconductor
74AC169 FAIRCHILD-74AC169 Datasheet
103Kb / 8P
   4-Stage Synchronous Bidirectional Counter
logo
Texas Instruments
54ACT169 TI1-54ACT169 Datasheet
213Kb / 11P
[Old version datasheet]   4-Stage Synchronous Bidirectional Counter
logo
NXP Semiconductors
74F569 PHILIPS-74F569 Datasheet
130Kb / 14P
   4-bit bidirectional binary synchronous counter 3-State
1996 Jan 05
logo
STMicroelectronics
M74HC40103 STMICROELECTRONICS-M74HC40103 Datasheet
662Kb / 16P
   8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTER
logo
Micrel Semiconductor
SY100S336 MICREL-SY100S336 Datasheet
149Kb / 9P
   4-STAGE COUNTER/ SHIFT REGISTER
logo
National Semiconductor ...
F100136 NSC-F100136 Datasheet
234Kb / 10P
   4-Stage Counter/Shift Register
logo
Micrel Semiconductor
SY100S336 MICREL-SY100S336_06 Datasheet
126Kb / 10P
   4-STAGE COUNTER/SHIFT REGISTER
logo
ON Semiconductor
SN54-74LS390 ONSEMI-SN54-74LS390 Datasheet
71Kb / 5P
   DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com