Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMPH6050SK3Q-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMPH6050SK3Q-13
Description  60V plus 175C P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMPH6050SK3Q-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMPH6050SK3Q-13 Datasheet HTML 1Page - Diodes Incorporated DMPH6050SK3Q-13 Datasheet HTML 2Page - Diodes Incorporated DMPH6050SK3Q-13 Datasheet HTML 3Page - Diodes Incorporated DMPH6050SK3Q-13 Datasheet HTML 4Page - Diodes Incorporated DMPH6050SK3Q-13 Datasheet HTML 5Page - Diodes Incorporated DMPH6050SK3Q-13 Datasheet HTML 6Page - Diodes Incorporated DMPH6050SK3Q-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMPH6050SK3Q
Document number: DS37293 Rev. 4 - 2
2 of 7
www.diodes.com
July 2015
© Diodes Incorporated
DMPH6050SK3Q
Q
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 7) VGS = -10V
Steady
State
TC = +25°C
TC = +70°C
ID
-23.6
-19
A
Steady
State
TA = +25°C
TA = +70°C
ID
-7.2
-6.0
A
Pulsed Drain Current (10
μs pulse, duty cycle = 1%)
IDM
-40
A
Maximum Continuous Body Diode Forward Current (Note 7)
IS
-3.8
A
Avalanche Current (Note 8) L = 0.1mH
IAS
-25
A
Avalanche Energy (Note 8) L = 0.1mH
EAS
31
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 6)
PD
1.9
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RJA
80
°C/W
Total Power Dissipation (Note 7)
PD
3.8
W
Thermal Resistance, Junction to Ambient (Note 7)
Steady State
RJA
39
°C/W
Thermal Resistance, Junction to Case (Note 7)
RJC
3
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 9)
Drain-Source Breakdown Voltage
BVDSS
-60
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
-1
µA
VDS = -60V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 9)
Gate Threshold Voltage
VGS(th)
-1
-3
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
50
m
Ω
VGS = -10V, ID = -7A
70
VGS = -4.5V, ID = -7A
Diode Forward Voltage
VSD
-0.7
-1.2
V
VGS = 0V, IS = -1A
DYNAMIC CHARACTERISTICS (Note 10)
Input Capacitance
Ciss
1,377
pF
VDS = -30V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
87
pF
Reverse Transfer Capacitance
Crss
68
pF
Gate Resistance
Rg
12
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = -4.5V)
Qg
12
nC
VDS = -30V, ID = -5A
Total Gate Charge (VGS = -10V)
Qg
25
nC
Gate-Source Charge
Qgs
3.8
nC
Gate-Drain Charge
Qgd
4.9
nC
Turn-On Delay Time
tD(on)
5.3
ns
VDS = -30V, VGS = -10V,
RG = 3Ω, ID = -5A
Turn-On Rise Time
tr
8.6
ns
Turn-Off Delay Time
tD(off)
49.4
ns
Turn-Off Fall Time
tf
29.7
ns
Body Diode Reverse Recovery Time
trr
14.2
nS
IF = -5A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
Qrr
7.9
nC
Notes:
6. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
7. Device mounted on FR-4 substrate PC board, 2oz copper, with 1-inch square copper plate.
8. IAS and EAS rating are based on low frequency and duty cycles to keep TJ = +25°C.
9. Short duration pulse test used to minimize self-heating effect.
10. Guaranteed by design. Not subject to product testing.


Similar Part No. - DMPH6050SK3Q-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMPH6050SK3 DIODES-DMPH6050SK3 Datasheet
527Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMPH6050SK3 DIODES-DMPH6050SK3 Datasheet
484Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMPH6050SK3 DIODES-DMPH6050SK3_16 Datasheet
484Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMPH6050SK3Q-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH6005LPS DIODES-DMTH6005LPS Datasheet
577Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6004SCTB DIODES-DMTH6004SCTB Datasheet
546Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6004SPS DIODES-DMTH6004SPS Datasheet
491Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6010LK3Q DIODES-DMTH6010LK3Q Datasheet
463Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6005LPSQ DIODES-DMTH6005LPSQ Datasheet
341Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6010SK3 DIODES-DMTH6010SK3 Datasheet
554Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6004LPS DIODES-DMTH6004LPS Datasheet
510Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6010LPSQ DIODES-DMTH6010LPSQ Datasheet
571Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMPH4015SK3 DIODES-DMPH4015SK3 Datasheet
408Kb / 7P
   175C P-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6004SCTBQ DIODES-DMTH6004SCTBQ Datasheet
554Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com