Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP10H400SE-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP10H400SE-13
Description  100V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP10H400SE-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP10H400SE-13 Datasheet HTML 1Page - Diodes Incorporated DMP10H400SE-13 Datasheet HTML 2Page - Diodes Incorporated DMP10H400SE-13 Datasheet HTML 3Page - Diodes Incorporated DMP10H400SE-13 Datasheet HTML 4Page - Diodes Incorporated DMP10H400SE-13 Datasheet HTML 5Page - Diodes Incorporated DMP10H400SE-13 Datasheet HTML 6Page - Diodes Incorporated DMP10H400SE-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMP10H400SE
Document Number DS37841 Rev. 3 - 2
2 of 7
www.diodes.com
November 2015
© Diodes Incorporated
DMP10H400SE
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-100
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current, VGS = -10V (Note 5)
Steady
State
TC = +25°C
TA = +25°C
ID
-6.0
-2.3
A
Maximum Body Diode Forward Current (Note 5)
IS
-1.9
A
Pulsed Drain Current (380
s Pulse, Duty Cycle = 1%)
IDM
-10
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
TA = +25°C
PD
2.0
W
TA = +70°C
1.3
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
62
°C/W
Total Power Dissipation (Note 5)
TC = +25°C
PD
13.7
W
Thermal Resistance, Junction to Case (Note 5)
RθJC
9.1
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
-100
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
IDSS
1
µA
VDS = -80V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(TH)
-1.0
-2.2
-3.0
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS(ON)
203
250
m
VGS = -10V, ID = -5A
241
300
VGS = -4.5V, ID =-5A
Diode Forward Voltage
VSD
-0.9
-1.2
V
VGS = 0V, IS = -5A
DYNAMIC CHARACTERISTICS (Note 7)
Input Capacitance
Ciss
1239
pF
VDS = -25V, VGS = 0V, f = 1.0MHz
Output Capacitance
Coss
42
Reverse Transfer Capacitance
Crss
28
Gate Resistance
Rg

13

VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = -4.5V)
Qg
8.4
nC
VDS = -60V, ID = -5A
Total Gate Charge (VGS = -10V)
Qg

17.5

Gate-Source Charge
Qgs
2.8
Gate-Drain Charge
Qgd
3.2
Turn-On Delay Time
tD(ON)
9.1
ns
VDD = -50V, RG = 9.1, ID = -5A
Turn-On Rise Time
tR
14.9
Turn-Off Delay Time
tD(OFF)
57.4
Turn-Off Fall Time
tF

34.4

Body Diode Reverse Recovery Time
tRR
25.2
ns
VGS = 0V, IS = -5A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR

24.5

nC
VGS = 0V, IS = -5A, di/dt = 100A/μs
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
6. Short duration pulse test used to minimize self-heating effect.
7. Guaranteed by design. Not subject to production testing.


Similar Part No. - DMP10H400SE-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP10H400SEQ DIODES-DMP10H400SEQ Datasheet
410Kb / 7P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP10H400SEQ-13 DIODES-DMP10H400SEQ-13 Datasheet
410Kb / 7P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP10H400SE-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP10H400SK3 DIODES-DMP10H400SK3 Datasheet
282Kb / 6P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTE300P10KN3 CYSTEKEC-MTE300P10KN3 Datasheet
471Kb / 9P
   100V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP10A18G DIODES-ZXMP10A18G_15 Datasheet
549Kb / 8P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP10A17G DIODES-ZXMP10A17G Datasheet
642Kb / 8P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP10A17K DIODES-ZXMP10A17K Datasheet
683Kb / 8P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP10H4D2S DIODES-DMP10H4D2S_17 Datasheet
538Kb / 6P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP10H4D2S DIODES-DMP10H4D2S Datasheet
538Kb / 6P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP10A17GQ DIODES-ZXMP10A17GQ Datasheet
216Kb / 6P
   100V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Shenzhen Huazhimei Semi...
HM3P10MR HMSEMI-HM3P10MR Datasheet
1Mb / 5P
   100V P-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
FDMS86163P LEIDITECH-FDMS86163P Datasheet
2Mb / 5P
   -100V P-Channel Enhancement Mode MOSFET
Rev : 01.09.2021
FQD8P10TM_F085 LEIDITECH-FQD8P10TM_F085 Datasheet
1Mb / 5P
   -100V P-Channel Enhancement Mode MOSFET
Rev : 01.0 8 .2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com