Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM339PWRG3 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM339PWRG3
Description  Quad Differential Comparators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM339PWRG3 Datasheet(HTML) 1 Page - Texas Instruments

  LM339PWRG3 Datasheet HTML 1Page - Texas Instruments LM339PWRG3 Datasheet HTML 2Page - Texas Instruments LM339PWRG3 Datasheet HTML 3Page - Texas Instruments LM339PWRG3 Datasheet HTML 4Page - Texas Instruments LM339PWRG3 Datasheet HTML 5Page - Texas Instruments LM339PWRG3 Datasheet HTML 6Page - Texas Instruments LM339PWRG3 Datasheet HTML 7Page - Texas Instruments LM339PWRG3 Datasheet HTML 8Page - Texas Instruments LM339PWRG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
IN+
IN−
OUT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM139, LM239, LM339, LM139A
LM239A, LM339A, LM2901, LM2901AV, LM2901V
SLCS006T – OCTOBER 1979 – REVISED JUNE 2015
LMx39x, LM2901xx Quad Differential Comparators
1 Features
3 Description
The LMx39x and the LM2901xx devices consist of
1
Wide Supply Ranges
four
independent
voltage
comparators
that
are
Single Supply: 2 V to 36 V
designed to operate from a single power supply over
(Tested to 30 V for Non-V Devices and
a wide range of voltages. Operation from dual
32 V for V-Suffix Devices)
supplies also is possible, as long as the difference
between the two supplies is 2 V to 36 V, and VCC is
Dual Supplies: ±1 V to ±18 V
at least 1.5 V more positive than the input common-
(Tested to ±15 V for Non-V Devices and
mode voltage. Current drain is independent of the
±16 V for V-Suffix Devices)
supply voltage. The outputs can be connected to
Low Supply-Current Drain Independent of
other open-collector outputs to achieve wired-AND
Supply Voltage: 0.8 mA (Typical)
relationships.
Low Input Bias Current: 25 nA (Typical)
The LM139 and LM139A devices are characterized
Low Input Offset Current: 3 nA (Typical) (LM139)
for operation over the full military temperature range
Low Input Offset Voltage: 2 mV (Typical)
of –55°C to 125°C. The LM239 and LM239A devices
are characterized for operation from –25°C to 125°C.
Common-Mode Input Voltage Range
The LM339 and LM339A devices are characterized
Includes Ground
for operation from 0°C to 70°C. The LM2901,
Differential Input Voltage Range Equal to
LM2901AV, and LM2901V devices are characterized
Maximum-Rated Supply Voltage: ±36 V
for operation from –40°C to 125°C.
Low Output Saturation Voltage
Device Information(1)
Output Compatible With TTL, MOS, and CMOS
PART NUMBER
PACKAGE
BODY SIZE (NOM)
On Products Compliant to MIL-PRF-38535,
CDIP (14)
21.30 mm × 7.60 mm
All Parameters Are Tested Unless Otherwise
LM139x
LCCC (20)
8.90 mm × 8.90 mm
Noted. On All Other Products, Production
CFP (14)
9.20 mm × 6.29 mm
Processing Does Not Necessarily Include Testing
of All Parameters.
LM139x,
LM239x,
SOIC (14)
8.70 mm × 3.90 mm
LM339x,
2 Applications
LM2901x
Industrial
LM239, LM339x,
PDIP (14)
19.30 mm × 6.40 mm
LM2901
Automotive
LM239, LM2901
TSSOP (14)
5.00 mm × 4.40 mm
HEV/EV and Power Trains
LM339x, LM2901 SO (14)
10.20 mm × 5.30 mm
Infotainment and Clusters
LM339x
SSOP (14)
6.50 mm × 5.30 mm
Body Control Modules
(1) For all available packages, see the orderable addendum at
Power Supervision
the end of the data sheet.
Oscillators
Peak Detectors
Logic Voltage Translation
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
On products compliant to MIL-PRF-38535, all parameters are
tested unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - LM339PWRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM339PWRG3 TI1-LM339PWRG3 Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM339PWRG3 TI-LM339PWRG3 Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM339PWRG3 TI1-LM339PWRG3 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM339PWRG3 TI1-LM339PWRG3 Datasheet
2Mb / 28P
[Old version datasheet]   Low-Power Low-Offset Voltage Quad Comparators
LM339PWRG3 TI-LM339PWRG3 Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
More results

Similar Description - LM339PWRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139A TI1-LM139A Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139 Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
logo
Texas Instruments
LM2901ID TI-LM2901ID Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139_07 Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM111 TI1-LM111_15 Datasheet
2Mb / 38P
[Old version datasheet]   Quad Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com