Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC2450UV-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMC2450UV-13
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC2450UV-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMC2450UV-13 Datasheet HTML 1Page - Diodes Incorporated DMC2450UV-13 Datasheet HTML 2Page - Diodes Incorporated DMC2450UV-13 Datasheet HTML 3Page - Diodes Incorporated DMC2450UV-13 Datasheet HTML 4Page - Diodes Incorporated DMC2450UV-13 Datasheet HTML 5Page - Diodes Incorporated DMC2450UV-13 Datasheet HTML 6Page - Diodes Incorporated DMC2450UV-13 Datasheet HTML 7Page - Diodes Incorporated DMC2450UV-13 Datasheet HTML 8Page - Diodes Incorporated DMC2450UV-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DMC2450UV
Document number: DS38197 Rev. 1 - 2
3 of 10
www.diodes.com
September 2015
© Diodes Incorporated
DMC2450UV
Electrical Characteristics - Q1 N-CHANNEL (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
20
V
VGS = 0V, ID = 1mA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
100
nA
VDS = 20V, VGS = 0V
Gate-Source Leakage
IGSS
±1.0
µA
VGS = ±5V, VDS = 0V
±10.0
VGS = ±8V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
0.5
0.9
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
0.3
0.48
Ω
VGS = 5.0V, ID = 200mA
0.35
0.5
VGS = 4.5V, ID = 200mA
0.45
0.7
VGS = 2.5V, ID = 200mA
0.55
0.9
VGS = 1.8V, ID = 100mA
0.65
1.5
VGS = 1.5V, ID = 50mA
2
VGS = 1.2V, ID = 1mA
Diode Forward Voltage
VSD
0.7
1.2
V
VGS = 0V, IS = 500mA,
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
37.1
pF
VDS = 10V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
6.5
Reverse Transfer Capacitance
Crss
4.8
Gate Resistance
Rg
68
Ω
VDS = 0V, VGS = 0V,
Total Gate Charge
Qg
0.5
nC
VGS = 4.5V, VDS = 10V,
ID = 250mA
Gate-Source Charge
Qgs
0.07
Gate-Drain Charge
Qgd
0.1
Turn-On Delay Time
tD(on)
4.06
ns
VDD = 10V, VGS = 4.5V,
RL = 47Ω, RG = 10Ω,
ID = 200mA
Turn-On Rise Time
tr
7.28
Turn-Off Delay Time
tD(off)
13.74
Turn-Off Fall Time
tf
10.54
Notes:
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.
0
0.5
1.0
1.5
2.0
0
1
2
3
4
5
Fig. 1 Typical Output Characteristics
V
, DRAIN-SOURCE VOLTAGE (V)
DS
V
= 1.5V
GS
V
= 2.0V
GS
V
= 2.5V
GS
V
= 4.5V
GS
V
= 1.2V
GS
V
= 1.8V
GS
0
0.5
1.0
1.5
0
0.5
1
1.5
2
2.5
3
Fig. 2 Typical Transfer Characteristics
V
, GATE SOURCE VOLTAGE (V)
GS
V
= 5V
DS
T = -55°C
A
T = 25°C
A
T = 125°C
A
T = 150°C
A
T = 85°C
A


Similar Part No. - DMC2450UV-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC2400UV DIODES-DMC2400UV Datasheet
287Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2400UV-13 DIODES-DMC2400UV-13 Datasheet
287Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2400UV-13 DIODES-DMC2400UV-13 Datasheet
363Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2400UV-7 DIODES-DMC2400UV-7 Datasheet
287Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2400UV-7 DIODES-DMC2400UV-7 Datasheet
363Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results

Similar Description - DMC2450UV-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com