Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPSD3233BV-24U6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # UPSD3233BV-24U6
Description  8032 MCU with USB and Programmable Logic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3233BV-24U6 Datasheet(HTML) 3 Page - STMicroelectronics

  UPSD3233BV-24U6 Datasheet HTML 1Page - STMicroelectronics UPSD3233BV-24U6 Datasheet HTML 2Page - STMicroelectronics UPSD3233BV-24U6 Datasheet HTML 3Page - STMicroelectronics UPSD3233BV-24U6 Datasheet HTML 4Page - STMicroelectronics UPSD3233BV-24U6 Datasheet HTML 5Page - STMicroelectronics UPSD3233BV-24U6 Datasheet HTML 6Page - STMicroelectronics UPSD3233BV-24U6 Datasheet HTML 7Page - STMicroelectronics UPSD3233BV-24U6 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
uPSD32xx
SUMMARY DESCRIPTION
The uPSD32xx Series combines a fast 8051-
based microcontroller with a flexible memory
structure, programmable logic, and a rich periph-
eral mix including USB, to form an ideal embedded
controller. At its core is an industry-standard 8032
MCU operating up to 40MHz.
A JTAG serial interface is used for In-System Pro-
gramming (ISP) in as little as 10 seconds, perfect
for manufacturing and lab development.
The USB 1.1 low-speed interface has one Control
endpoint and two Interrupt endpoints suitable for
HID class drivers.
The 8032 core is coupled to Programmable Sys-
tem Device (PSD) architecture to optimize the
8032 memory structure, offering two independent
banks of Flash memory that can be placed at vir-
tually any address within 8032 program or data ad-
dress space, and easily paged beyond 64K bytes
using on-chip programmable decode logic.
Dual Flash memory banks provide a robust solu-
tion for remote product updates in the field through
In-Application Programming (IAP). Dual Flash
banks also support EEPROM emulation, eliminat-
ing the need for external EEPROM chips.
General purpose programmable logic (PLD) is in-
cluded to build an endless variety of glue-logic,
saving external logic devices. The PLD is config-
ured using the software development tool, PSD-
soft
Express,
available
from
the
web
at
www.st.com/psm, at no charge.
The uPSD32xx also includes supervisor functions
such as a programmable watchdog timer and low-
voltage reset.
Figure 2. Block Diagram
PA0:7
PB0:7
PD1:2
PC0:7
MCU
Bus
P4.0:7
P1.0:7
P3.0:7
uPSD32xx
Dedicated
Pins
Supervisor:
Watchdog and Low-Voltage Reset
1st Flash Memory:
64K, 128K,
or 256K Bytes
2nd Flash Memory:
16K or 32K Bytes
SRAM:
2K, 8K, or 32K Bytes
Programmable
Decode and
Page Logic
General
Purpose
Programmable
Logic,
16 Macrocells
(8) GPIO, Port A
(80-pin only)
(8) GPIO, Port B
(4) GPIO, Port C
(2) GPIO, Port D
JTAG ISP
8032 Address/Data/Control Bus
(80-pin device only)
V
CC, VDD, GND, Reset, Crystal In
8032
MCU
Core
(3) 16-bit
Timer/
Counters
(2)
External
Interrupts
I
2C
(4) 8-bit ADC
UART0
(8) GPIO, Port 1
(8) GPIO, Port 3
(8) GPIO, Port 4
UART1
(5) 8-bit PWM
AI10401
USB+,
USB–
USB v1.1
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - UPSD3233BV-24U6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3233BV-24U6 STMICROELECTRONICS-UPSD3233BV-24U6 Datasheet
1Mb / 170P
   Flash Programmable System Devices with 8032 Microcontroller Core
UPSD3233BV-24U6 STMICROELECTRONICS-UPSD3233BV-24U6 Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
UPSD3233BV-24U6T STMICROELECTRONICS-UPSD3233BV-24U6T Datasheet
1Mb / 170P
   Flash Programmable System Devices with 8032 Microcontroller Core
UPSD3233BV-24U6T STMICROELECTRONICS-UPSD3233BV-24U6T Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
UPSD3233BV-24U6T STMICROELECTRONICS-UPSD3233BV-24U6T Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
More results

Similar Description - UPSD3233BV-24U6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD34XX STMICROELECTRONICS-UPSD34XX Datasheet
267Kb / 9P
   Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD3212A STMICROELECTRONICS-UPSD3212A Datasheet
2Mb / 163P
   Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
UPSD33XX STMICROELECTRONICS-UPSD33XX Datasheet
3Mb / 231P
   Fast 8032 MCU with Programmable Logic
UPSD3354DV-40U6 STMICROELECTRONICS-UPSD3354DV-40U6 Datasheet
3Mb / 272P
   fast 8032 MCU with programmable logic
UPSD3422 STMICROELECTRONICS-UPSD3422_V01 Datasheet
3Mb / 300P
   Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
Rev 5 January 2009
UPSD3422 STMICROELECTRONICS-UPSD3422 Datasheet
4Mb / 264P
   Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD3422 STMICROELECTRONICS-UPSD3422_06 Datasheet
4Mb / 293P
   Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD325X STMICROELECTRONICS-UPSD325X Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
UPSD3200 STMICROELECTRONICS-UPSD3200 Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
UPSD3234A STMICROELECTRONICS-UPSD3234A Datasheet
1Mb / 170P
   Flash Programmable System Devices with 8032 Microcontroller Core
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com