Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMV762MA Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part No. LMV762MA
Description  Low-Voltage, Precision Comparator With Push-Pull Output
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

LMV762MA Datasheet(HTML) 10 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
|
TIME (ns)
0
50
100
150
200
150
0
6
250
1
2
3
4
5
|
0
OVERDRIVE =
50 mV
10 mV
5 mV
OVERDRIVE
VCC = 5 V
TEMP = 25°C
LOAD = 5.1 k:
50 pF
50
100
150
200
250
TIME (ns)
150
0
3
300
0
1
2
|
|
OVERDRIVE =
50 mV
10 mV
5 mV
0
VCC = 2.7 V
TEMP = 25°C
LOAD = 5.1 k:
50 pF
OVERDRIVE
TIME (ns)
0
50
100
150
200
-150
0
6
250
1
2
3
4
5
|
|
0
VCC = 5 V
TEMP = 25°C
LOAD = 5.1 k:
50 pF
OVERDRIVE =
50 mV
10 mV
5 mV
OVERDRIVE
50
100
150
200
250
TIME (ns)
-150
0
3
300
0
1
2
|
|
OVERDRIVE =
50 mV
10 mV
5 mV
OVERDRIVE
0
VCC = 2.7 V
TEMP = 25°C
LOAD = 5.1 k:
50 pF
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
2
4
6
8
10
12
14
16
18
20
VOUT (V)
VCC = 2.7 V
-40°C
25°C
85°C
125°C
1
10
100
OVERDRIVE (mV)
0
50
100
150
200
250
300
350
400
450
500
2.7 V
5 V
RL = 5.1 k:
CL = 50 pF
LMV761, LMV762, LMV762Q-Q1
SNOS998I – FEBRUARY 2002 – REVISED OCTOBER 2015
www.ti.com
Typical Characteristics (continued)
Figure 14. Prop Delay vs Overdrive
Figure 13. ISINK vs VOUT
Figure 15. Response Time vs Input Overdrives Positive
Figure 16. Response Time vs Input Overdrives Positive
Transition
Transition
Figure 17. Response Time vs Input Overdrives Negative
Figure 18. Response Time vs Input Overdrives Negative
Transition
Transition
10
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: LMV761 LMV762 LMV762Q-Q1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn