Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMV762MA Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part No. LMV762MA
Description  Low-Voltage, Precision Comparator With Push-Pull Output
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

LMV762MA Datasheet(HTML) 9 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
0
0.5
1
1.5
2
2.5
0
10
20
30
40
50
60
V
(V)
OUT
V
= 5 V
CC
-40°C
25°C
85°C
125°C
0
0.4
0.6
0.8
1
1.2
1.4
VOUT (V)
0
5
10
15
20
25
0.2
VCC = 2.7 V
-40°C
25°C
85°C
125°C
2
2.5
3
3.5
4
4.5
5
5.5
6
0
0.2
VCC (V)
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
125°C
-40°C
85°C
25°C
IL = -2 mA
0
0.5
1
1.5
2
2.5
0
10
20
30
40
50
60
70
80
VOUT (V)
-40°C
25°C
85°C
125°C
VCC = 5 V
2
2.5
3
3.5
4
4.5
5
5.5
6
VCC (V)
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
-40°C
125°C
85°C
25°C
IL = 2 mA
2
2.5
3
3.5
4
4.5
5
5.5
6
VCC (V)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
-40°C
125°C
85°C
25°C
IL = -4 mA
LMV761, LMV762, LMV762Q-Q1
www.ti.com
SNOS998I – FEBRUARY 2002 – REVISED OCTOBER 2015
Typical Characteristics (continued)
Figure 7. Output Voltage vs Supply Voltage
Figure 8. Output Voltage vs Supply Voltage
Figure 9. Output Voltage vs Supply Voltage
Figure 10. ISOURCE vs VOUT
Figure 12. ISOURCE vs VOUT
Figure 11. ISINK vs VOUT
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMV761 LMV762 LMV762Q-Q1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn