Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV762QMMX Datasheet(PDF) 14 Page - Texas Instruments

Part # LMV762QMMX
Description  Low-Voltage, Precision Comparator With Push-Pull Output
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV762QMMX Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMV762QMMX Datasheet HTML 10Page - Texas Instruments LMV762QMMX Datasheet HTML 11Page - Texas Instruments LMV762QMMX Datasheet HTML 12Page - Texas Instruments LMV762QMMX Datasheet HTML 13Page - Texas Instruments LMV762QMMX Datasheet HTML 14Page - Texas Instruments LMV762QMMX Datasheet HTML 15Page - Texas Instruments LMV762QMMX Datasheet HTML 16Page - Texas Instruments LMV762QMMX Datasheet HTML 17Page - Texas Instruments LMV762QMMX Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
-1
0
1
2
3
4
5
6
0
10
20
30
40
50
TIME (µs)
C001
VOUT
Va
Vc
CC
2
3
A2
1
2
3
V
(R
R )
V
R
(R
R )
R
R
CC
2
A1
2
1
3
V
R
V
R
R
R
˜
R
LMV761, LMV762, LMV762Q-Q1
SNOS998I – FEBRUARY 2002 – REVISED OCTOBER 2015
www.ti.com
Typical Application (continued)
Consider the output of Figure 23 is high to analyze the circuit. That implies that the inverted input (VC) is lower
than the noninverting input (VA). This causes the C1 to be charged through R4, and the voltage VC increases until
it is equal to the noninverting input. The value of VA at this point is calculated by Equation 4:
(4)
If R1 = R2 = R3, then VA1 = 2 VCC / 3
At this point the comparator switches pulling down the output to the negative rail. The value of VA at this point is
calculated by Equation 5:
(5)
If R1 = R2 = R3, then VA2 = VCC / 3.
The capacitor C1 now discharges through R4, and the voltage VC decreases until it is equal to VA2, at which point
the comparator switches again, bringing it back to the initial stage. The time period is equal to twice the time it
takes to discharge C1 from 2 VCC / 3 to VCC / 3, which is given by R4C1 × ln2. Hence, the formula for the
frequency is calculated by Equation 6:
F = 1 / (2 × R4 × C1 × ln2)
(6)
8.2.3 Application Curve
Figure Figure 25 shows the simulated results of an oscillator using the following values:
R1 = R2 = R3 = R4 = 100 kΩ
C1 = 100 pF, CL = 20 pF
V+ = 5 V, V– = GND
CSTRAY (not shown) from Va to GND = 10 pF
Figure 25. Square-Wave Oscillator Output Waveform
14
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: LMV761 LMV762 LMV762Q-Q1


Similar Part No. - LMV762QMMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV762QMANOPB TI1-LMV762QMANOPB Datasheet
1Mb / 20P
[Old version datasheet]   LMV761/LMV762/LMV762Q Low Voltage, Precision Comparator with Push-Pull Output
LMV762QMAXNOPB TI1-LMV762QMAXNOPB Datasheet
1Mb / 20P
[Old version datasheet]   LMV761/LMV762/LMV762Q Low Voltage, Precision Comparator with Push-Pull Output
More results

Similar Description - LMV762QMMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV762 NSC-LMV762 Datasheet
350Kb / 12P
   Low Voltage, Precision Comparator with Push-Pull Output
LMV761 NSC-LMV761 Datasheet
346Kb / 10P
   Low Voltage, Precision Comparator with Push-Pull Output
logo
Texas Instruments
LMV761 TI1-LMV761_14 Datasheet
1Mb / 20P
[Old version datasheet]   LMV761/LMV762/LMV762Q Low Voltage, Precision Comparator with Push-Pull Output
logo
Diodes Incorporated
AZV3001A DIODES-AZV3001A Datasheet
554Kb / 10P
   SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
logo
SG Micro Corp
SGM8704 SGMICRO-SGM8704 Datasheet
368Kb / 17P
   Push-Pull Output Comparator
SGM8705 SGMICRO-SGM8705 Datasheet
334Kb / 15P
   Push-Pull Output Comparator
logo
Advanced Linear Devices
ALD2302A ALD-ALD2302A_07 Datasheet
59Kb / 6P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2332 ALD-ALD2332 Datasheet
90Kb / 11P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4302A ALD-ALD4302A_05 Datasheet
47Kb / 6P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2302 ALD-ALD2302_10 Datasheet
75Kb / 9P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com