Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV7275-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMV7275-Q1
Description  Automotive Single 1.8-V Low Power Comparator With Rail-to-Rail Input
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV7275-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMV7275-Q1 Datasheet HTML 7Page - Texas Instruments LMV7275-Q1 Datasheet HTML 8Page - Texas Instruments LMV7275-Q1 Datasheet HTML 9Page - Texas Instruments LMV7275-Q1 Datasheet HTML 10Page - Texas Instruments LMV7275-Q1 Datasheet HTML 11Page - Texas Instruments LMV7275-Q1 Datasheet HTML 12Page - Texas Instruments LMV7275-Q1 Datasheet HTML 13Page - Texas Instruments LMV7275-Q1 Datasheet HTML 14Page - Texas Instruments LMV7275-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
LMV7275-Q1
www.ti.com
SNOSD09 – SEPTEMBER 2015
Feature Description (continued)
7.3.2 Output Stage
Figure 19. LMV7275-Q1 Open-Drain Output
The LMV7275-Q1 has an open-drain output that requires a pull-up resistor to a positive supply voltage for the
output to operate properly. When the internal output transistor is off, the output voltage will be pulled up to the
external positive voltage (V2+) by the external pull-up resistor. This allows the output to be OR'ed with other
open-drain outputs on the same bus.
The output pull-up resistor may be connected to any voltage level between V- and V+ for level shifting
applications.
7.4 Device Functional Modes
7.4.1 Capacitive and Resistive Loads
The propagation delay on the rising edge of the LMV7275-Q1 depends on the load resistance and capacitance
values.
7.4.2 Noise
Most comparators have rather low gain. This allows the output to alternate between high and low when the input
signal changes slowly. The result is the output may oscillate between high and low when the differential input is
near zero and triggers on noise. The high gain of this comparator eliminates this problem. Less than 1
μV of
change on the input will drive the output from one rail to the other rail. If the input signal is noisy, the output
cannot ignore the noise unless some hysteresis is provided by positive feedback. (See Hysteresis.)
7.4.3 Hysteresis
It is a standard procedure to use hysteresis (positive feedback) around a comparator to prevent oscillation due to
the comparator triggering its own noise on slowly ramping signals. The following sections will describe various
ways to apply hysteresis.
7.4.3.1 Non-inverting Comparator With Hysteresis
Non-inverting comparator with hysteresis requires a two resistor network, and a voltage reference (Vref) at the
inverting input. When Vin is low, the output is also low. For the output to switch from low to high, Vin must rise up
to Vin1 where Vin1 is calculated by:
(1)
When Vin is high, the output is also high. To make the comparator switch back to its low state, Vin must equal Vref
before VA will again equal Vref. Vin can be calculated by:
(2)
The hysteresis of this circuit is the difference between Vin1 and Vin2.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMV7275-Q1


Similar Part No. - LMV7275-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV7275-Q1 TI-LMV7275-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMV7275-Q1 Automotive Single 1.8-V Low Power Comparator With Rail-to-Rail Input
More results

Similar Description - LMV7275-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV7275-Q1 TI-LMV7275-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMV7275-Q1 Automotive Single 1.8-V Low Power Comparator With Rail-to-Rail Input
logo
STMicroelectronics
TS3021H STMICROELECTRONICS-TS3021H Datasheet
1Mb / 19P
   Automotive rail-to-rail 1.8 V high-speed comparator
August 2016 Rev 2
logo
National Semiconductor ...
LMV7291 NSC-LMV7291 Datasheet
400Kb / 14P
   Single 1.8V Low Power Comparator with Rail-to-Rail Input
logo
Texas Instruments
LMV7291 TI1-LMV7291 Datasheet
1Mb / 23P
[Old version datasheet]   Single 1.8V Low Power Comparator with Rail-to-Rail Input
LMV7271 TI1-LMV7271_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single and Dual, 1.8-V Low Power Comparators With Rail-to-Rail Input
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021_V01 Datasheet
610Kb / 16P
   Rail-to-rail 1.8 V high-speed comparator
Rev 9 - October 2022
logo
Analog Devices
AD8515 AD-AD8515_15 Datasheet
371Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail
Rev. D
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
logo
National Semiconductor ...
LMV7251 NSC-LMV7251 Datasheet
221Kb / 11P
   1.8V Low Voltage Comparator with Rail-to-Rail Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com